Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3477IUF Datasheet(PDF) 7 Page - Linear Technology

Part # LT3477IUF
Description  3A, DC/DC Converter with Dual Rail-to-Rail Current Sense
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3477IUF Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3477IUF Datasheet HTML 3Page - Linear Technology LT3477IUF Datasheet HTML 4Page - Linear Technology LT3477IUF Datasheet HTML 5Page - Linear Technology LT3477IUF Datasheet HTML 6Page - Linear Technology LT3477IUF Datasheet HTML 7Page - Linear Technology LT3477IUF Datasheet HTML 8Page - Linear Technology LT3477IUF Datasheet HTML 9Page - Linear Technology LT3477IUF Datasheet HTML 10Page - Linear Technology LT3477IUF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LT3477
3477fb
OPERATIO
The LT3477 uses a fixed frequency, current mode control
scheme to provide excellent line and load regulation.
Operation can be best understood by referring to the Block
Diagram in Figure 1. The start of each oscillator cycle sets
the SR latch and turns on power switch Q1. The signal at
the noninverting input of the PWM comparator (A4 SLOPE)
is proportional to the sum of the switch current and
oscillator ramp. When SLOPE exceeds VC (the output of
the feedback amplifier), the PWM comparator resets the
latch and turns off the power switch. In this manner, the
feedback amplifier and PWM comparators set the correct
peak current level to keep the output in regulation. Ampli-
fier A3 drives A4 inverting input. A3 has three inputs, one
from the voltage feedback loop and the other two from the
current feedback loop. Whichever feedback input is higher
takes precedence, forcing the converter into either a
constant-current or a constant-voltage mode. The LT3477
is designed to transition cleanly between the two modes of
operation. Current sense amplifier IA1 senses the voltage
between the ISP1 and ISN1 pins and provides a pre-gain to
amplifier A1. When the voltage between ISP1 and ISN1
reaches 100mV, the output of IA1 provides VADJ to the
inverting input of A1 and the converter is in constant-
current mode. If the current sense voltage exceeds 100mV,
the output of IA1 will increase causing the output of A3 to
decrease, thus reducing the amount of current delivered to
the output. In this manner the current sense voltage is
regulated to 100mV. The current sense level is also pin
adjustable by IADJ1. Forcing IADJ1 to less than 625mV will
overwrite VADJ voltage that’s set internally, thus providing
current level control. The second current sense amplifier,
IA2, works the same as the first current sense amplifier
IA1. Both current sense amplifiers provide rail-to-rail
current sense operation. Similarly, for positive output
voltage operation where FBP is tied to VREF, if the FBN pin
increases above VREF, the output of A3 will decrease to
reduce the peak current level and regulate the output
(constant-voltage mode). For negative output voltage
operation where FBN is tied to GND, if the FBP pin
decreases below GND level, the output of A3 will decrease
to reduce the peak current level and regulate the output
(constant-voltage mode).
The LT3477 also features a soft-start function. During
start-up, 9
µA of current charges the external soft-start
capacitor. The SS pin directly limits the rate of voltage rise
on the VC pin, which in turn limits the peak switch current.
The switch current is constantly monitored and not al-
lowed to exceed the nominal value of 3A. If the switch
current reaches 3A, the SR latch is reset regardless of the
output of the PWM comparator. Current limit protects the
power switch and external components.


Similar Part No. - LT3477IUF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3477 LINER-LT3477 Datasheet
274Kb / 24P
   PWM LED Driver and Boost, Flyback and SEPIC Controller
LT3477 LINER-LT3477 Datasheet
294Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
LT3477 LINER-LT3477 Datasheet
207Kb / 20P
   True Color PWM Delivers Constant Color with 400:1 Dimming Range
LT3477 LINER-LT3477 Datasheet
274Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
logo
Linear Dimensions Semic...
LT3477 LINEAR_DIMENSIONS-LT3477 Datasheet
404Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
More results

Similar Description - LT3477IUF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3477 LINER-LT3477_15 Datasheet
263Kb / 20P
   3A, DC/DC Converter with Dual Rail-to-Rail Current Sense
LT1621 LINER-LT1621_15 Datasheet
253Kb / 12P
   Rail-to-Rail Current Sense Amplifier
LT1620 LINER-LT1620_15 Datasheet
253Kb / 12P
   Rail-to-Rail Current Sense Amplifier
LT1620 LINER-LT1620 Datasheet
282Kb / 12P
   Rail-to-Rail Current Sense Amplifier
logo
Power Mate Technology C...
DFEC15W P-DUKE-DFEC15W_14 Datasheet
284Kb / 3P
   DIN RAIL DC-DC CONVERTER
DFED20 P-DUKE-DFED20_14 Datasheet
371Kb / 3P
   DIN RAIL DC-DC CONVERTER
DFEC30 P-DUKE-DFEC30_14 Datasheet
370Kb / 3P
   DIN RAIL DC-DC CONVERTER
DFED20W P-DUKE-DFED20W_14 Datasheet
369Kb / 3P
   DIN RAIL DC-DC CONVERTER
logo
Anaren Microwave
MSK197RH ANAREN-MSK197RH Datasheet
327Kb / 7P
   RAD HARD PRECISION RAIL TO RAIL CURRENT SENSE
MSK196RH ANAREN-MSK196RH Datasheet
1Mb / 7P
   RAD HARD PRECISION RAIL TO RAIL CURRENT SENSE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com