Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38277EEMXXXGP Datasheet(PDF) 11 Page - Mitsubishi Electric Semiconductor

Part # M38277EEMXXXGP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38277EEMXXXGP Datasheet(HTML) 11 Page - Mitsubishi Electric Semiconductor

Back Button M38277EEMXXXGP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M38277EEMXXXGP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M38277EEMXXXGP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M38277EEMXXXGP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M38277EEMXXXGP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M38277EEMXXXGP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M38277EEMXXXGP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M38277EEMXXXGP Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M38277EEMXXXGP Datasheet HTML 15Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 70 page
background image
11
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
3827 Group
I/O PORTS
Direction Registers
The I/O ports have direction registers which determine the input/
output direction of each individual pin. (P00–P07 and P10–P15 use
bit 0 of port P0, P1 direction registers respectively.)
When “1” is written to that bit, that pin becomes an output pin.
When “0” is written to the bit corresponding to a pin, that pin be-
comes an input pin.
If data is read from a pin set to output, the value of the port output
latch is read, not the value of the pin itself. Pins set to input are
floating and the value of that pin can be read. If a pin set to input
is written to, only the port output latch is written to and the pin re-
mains floating.
Port P3 Output Control Register
Bit 0 of the port P3 output control register (address 000716) en-
ables control of the output of ports P30 to P37.
When the bit is set to “1”, the port output function is valid.
When resetting, bit 0 of the port P3 output control register is set to
“0” (the port output function is invalid.) and ports P30 to P37 are
pulled up.
Pull-up Control
By setting the PULL register A (address 001616) or the PULL reg-
ister B (address 001716), ports P0 to P6 can control pull-up with a
program.
However, the contents of PULL register A and PULL register B do
not affect ports programmed as the output ports.
The PULL register A setting is invalid for pins set to segment out-
put on the segment output enable register.
Fig. 9 Structure of PULL register A and PULL register B
P00, P01 pull-up
P02,P03 pull-up
P04–P07 pull-up
P10–P13 pull-up
P14,P15 pull-up
P16,P17 pull-up
P20–P23 pull-up
P24–P27 pull-up
PULL register A
(PULLA : address 001616)
b7
b0
P41–P43 pull-up
P44–P47 pull-up
P50–P53 pull-up
P54–P57 pull-up
P60–P63 pull-up
P64–P67 pull-up
Not used (return “0” when read)
0 : No pull-up
1 : Pull-up
PULL register B
(PULLB : address 001716)
b7
b0
Note : The contents of PULL register A and PULL register B
do not affect ports programmed as the output port.


Similar Part No. - M38277EEMXXXGP

ManufacturerPart #DatasheetDescription
logo
Heyco.
M3820 HEYCO-M3820 Datasheet
230Kb / 1P
   Tite Snap-In-2® Liquid Tight Cordgrips
logo
Mitsubishi Electric Sem...
M38203 MITSUBISHI-M38203 Datasheet
4Mb / 344P
   8-BIT SINGLE-CHIP MICROCOMPUTER
M38203E4 MITSUBISHI-M38203E4 Datasheet
1Mb / 66P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38203E4-XXXFP MITSUBISHI-M38203E4-XXXFP Datasheet
1Mb / 66P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38203E4FP MITSUBISHI-M38203E4FP Datasheet
1Mb / 66P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38277EEMXXXGP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com