Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D45H1B Datasheet(PDF) 2 Page - Mospec Semiconductor

Part # D45H1B
Description  POWER TRANSISTORS(10A,10V,60W)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

D45H1B Datasheet(HTML) 2 Page - Mospec Semiconductor

  D45H1B Datasheet HTML 1Page - Mospec Semiconductor D45H1B Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A


Similar Part No. - D45H1B

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
D45H1 MOSPEC-D45H1 Datasheet
157Kb / 3P
   POWER TRANSISTORS(10A,30-80V,50W)
logo
Boca Semiconductor Corp...
D45H1 BOCA-D45H1 Datasheet
163Kb / 3P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Mospec Semiconductor
D45H10 MOSPEC-D45H10 Datasheet
157Kb / 3P
   POWER TRANSISTORS(10A,30-80V,50W)
logo
ON Semiconductor
D45H10 ONSEMI-D45H10 Datasheet
103Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
November, 2014 ??Rev. 13
logo
Boca Semiconductor Corp...
D45H10 BOCA-D45H10 Datasheet
163Kb / 3P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results

Similar Description - D45H1B

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
D45H2A MOSPEC-D45H2A Datasheet
86Kb / 2P
   POWER TRANSISTORS(10A,30V,60W)
D45H1A MOSPEC-D45H1A Datasheet
88Kb / 2P
   POWER TRANSISTORS(10A,15V,60W)
BU406D MOSPEC-BU406D Datasheet
107Kb / 3P
   POWER TRANSISTORS(7A,150-200V,60W)
BU407H MOSPEC-BU407H Datasheet
113Kb / 3P
   POWER TRANSISTORS(7A,150-200V,60W)
BDX53 MOSPEC-BDX53 Datasheet
187Kb / 4P
   POWER TRANSISTORS(8A.,45-100V,60W)
BU806 MOSPEC-BU806 Datasheet
110Kb / 3P
   POWER TRANSISTORS(8.0A,150-200V,60W)
BU406 MOSPEC-BU406 Datasheet
106Kb / 3P
   POWER TRANSISTORS(7A,150-200V,60W)
2N5875 MOSPEC-2N5875 Datasheet
124Kb / 3P
   POWER TRANSISTORS(10A,150W)
BDX33 MOSPEC-BDX33 Datasheet
92Kb / 2P
   POWER TRANSISTORS(10A,70W)
2N3789 MOSPEC-2N3789 Datasheet
116Kb / 3P
   POWER TRANSISTORS(10A,150W)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com