Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

800Z-GF3Q5Y-K1 Datasheet(PDF) 1 Page - Allen-Bradley

Part # 800Z-GF3Q5Y-K1
Description  Zero-Force Touch Buttons
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

800Z-GF3Q5Y-K1 Datasheet(HTML) 1 Page - Allen-Bradley

  800Z-GF3Q5Y-K1 Datasheet HTML 1Page - Allen-Bradley 800Z-GF3Q5Y-K1 Datasheet HTML 2Page - Allen-Bradley 800Z-GF3Q5Y-K1 Datasheet HTML 3Page - Allen-Bradley 800Z-GF3Q5Y-K1 Datasheet HTML 4Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
11-2
Two-Hand Control Devices
Zero-Force Touch Buttons
800Z General Purpose
Specifications
Standards
EN574, EN954-1, IEC/EN60947-5-1,
IEC/EN60204-1
Approvals
cULus, C-Tick, and CE marked for all
applicable directives
Power Supply
Relay Output
Transistor Output
10-40V DC, 20-30V AC, or 85-264V AC
10-30V DC
Power Consumption
Relay Output
Transistor Output
1.44W, 19.2VA
100mA at 24V DC = 2.23W (no load)
Outputs
Relay Output
Transistor Output
1 N.O. & 1 N.C.
PNP or NPN
Output Ratings
Relay Output
Transistor Output
See Load Life Curves
150mA
Min. Switched Current/
Voltage (Relay Output)
8mA/5V DC
Pollution Degree
2
Operating Temperature
-25°C to +55°C (-13° to +131°F)
Humidity
95% RH
Enclosure Protection
IP66 (NEMA 4/4X/13), 1200 psi
washdown
Material
Housing/Guard
Gaskets
Relay Contacts
Valox
357
BUNA-N
AgSnO
Mounting
Any position
Cable
5 wire (single common)
4 wire (single common)
Electrical Life
EM-Relay inductive load See Load Life Curves
Vibration
1.5mm (0.06in) 10-55Hz
Shock
100g,11ms half-sine
Description
The general purpose Bulletin 800Z Zero-Force Touch Buttons are
designed for use by machine control systems requiring the use of
two hands. An interlinked sensor surface weaves two capacitive
sensors in offset planes for superior product sensitivity.
The 800Z touch buttons are ergonomically designed for ease of
operation. No force is required to operate the switch; simply
touching the surface of the switch will initiate an output. The 800Z
can detect the hand though most industrial gloves.
The contour of the 800Z touch buttons serves two purposes; it
easily conforms to the shape of the hand while helping prevent
defeatability when two-hand control is needed.
Two bi-coloured diagnostic LEDs provide guidance during operation.
The power/fault LED blinks at different rates to provide diagnostic
information to the user. The 800Z detects the presence of a hand
during power-up, noise, and conductive film build-up over time.
Features
• Zero Force to operate
• Ergonomic design
• EMC protection
• Diagnostic LEDs
10
10
6
5
10
10
4
01
2
3
4
5
6
7
8
Load Life Curves for General Purpose Product Line
Relay Output—Maximum DC Load Breaking Capacity
300
200
100
50
40
30
20
10
0.1 0.2
0.5
1
2
5
10
20
Relay Output—Electrical Endurance
DC Current (A)
Switching Current (A)
Resistive Load
250V AC
cos
ϕ = 1
cos
ϕ = 0.7
cos
ϕ = 0.4


Similar Part No. - 800Z-GF3Q5Y-K1

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
800Z-HAG1 ALLEN-BRADLEY-800Z-HAG1 Datasheet
105Kb / 5P
   Zero-Force Touch Buttons
800Z-HAH1 ALLEN-BRADLEY-800Z-HAH1 Datasheet
105Kb / 5P
   Zero-Force Touch Buttons
800Z-HAH2 ALLEN-BRADLEY-800Z-HAH2 Datasheet
105Kb / 5P
   Zero-Force Touch Buttons
800Z-HF1 ALLEN-BRADLEY-800Z-HF1 Datasheet
105Kb / 5P
   Zero-Force Touch Buttons
800Z-HF1Y ALLEN-BRADLEY-800Z-HF1Y Datasheet
105Kb / 5P
   Zero-Force Touch Buttons
More results

Similar Description - 800Z-GF3Q5Y-K1

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
800Z-HL1 ALLEN-BRADLEY-800Z-HL1 Datasheet
105Kb / 5P
   Zero-Force Touch Buttons
logo
ITT Industries
DLD ITT-DLD Datasheet
78Kb / 1P
   Zero Insertion Force
DL4 ITT-DL4 Datasheet
99Kb / 1P
   Zero Insertion Force
DLM ITT-DLM Datasheet
87Kb / 1P
   Zero Insertion Force
logo
Aries Electronics, Inc.
24-516-11S ARIES-24-516-11S Datasheet
528Kb / 1P
   Zero-Insertion-Force Socket
10017 ARIES-10017 Datasheet
595Kb / 1P
   Zero-Insertion-Force Socket
logo
ITT Industries
DL1 ITT-DL1 Datasheet
3Mb / 76P
   ZERO INSERTION FORCE CONNECTORS
logo
Aries Electronics, Inc.
10018 ARIES-10018 Datasheet
647Kb / 1P
   Zero-Insertion-Force Socket
logo
List of Unclassifed Man...
OTBA5 ETC2-OTBA5 Datasheet
389Kb / 6P
   Momentary Action Optical Touch Buttons
logo
Aries Electronics, Inc.
10015 ARIES-10015 Datasheet
766Kb / 1P
   Zero-Insertion-Force Test Socket
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com