Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

194E-A32-3753 Datasheet(PDF) 8 Page - Allen-Bradley

Part # 194E-A32-3753
Description  Bulletin 194E
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

194E-A32-3753 Datasheet(HTML) 8 Page - Allen-Bradley

Back Button 194E-A32-3753 Datasheet HTML 4Page - Allen-Bradley 194E-A32-3753 Datasheet HTML 5Page - Allen-Bradley 194E-A32-3753 Datasheet HTML 6Page - Allen-Bradley 194E-A32-3753 Datasheet HTML 7Page - Allen-Bradley 194E-A32-3753 Datasheet HTML 8Page - Allen-Bradley 194E-A32-3753 Datasheet HTML 9Page - Allen-Bradley 194E-A32-3753 Datasheet HTML 10Page - Allen-Bradley 194E-A32-3753 Datasheet HTML 11Page - Allen-Bradley 194E-A32-3753 Datasheet HTML 12Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
IEC Load Switches
10-9
Bulletin 194E
25 Amps to 100 Amps
Product Selection (continued)
Enclosed Disconnect Load Switches — 3-Pole Base-Mounted
Stainless Steel Enclosures IP66/Type 4/4X
Painted Steel Enclosures IP66/Type 3/4/12 — 3-Pole Base-Mounted
Non-Metallic Enclosures IP66/Type 3/4/4X — 3-Pole Base-Mounted
Modifications: Up to two suffix codes may be added to an enclosed disconnect load switch. Example: Catalogue Number 194E-CA20-NP is a disconnect load switch with
a power pole in a stainless steel enclosure (see page 10-14).
Accessories — Page 10-11
Specifications — Page 10-17
Approximate Dimensions — Page 10-19
Maximum Load Rating (A)
Ref. Dim. Page
Handle Colour
Catalogue Number ➊
25
A1
Black
194E-CA20
Red/Yellow
194E-CA20E
32
A1
Black
194E-CA32
Red/Yellow
194E-CA32E
40
A1
Black
194E-CA40
Red/Yellow
194E-CA40E
63
A1
Black
194E-CA63
Red/Yellow
194E-CA63E
80
B1
Black
194E-CA80
Red/Yellow
194E-CA80E
100
B1
Black
194E-CA00
Red/Yellow
194E-CA00E
Maximum Load Rating (A)
Ref. Dim. Page
Handle Colour
Catalogue Number ➊
25
A1
Black
194E-FA20
Red/Yellow
194E-FA20E
32
A1
Black
194E-FA32
Red/Yellow
194E-FA32E
40
A1
Black
194E-FA40
Red/Yellow
194E-FA40E
63
A1
Black
194E-FA63
Red/Yellow
194E-FA63E
80
B1
Black
194E-FA80
Red/Yellow
194E-FA80E
100
B1
Black
194E-FA00
Red/Yellow
194E-FA00E
Maximum Load Rating (A)
Ref. Dim. Page
Handle Colour
Catalogue Number ➊
25
C1
Black
194E-KA20
Red/Yellow
194E-KA20E
32
C1
Black
194E-KA32
Red/Yellow
194E-KA32E
40
C1
Black
194E-KA40
Red/Yellow
194E-KA40E
63
C1
Black
194E-KA63
Red/Yellow
194E-KA63E
80
D1
Black
194E-KA80
Red/Yellow
194E-KA80E
100
D1
Black
194E-KA00
Red/Yellow
194E-KA00E


Similar Part No. - 194E-A32-3753

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
194E-A315-1753 ALLEN-BRADLEY-194E-A315-1753 Datasheet
196Kb / 12P
   Bulletin 194E
194E-A315-1754 ALLEN-BRADLEY-194E-A315-1754 Datasheet
196Kb / 12P
   Bulletin 194E
More results

Similar Description - 194E-A32-3753

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
194E-A125-1753 ALLEN-BRADLEY-194E-A125-1753 Datasheet
196Kb / 12P
   Bulletin 194E
194L-A4-000 ALLEN-BRADLEY-194L-A4-000 Datasheet
28Kb / 1P
   Bulletin 194E
logo
United Chemi-Con, Inc.
APSE6R3ELL471 CHEMI-CON-APSE6R3ELL471 Datasheet
47Kb / 2P
   Engineering Bulletin
logo
Motorola, Inc
EB622 MOTOROLA-EB622 Datasheet
132Kb / 4P
   Engineering Bulletin
logo
M/A-COM Technology Solu...
28330-PBD-001-A MA-COM-28330-PBD-001-A_15 Datasheet
23Kb / 1P
   product bulletin
28953-PBD-001-A MA-COM-28953-PBD-001-A_15 Datasheet
29Kb / 2P
   product bulletin
28500-PBD-001-B MA-COM-28500-PBD-001-B_15 Datasheet
47Kb / 2P
   Product Bulletin
logo
United Chemi-Con, Inc.
APSE4R0ELL561 CHEMI-CON-APSE4R0ELL561 Datasheet
47Kb / 2P
   Engineering Bulletin
logo
Nippon Precision Circui...
LZASERIES NPC-LZASERIES Datasheet
57Kb / 2P
   Engineering Bulletin
logo
API Technologies Corp
MR25566 APITECH-MR25566 Datasheet
80Kb / 1P
   SPECIFICATION BULLETIN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com