Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3505EDD-PBF Datasheet(PDF) 6 Page - Linear Technology

Part # LT3505EDD-PBF
Description  1.2A, Step-Down Switching Regulator in 3mm3mm DFN
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3505EDD-PBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3505EDD-PBF Datasheet HTML 2Page - Linear Technology LT3505EDD-PBF Datasheet HTML 3Page - Linear Technology LT3505EDD-PBF Datasheet HTML 4Page - Linear Technology LT3505EDD-PBF Datasheet HTML 5Page - Linear Technology LT3505EDD-PBF Datasheet HTML 6Page - Linear Technology LT3505EDD-PBF Datasheet HTML 7Page - Linear Technology LT3505EDD-PBF Datasheet HTML 8Page - Linear Technology LT3505EDD-PBF Datasheet HTML 9Page - Linear Technology LT3505EDD-PBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LT3505
6
3505fc
TYPICAL PERFORMANCE CHARACTERISTICS
Switch Current Limit
Typical Minimum On Time
RT Pin Bias Voltage
Operating Waveforms
Operating Waveforms,
Discontinuous Mode
TEMPERATURE (
°C)
–50
1.0
1.1
1.3
1.4
1.5
2.0
1.7
0
25
100 125
1.2
1.8
1.9
1.6
–25
50
75
Switch Current Limit, RT = 75.0k
TEMPERATURE (
°C)
–50
80
120
125
40
0
0
50
100
–25
25
75
160
60
100
20
140
Switching Frequency
Switching Frequency
TEMPERATURE(
°C)
–50
495
500
505
25
75
125
490
485
480
–25
0
50
100
VFB = 0.78V
RT PIN BIAS CURRENT (µA)
0
0
0.5
1.5
2.0
2.5
20
35
3.0
1.0
10
30
5
25
15
TA = 25°C
RT PIN RESISTANCE (kΩ)
10
0.1
1
100
3505 G24
TA = 25°C
VSW
5V/DIV
IL
0.5A/DIV
0
VOUT
20mV/DIV
VIN = 12V
VOUT = 3.3V
IOUT = 0.5A
L = 10
µH
COUT = 10µF
RT = 75.0k
1
µs/DIV
3505 G18
VSW
5V/DIV
IL
0.5A/DIV
0
VOUT
20mV/DIV
1
µs/DIV
3505 F26
VIN = 12V
VOUT = 3.3V
IOUT = 50mA
L = 10
µH
COUT = 10µF
RT = 75.0k
DUTY CYCLE (%)
1.2
1.4
1.6
1.8
1.3
1.5
1.7
20
40
60
80
3505 G20
100
0
30
50
70
90
10
TA = 25°C


Similar Part No. - LT3505EDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3505EDD LINER-LT3505EDD Datasheet
817Kb / 24P
   1.2A, Step-Down Switching Regulator in 3mm x 3mm DFN
LT3505EDD#TRPBF LINER-LT3505EDD#TRPBF Datasheet
817Kb / 24P
   1.2A, Step-Down Switching Regulator
LT3505EDDTRPBF LINER-LT3505EDDTRPBF Datasheet
817Kb / 24P
   1.2A, Step-Down Switching Regulator in 3mm x 3mm DFN
More results

Similar Description - LT3505EDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3686 LINER-LT3686 Datasheet
557Kb / 28P
   37V/1.2A Step-Down Regulator in 3mm 횞 3mm DFN
LT3505EDDTRPBF LINER-LT3505EDDTRPBF Datasheet
817Kb / 24P
   1.2A, Step-Down Switching Regulator in 3mm x 3mm DFN
LT3493 LINER-LT3493 Datasheet
592Kb / 20P
   1.2A, 750kHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LT3493-3 LINER-LT3493-3 Datasheet
405Kb / 20P
   1.2A, 750kHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LT3686 LINER-LT3686_15 Datasheet
519Kb / 28P
   37V/1.2A Step-Down Regulator in 3mm 3mm DFN
LT3503 LINER-LT3503 Datasheet
428Kb / 20P
   1A, 2.2MHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LTC3447 LINER-LTC3447 Datasheet
564Kb / 16P
   I2C Controllable Buck Regulator in 3mm 횞 3mm DFN
LTC3409A LINER-LTC3409A Datasheet
314Kb / 16P
   600mA Low VIN Buck Regulator in 3mm 횞 3mm DFN
LTC3549 LINER-LTC3549 Datasheet
360Kb / 16P
   250mA Low VIN Buck Regulator in 2mm 횞 3mm DFN
LTC3409 LINER-LTC3409_15 Datasheet
293Kb / 16P
   600mA Low VIN Buck Regulator in 3mm 3mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com