Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3507 Datasheet(PDF) 4 Page - Linear Technology

Part # 3507
Description  Triple Monolithic Step-Down Regulator with LDO
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3507 Datasheet(HTML) 4 Page - Linear Technology

  3507 Datasheet HTML 1Page - Linear Technology 3507 Datasheet HTML 2Page - Linear Technology 3507 Datasheet HTML 3Page - Linear Technology 3507 Datasheet HTML 4Page - Linear Technology 3507 Datasheet HTML 5Page - Linear Technology 3507 Datasheet HTML 6Page - Linear Technology 3507 Datasheet HTML 7Page - Linear Technology 3507 Datasheet HTML 8Page - Linear Technology 3507 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LT3507
4
3507f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN1, VIN2, VIN3 = 12V, VBOOST1, VBOOST2, VBOOST3 = 17V, unless
otherwise noted (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Load Regulation
IDRIVE from 0.1mA to 10mA
0.005
%/mA
DRIVE Output Current Limit
l
10
15
22.5
mA
Dropout Voltage, VIN1 to DRIVE
IDRIVE = 10mA
1.7
2.0
V
Dropout Voltage, BIAS to DRIVE
IDRIVE = 10mA
0.5
0.8
V
Over/Undervoltage Lockout
Undervoltage Lockout Threshold
1.15
1.20
1.25
V
Overvoltage Lockout Threhold
1.15
1.20
1.25
V
Undervoltage Lockout Hysteresis Current
V(UVLO) < 1.2V
7
10
13
μA
Overvoltage Lockout Hysteresis Current
V(OVLO) > 1.2V
–7
–10
–13
μA
Input Bias Current (OVLO and UVLO)
–100
–200
nA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3507E is guaranteed to meet performance specifications
from 0°C to 125°C junction temperature. Specifications over the –40°C
to 125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LT3507I is guaranteed to meet performance specifications from –40°C
to 125°C junction temperature. The LT3507H is guaranteed over the full
–40°C to 150°C operating junction temperature range. High junction
temperatures degrade operating lifetimes. Operating lifetime is derated at
junction temperatures greater than 125°C.
Note 3: Current limit is guaranteed by design and/or correlation to static
test. Slope compensation reduces current limit at higher duty cycles.
Note 4: This is the minimum voltage across the boost capacitor needed to
guarantee full saturation of the internal power switch.
Note 5: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions.
Junction temperature will exceed the maximum operating range when
overtemperature protection is active. Continuous operation above the
specified maximum operating junction temperature may impair device
reliability.


Similar Part No. - 3507

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3507 ALLEGRO-3507 Datasheet
170Kb / 8P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
logo
SCHOTT CORPORATION
35070 SCHOTT-35070 Datasheet
14Kb / 1P
   INDUCTOR, PQ3211, 2.00 關H, 50 ADC
logo
List of Unclassifed Man...
35070 ETC2-35070 Datasheet
1Mb / 23P
   The Standard for Tools and Workbench Accessories
logo
SCHOTT CORPORATION
35071 SCHOTT-35071 Datasheet
14Kb / 1P
   INDUCTOR, PQ3211, 3.55 關H, 37.5 ADC
logo
List of Unclassifed Man...
35071 ETC2-35071 Datasheet
1Mb / 23P
   The Standard for Tools and Workbench Accessories
More results

Similar Description - 3507

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3507A LINER-LT3507A Datasheet
384Kb / 8P
   Triple Monolithic Step-Down Regulator with LDO
logo
Linear Dimensions Semic...
LT3507EUHFTRPBF LINEAR_DIMENSIONS-LT3507EUHFTRPBF Datasheet
307Kb / 28P
   Triple Monolithic Step-Down Regulator with LDO
logo
Linear Technology
LT3507 LINER-LT3507_15 Datasheet
307Kb / 28P
   Triple Monolithic Step-Down Regulator with LDO
LT3507A LINER-LT3507A_15 Datasheet
381Kb / 28P
   Triple Monolithic Step-Down Regulator with LDO
logo
Linear Integrated Syste...
LT3507EUHF LINEAR-LT3507EUHF Datasheet
280Kb / 28P
   Triple Monolithic Step-Down Regulator with LDO
logo
STMicroelectronics
L5964 STMICROELECTRONICS-L5964 Datasheet
369Kb / 16P
   Automotive monolithic dual step-down switching regulator with LDO
February 2022 Rev 1
logo
Linear Technology
LT8601 LINER-LT8601 Datasheet
1Mb / 26P
   42V Triple Monolithic Synchronous Step-Down Regulator
logo
Intersil Corporation
EL7536 INTERSIL-EL7536 Datasheet
430Kb / 8P
   Monolithic 1A Step-Down Regulator
logo
Renesas Technology Corp
EL7535 RENESAS-EL7535 Datasheet
505Kb / 10P
   Monolithic 350mA Step-Down Regulator
logo
Intersil Corporation
EL7536 INTERSIL-EL7536_06 Datasheet
186Kb / 9P
   Monolithic 1A Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com