Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3505IDD-PBF Datasheet(PDF) 11 Page - Linear Technology

Part # LT3505IDD-PBF
Description  1.2A, Step-Down Switching Regulator in 3mm3mm DFN
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3505IDD-PBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3505IDD-PBF Datasheet HTML 7Page - Linear Technology LT3505IDD-PBF Datasheet HTML 8Page - Linear Technology LT3505IDD-PBF Datasheet HTML 9Page - Linear Technology LT3505IDD-PBF Datasheet HTML 10Page - Linear Technology LT3505IDD-PBF Datasheet HTML 11Page - Linear Technology LT3505IDD-PBF Datasheet HTML 12Page - Linear Technology LT3505IDD-PBF Datasheet HTML 13Page - Linear Technology LT3505IDD-PBF Datasheet HTML 14Page - Linear Technology LT3505IDD-PBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LT3505
11
3505fc
Finite transistor bandwidth limits the speed at which the
power switch can be turned on and off, effectively setting
theminimumon-timeoftheLT3505.Foragivenoutputvolt-
age,theminimumon-timedeterminesthemaximuminput
voltage to remain in continuous mode operation, VIN(PS).
See the “Input Voltage Range” section of the datasheet for
more information on determining VIN(PS). For switching
frequencies below 750kHz, operation above VIN(PS) (up
to 40V) is safe provided that the system will tolerate the
pulse-skipping behavior outlined in the “Minimum On
Time” section of the datasheet. At switching frequencies
exceeding 750kHz, edge loss limits operation to input
voltages below VIN(PS).
Finite transition time results in a small amount of power
dissipation each time the power switch turns on and off
(edge loss). Edge loss increases with frequency, switch
current, and input voltage.
Input Voltage Frequency Foldback
In constant frequency operation (below VIN(PS)) edge
loss only reduces the application efficiency. However, at
high switching frequencies exceeding 750kHz and input
voltagesexceedingVIN(PS),thepartoperatesinpulse-skip-
ping mode and the switch current can increase above the
current limit of the part, 1.75A. This further increases the
power dissipated during switch transitions and increases
die temperature. To remedy the situation a single resis-
tor (R5) and a zener diode (D3) can be added to a typical
LT3505 circuit as shown in Figure 4.
When the input voltage is below 16V, the zener diode
path conducts no current and the current flowing out
of the RT pin (and through R4) is nominally 0.5V/20k =
25µA, which programs a 2.2MHz switching frequency.
As the input voltage is increased above 16V, the zener
diode begins to conduct and gradually reduces the cur-
rent flowing out of the RT pin. This mechanism reduces
the switching frequency as the input voltage is increased
above 16V (up to 36V) to ensure that the part constantly
operates in continuous mode without skipping pulses,
thereby preventing the excessive die temperature rise
encountered in pulse-skipping mode.
Although the circuit can be operated indefinitely above
VZENER, this frequency foldback method is intended to
protect circuits during temporary periods of high input
voltage. For example, in many automotive systems, the
normal operating input range might be 9V to 16V, and
the LT3505 can be programmed to operate above the
AM band (>1.8MHz). At the same time, the circuit must
be able to withstand higher input voltages due to load
dump or double-battery jump starts. During these brief
periods, it is usually acceptable to switch at a frequency
within the AM band.
Iftheoutputisshortedwhiletheinputvoltageisgreaterthan
VZENER, the switching frequency will be reduced to 30kHz
and the part will not be able to recover from the short until
theinputvoltageisreducedbelowVZENER(seethefollowing
discussion).
APPLICATIONS INFORMATION
Figure 4. 2.2MHz, 5V Application with Input Voltage Frequency Foldback Circuit
VIN
6.7V TO 36V
ON OFF
C3
0.1
µF
L1
6.8
µH
D2
1N4148
R1
61.9k
C1
10
µF
3505 F04
C5
22pF
C4
22pF
C2
1
µF
R4
20.0k
R5
806k
R2
11.5k
VOUT
5V
R3
100k
VIN
BOOST
GND
FB
VC
SHDN
SW
LT3505
RT
D3
BZT52C16T
D1
MBRM140
16V
Input Voltage [V]
0
0
0.50
0.75
1.00
2.25
1.50
10
20
25
0.25
1.75
2.00
2.50
1.25
5
15
30
35
40
LTC3505 • F04b
Switching
Frequency
Maximum
Load Current


Similar Part No. - LT3505IDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3505IDD LINER-LT3505IDD Datasheet
817Kb / 24P
   1.2A, Step-Down Switching Regulator in 3mm x 3mm DFN
More results

Similar Description - LT3505IDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3686 LINER-LT3686 Datasheet
557Kb / 28P
   37V/1.2A Step-Down Regulator in 3mm 횞 3mm DFN
LT3505EDDTRPBF LINER-LT3505EDDTRPBF Datasheet
817Kb / 24P
   1.2A, Step-Down Switching Regulator in 3mm x 3mm DFN
LT3493 LINER-LT3493 Datasheet
592Kb / 20P
   1.2A, 750kHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LT3493-3 LINER-LT3493-3 Datasheet
405Kb / 20P
   1.2A, 750kHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LT3686 LINER-LT3686_15 Datasheet
519Kb / 28P
   37V/1.2A Step-Down Regulator in 3mm 3mm DFN
LT3503 LINER-LT3503 Datasheet
428Kb / 20P
   1A, 2.2MHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LTC3447 LINER-LTC3447 Datasheet
564Kb / 16P
   I2C Controllable Buck Regulator in 3mm 횞 3mm DFN
LTC3409A LINER-LTC3409A Datasheet
314Kb / 16P
   600mA Low VIN Buck Regulator in 3mm 횞 3mm DFN
LTC3549 LINER-LTC3549 Datasheet
360Kb / 16P
   250mA Low VIN Buck Regulator in 2mm 횞 3mm DFN
LTC3409 LINER-LTC3409_15 Datasheet
293Kb / 16P
   600mA Low VIN Buck Regulator in 3mm 3mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com