Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3506EFE-TRPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LT3506EFE-TRPBF
Description  Dual Monolithic 1.6A Step-Down Switching Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3506EFE-TRPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3506EFE-TRPBF Datasheet HTML 6Page - Linear Technology LT3506EFE-TRPBF Datasheet HTML 7Page - Linear Technology LT3506EFE-TRPBF Datasheet HTML 8Page - Linear Technology LT3506EFE-TRPBF Datasheet HTML 9Page - Linear Technology LT3506EFE-TRPBF Datasheet HTML 10Page - Linear Technology LT3506EFE-TRPBF Datasheet HTML 11Page - Linear Technology LT3506EFE-TRPBF Datasheet HTML 12Page - Linear Technology LT3506EFE-TRPBF Datasheet HTML 13Page - Linear Technology LT3506EFE-TRPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LT3506/LT3506A
0
3506afb
tor must have low impedance at the switching frequency
to do this effectively, and it must have an adequate ripple
current rating. With two switchers operating at the same
frequency but with different phases and duty cycles, cal-
culating the input capacitor RMS current is not simple.
However, a conservative value is the RMS input current for
the channel that is delivering most power (VOUT • IOUT).
This is given by:
I
I
V
V
V
V
I
INRMS
OUT
OUT
IN
OUT
IN
OUT
=
(
)
<
2
and is largest when VIN = 2VOUT (50% duty cycle). As
the second, lower power channel draws input current,
the input capacitor’s RMS current actually decreases as
the out-of-phase current cancels the current drawn by
the higher power channel. Considering that the maximum
load current from a single channel is ~1.6A, RMS ripple
current will always be less than 0.8A.
The high frequency of the LT3506 reduces the energy
storage requirements of the input capacitor, so that the
capacitance required is less than 22μF (less than 10μF
for the LT3506A). The combination of small size and low
impedance (low equivalent series resistance or ESR) of
ceramic capacitors makes them the preferred choice.
The low ESR results in very low voltage ripple and the
capacitorscanhandleplentyofripplecurrent.Theyarealso
comparatively robust and can be used in this application
at their rated voltage. X5R and X7R types are stable over
temperature and applied voltage, and give dependable
service. Other types (Y5V and Z5U) have very large tem-
perature and voltage coefficients of capacitance, so they
mayhaveonlyasmallfractionoftheirnominalcapacitance
in your application. While they will still handle the RMS
ripple current, the input voltage ripple may become fairly
large, and the ripple current may end up flowing from
your input supply or from other bypass capacitors in your
system, as opposed to being fully sourced from the local
input capacitor.
An alternative to a high value ceramic capacitor is a lower
value along with a larger electrolytic capacitor, for example
a 1μF ceramic capacitor in parallel with a low ESR tantalum
capacitor. For the electrolytic capacitor, a value larger than
22
mF (10mF for the LT3506A) will be required to meet the
ESR and ripple current requirements. Because the input
capacitorislikelytoseehighsurgecurrentswhentheinput
source is applied, tantalum capacitors should be surge
rated. The manufacturer may also recommend operation
below the rated voltage of the capacitor. Be sure to place
the 1μF ceramic as close as possible to the VIN and GND
pins on the IC for optimal noise immunity.
A final caution is in order regarding the use of ceramic
capacitors at the input. A ceramic input capacitor can
combine with stray inductance to form a resonant tank
circuit. If power is applied quickly (for example by plug-
ging the circuit into a live power source) this tank can ring,
doubling the input voltage and damaging the LT3506. The
solution is to either clamp the input voltage or dampen the
tank circuit by adding a lossy capacitor in parallel with the
ceramic capacitor. For details, see Application Note 88.
Output Capacitor Selection
The output capacitor filters the inductor current to gen-
erate an output with low voltage ripple. It also stores
energy in order satisfy transient loads and to stabilize the
LT3506’s control loop. Because the LT3506 operates at a
high frequency, you don’t need much output capacitance.
Also, the current mode control loop doesn’t require the
presence of output capacitor series resistance (ESR). For
these reasons, you are free to use ceramic capacitors to
achieve very low output ripple and small circuit size.
Estimate output ripple with the following equations:
VRIPPLE = ΔIL/(8 • f • COUT) for ceramic capacitors, and
VRIPPLE = ΔIL • ESR for electrolytic capacitors (tantalum
and aluminum);
where
ΔIL is the peak-to-peak ripple current in the induc-
tor. The RMS content of this ripple is very low, and the
RMS current rating of the output capacitor is usually not
of concern.
Another constraint on the output capacitor is that it
must have greater energy storage than the induc-
tor; if the stored energy in the inductor is transferred
to the output, you would like the resulting voltage
step to be small compared to the regulation volt-
age. For a 5% overshoot, this requirement becomes
COUT > 10L(ILIM/VOUT)2.
APPLICATIO S I FOR ATIO


Similar Part No. - LT3506EFE-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3506 LINER-LT3506 Datasheet
350Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching
LT3506A LINER-LT3506A Datasheet
350Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching
LT3506A LINER-LT3506A_15 Datasheet
221Kb / 24P
   Dual Monolithic 1.6A Step-Down Switching Regulator
LT3506 LINER-LT3506_15 Datasheet
221Kb / 24P
   Dual Monolithic 1.6A Step-Down Switching Regulator
More results

Similar Description - LT3506EFE-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3506A LINER-LT3506A_15 Datasheet
221Kb / 24P
   Dual Monolithic 1.6A Step-Down Switching Regulator
LT3506 LINER-LT3506_15 Datasheet
221Kb / 24P
   Dual Monolithic 1.6A Step-Down Switching Regulator
LT3508 LINER-LT3508_15 Datasheet
320Kb / 26P
   Dual Monolithic 1.4A Step-Down Switching Regulator
LT3508 LINER-LT3508 Datasheet
316Kb / 24P
   Dual Monolithic 1.4A Step-Down Switching Regulator
LT3501 LINER-LT3501_15 Datasheet
445Kb / 30P
   Monolithic Dual Tracking 3A Step-Down Switching Regulator
LT3510 LINER-LT3510_15 Datasheet
355Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching Regulator
LT3692A LINER-LT3692A_15 Datasheet
729Kb / 42P
   Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT3501 LINER-LT3501 Datasheet
446Kb / 28P
   Monolithic Dual Tracking 3A Step-Down Switching Regulator
LT3692A LINER-LT3692A Datasheet
729Kb / 42P
   Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT1940 LINER-LT1940_15 Datasheet
286Kb / 20P
   Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com