Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3509EMSE-PBF Datasheet(PDF) 11 Page - Linear Technology

Part # LT3509EMSE-PBF
Description  Dual 36V, 700mA Step-Down Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3509EMSE-PBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3509EMSE-PBF Datasheet HTML 7Page - Linear Technology LT3509EMSE-PBF Datasheet HTML 8Page - Linear Technology LT3509EMSE-PBF Datasheet HTML 9Page - Linear Technology LT3509EMSE-PBF Datasheet HTML 10Page - Linear Technology LT3509EMSE-PBF Datasheet HTML 11Page - Linear Technology LT3509EMSE-PBF Datasheet HTML 12Page - Linear Technology LT3509EMSE-PBF Datasheet HTML 13Page - Linear Technology LT3509EMSE-PBF Datasheet HTML 14Page - Linear Technology LT3509EMSE-PBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LT3509
11
3509f
APPLICATIONS INFORMATION
In any step-down switcher the duty cycle when operating
in continuous, or fixed frequency, mode is dependent
on the step-down ratio. This is because for a constant
average load current the decay of the inductor current
when the switch is off must match the increase in inductor
current when the switch is on. The can be estimated by
the following formula:
DC
VV
VV
V
OUT
F
IN
SW
F
=
+
−+
Where:
DC = Duty Cycle (Fraction of Cycle when Switch is On)
VOUT = Output Voltage
VIN = Input Voltage
VF = Catch Diode Forward Voltage
VSW = Switch Voltage Drop
Note: This formula neglects switching and inductor losses
so in practice the duty cycle may be slightly higher.
It is clear from this equation that the duty cycle will approach
100% as the input voltage is reduced and become smaller
as the input voltage increases. There are practical limits to
the minimum and maximum duty cycles for continuous
operation due to the switch minimum off and on times.
These are independent of operating frequency so it is clear
that range of usable duty cycle is inverserly proportional to
frequency. Therefore at higher frequency the input voltage
range (for constant frequncy operation) will narrow.
The minimum duty cycle is given by:
DC
f
t
MIN
SW
ON MIN
=
()
Where: fSW = Switching Frequency
tMINON = Switch Minimum on Time
The minimum on time increases with increasing tempera-
ture so the value for the maximum operating temperature
should be used. See the Minimum ON Time vs Load graph
in the Typical Performance Characteristics.
The maximum input voltage for this duty cycle is given by:
V
VV
DC
VV
IN MAX
OUT
F
MIN
FSW
() =
+
−+
Above this voltage the only way the LT3509 can maintain
regulation is to skip cycles so the effective freqeuncy will
reduce. This will cause an increase in ripple and the switch-
ing noise will shift to a lower frequency. This calculation
will in practice drive the maximum switching frequency
for a desired step-down ratio.
Figure 3. Continuous Mode
IL
0.5A/DIV
VOUT
100mV/DIV
(AC COUPLED)
TIME 1μs/DIV
3509 F03
Figure 4. Pulse Skipping
IL
0.5A/DIV
VOUT
100mV/DIV
(AC COUPLED)
TIME 1μs/DIV
3509 F04


Similar Part No. - LT3509EMSE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3509 LINER-LT3509 Datasheet
301Kb / 24P
   36V 500mA Step-Down Regulator and 200mA LDO
LT3509 LINER-LT3509_15 Datasheet
281Kb / 24P
   Dual 36V, 700mA Step-Down Regulator
More results

Similar Description - LT3509EMSE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3509 LINER-LT3509_15 Datasheet
281Kb / 24P
   Dual 36V, 700mA Step-Down Regulator
LTM8025 LINER-LTM8025_15 Datasheet
371Kb / 22P
   36V, 3A Step-Down Module Regulator
LT3684 LINER-LT3684_15 Datasheet
336Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator
LT1912 LINER-LT1912 Datasheet
310Kb / 24P
   36V, 2A, 500kHz Step-Down Switching Regulator
LT3684 LINER-LT3684 Datasheet
330Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator
LT1912 LINER-LT1912_15 Datasheet
375Kb / 24P
   36V, 2A, 500kHz Step-Down Switching Regulator
LT3685 LINER-LT3685_15 Datasheet
281Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator
LT3685EMSE LINER-LT3685EMSE Datasheet
281Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator
LT3693 LINER-LT3693 Datasheet
310Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT3693 LINER-LT3693_15 Datasheet
313Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com