Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3513IUHF-PBF Datasheet(PDF) 6 Page - Linear Technology

Part # LT3513IUHF-PBF
Description  2MHz High Current 5-Output Regulator for TFT-LCD Panels
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3513IUHF-PBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3513IUHF-PBF Datasheet HTML 2Page - Linear Technology LT3513IUHF-PBF Datasheet HTML 3Page - Linear Technology LT3513IUHF-PBF Datasheet HTML 4Page - Linear Technology LT3513IUHF-PBF Datasheet HTML 5Page - Linear Technology LT3513IUHF-PBF Datasheet HTML 6Page - Linear Technology LT3513IUHF-PBF Datasheet HTML 7Page - Linear Technology LT3513IUHF-PBF Datasheet HTML 8Page - Linear Technology LT3513IUHF-PBF Datasheet HTML 9Page - Linear Technology LT3513IUHF-PBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LT3513
6
3513fa
TYPICAL PERFORMANCE CHARACTERISTICS
SW3 VCESAT
SW4 VCESAT
VON Current Limit
Oscillator Frequency
Frequency Foldback
Reference Voltage
BIAS Pin Current
Efficiency, AVDD = 13V
Efficiency, VLOGIC = 5V
ISW3 (mA)
0
200
250
300
150
250
3513 G10
150
100
50
100
200
300
350
50
0
ISW (mA)
0
200
250
350
150
250
3513 G11
150
100
50
100
200
300
350
50
0
300
VE3 (V)
0
0
5
15
20
25
20
45
3513 G12
10
10
5
25
30
15
35
30
35
40
AMBIENT TEMPERATURE (°C)
–50
2.1
2.2
2.3
3513 G13
2.0
1.9
1.7
0
50
100
1.8
2.5
2.4
VFB (mV)
0
1500
2000
2500
450
750
1200
3513 G14
1000
500
0
150 300
600
900 1050
TEMPERATURE (°C)
–40
–15
1.20
1.22
1.25
10
60
85
3513 G15
1.21
1.24
1.23
35
110
TEMPERATURE (°C)
–50
0
10
20
30
40
50
60
0
50
100
150
3513 G16
L2 = 10μH
L3 = 10μH
L4 = 10μH
ISW2 = 0A
ISW3 = 0A
ISW4 = 0A
LOAD CURRENT (mA)
1
40
50
60
70
80
90
100
100
200
300
400
3513 G17
500
IOUT (mA)
100
70
80
90
100
700
1100
3513 G18
60
50
300
500
900
1300 1500
40
TA = 25°C, unless otherwise noted.


Similar Part No. - LT3513IUHF-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3513 LINER-LT3513 Datasheet
384Kb / 22P
   2MHz High Current 5-Output Regulator for TFT-LCD Panels
LT3513 LINER-LT3513_15 Datasheet
384Kb / 22P
   2MHz High Current 5-Output Regulator for TFT-LCD Panels
More results

Similar Description - LT3513IUHF-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3513 LINER-LT3513_15 Datasheet
384Kb / 22P
   2MHz High Current 5-Output Regulator for TFT-LCD Panels
LT1943 LINER-LT1943 Datasheet
279Kb / 12P
   High Current Quad Output Regulator for TFT LCD Panels
LT1943 LINER-LT1943_15 Datasheet
277Kb / 20P
   High Current Quad Output Regulator for TFT LCD Panels
LT1943 LINER-LT1943_1 Datasheet
271Kb / 20P
   High Current Quad Output Regulator for TFT LCD Panels
logo
Toshiba Semiconductor
JBT6L77-AS TOSHIBA-JBT6L77-AS Datasheet
222Kb / 20P
   Source Driver for TFT LCD Panels
logo
Richtek Technology Corp...
RT6908 RICHTEK-RT6908 Datasheet
429Kb / 22P
   PMIC for TFT LCD TV Panels
logo
Toshiba Semiconductor
JBT6K47-AS TOSHIBA-JBT6K47-AS Datasheet
231Kb / 22P
   Source Driver for TFT LCD Panels
T6LD4 TOSHIBA-T6LD4 Datasheet
142Kb / 11P
   Gate Driver for TFT LCD Panels
T6LE2 TOSHIBA-T6LE2 Datasheet
198Kb / 12P
   Gate Driver for TFT LCD Panels
T6L37A TOSHIBA-T6L37A Datasheet
258Kb / 15P
   Source Driver for TFT LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com