Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3518 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3518
Description  Full-Featured LED Driver with 2.3A Switch Current
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3518 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3518 Datasheet HTML 5Page - Linear Technology LT3518 Datasheet HTML 6Page - Linear Technology LT3518 Datasheet HTML 7Page - Linear Technology LT3518 Datasheet HTML 8Page - Linear Technology LT3518 Datasheet HTML 9Page - Linear Technology LT3518 Datasheet HTML 10Page - Linear Technology LT3518 Datasheet HTML 11Page - Linear Technology LT3518 Datasheet HTML 12Page - Linear Technology LT3518 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LT3518
9
3518fb
OPERATION
The LT3518 is a constant frequency, current mode regula-
tor with an internal power switch. Operation can be best
understood by referring to the Block Diagram in Figure 1. At
the start of each oscillator cycle, the SR latch is set, which
turns on the Q1 power switch. A voltage proportional to
the switch current is added to a stabilizing ramp and the
resulting sum is fed into the positive terminal of the PWM
comparator, A4. When this voltage exceeds the level at the
negative input of A4, the SR latch is reset, turning off the
power switch. The level at the negative input of A4 is set
by the error amplifier A3. A3 has two inputs, one from the
voltage feedback loop and the other one from the current
loop. Whichever feedback input is lower takes precedence,
and forces the converter into either constant-current or
constant-voltage mode. The LT3518 is designed to transi-
tion cleanly between these two modes of operation. The
current sense amplifier senses the voltage across RSENSE
and provides a pre-gain to amplifier A1. The output of A1
is simply an amplified version of the difference between
the voltage across RSENSE and the lower of VCTRL/10
or 100mV. In this manner, the error amplifier sets the
correct peak switch current level to regulate the current
through RSENSE. If the error amplifier’s output increases,
more current is delivered to the output; if it decreases,
less current is delivered. The current regulated in RSENSE
can be adjusted by changing the input voltage VCTRL.
The current sense amplifier provides rail-to-rail current
sense operation. The FB voltage loop is implemented by
the amplifier A2. When the voltage loop dominates, the
error amplifier and the amplifier A2 regulate the FB pin to
1.01V (constant-voltage mode).
Dimming of the LED array is accomplished by pulsing the
LED current using the PWM pin. When the PWM pin is
low, switching is disabled and the error amplifier is turned
off so that it does not drive the VC pin. Also, all internal
loads on the VC pin are disabled so that the charge state
of the VC pin will be saved on the external compensation
capacitor. This feature reduces transient recovery time.
When the PWM input again transitions high, the demand
current for the switch returns to the value just before
PWM last transitioned low. To further reduce transient
recovery time, an external PMOS is used to disconnect
the LED array current loop when PWM is low, stopping
CFILT from discharging.


Similar Part No. - LT3518

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3518 LINER-LT3518 Datasheet
294Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
LT3518 LINER-LT3518 Datasheet
425Kb / 32P
   8-Channel 횞 100mA LED Driver
logo
Linear Integrated Syste...
LT3518 LINEAR-LT3518 Datasheet
250Kb / 20P
   Full-Featured LED Driver with 2.3A Switch Current
logo
Linear Dimensions Semic...
LT3518 LINEAR_DIMENSIONS-LT3518 Datasheet
404Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
logo
Linear Technology
LT3518 LINER-LT3518 Datasheet
250Kb / 20P
   Full-Featured LED Driver with 2.3A Switch Current
More results

Similar Description - LT3518

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3518 LINER-LT3518_15 Datasheet
250Kb / 20P
   Full-Featured LED Driver with 2.3A Switch Current
logo
Linear Integrated Syste...
LT3518HFE LINEAR-LT3518HFE Datasheet
250Kb / 20P
   Full-Featured LED Driver with 2.3A Switch Current
logo
Linear Technology
LT3517 LINER-LT3517_15 Datasheet
404Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
logo
Linear Dimensions Semic...
LT3517HUF LINEAR_DIMENSIONS-LT3517HUF Datasheet
404Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
logo
Linear Technology
LT3517 LINER-LT3517_12 Datasheet
294Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
LT3517 LINER-LT3517 Datasheet
275Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
logo
Intersil Corporation
ISL1902 INTERSIL-ISL1902 Datasheet
872Kb / 25P
   Full-Featured, Dimmable AC Mains LED Driver with PFC
logo
Renesas Technology Corp
ISL1902 RENESAS-ISL1902 Datasheet
1Mb / 25P
   Full-Featured, Dimmable AC Mains LED Driver with PFC
logo
List of Unclassifed Man...
QA-1000HC ETC1-QA-1000HC Datasheet
105Kb / 6P
   Full Featured Programmable Analog Supply Current Monitor
logo
Analog Devices
LT3922-1 AD-LT3922-1 Datasheet
3Mb / 32P
   36V, 2.3A Synchronous Step-Up LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com