Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3517FE Datasheet(PDF) 8 Page - Linear Technology

Part # 3517FE
Description  Full-Featured LED Driver with 1.5A Switch Current
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3517FE Datasheet(HTML) 8 Page - Linear Technology

Back Button 3517FE Datasheet HTML 4Page - Linear Technology 3517FE Datasheet HTML 5Page - Linear Technology 3517FE Datasheet HTML 6Page - Linear Technology 3517FE Datasheet HTML 7Page - Linear Technology 3517FE Datasheet HTML 8Page - Linear Technology 3517FE Datasheet HTML 9Page - Linear Technology 3517FE Datasheet HTML 10Page - Linear Technology 3517FE Datasheet HTML 11Page - Linear Technology 3517FE Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LT3517
8
3517fa
OPERATION
The LT3517 is a constant frequency, current mode regula-
tor with an internal power switch. Operation can be best
understood by referring to the Block Diagram in Figure 1. At
the start of each oscillator cycle, the SR latch is set, which
turns on the Q1 power switch. A voltage proportional to
the switch current is added to a stabilizing ramp and the
resulting sum is fed into the positive terminal of the PWM
comparator, A4. When this voltage exceeds the level at the
negative input of A4, the SR latch is reset, turning off the
power switch. The level at the negative input of A4 is set
by the error amplifier A3. A3 has two inputs, one from the
voltage feedback loop and the other one from the current
loop. Whichever feedback input is lower takes precedence,
and forces the converter into either constant-current or
constant-voltage mode. The LT3517 is designed to transi-
tion cleanly between these two modes of operation. The
current sense amplifier senses the voltage across RSENSE
and provides a pre-gain to amplifier A1. The output of A1
is simply an amplified version of the difference between
the voltage across RSENSE and the lower of VCTRL/10
or 100mV. In this manner, the error amplifier sets the
correct peak switch current level to regulate the current
through RSENSE. If the error amplifier’s output increases,
more current is delivered to the output; if it decreases,
less current is delivered. The current regulated in RSENSE
can be adjusted by changing the input voltage VCTRL.
The current sense amplifier provides rail-to-rail current
sense operation. The FB voltage loop is implemented by
the amplifier A2. When the voltage loop dominates, the
error amplifier and the amplifier A2 regulate the FB pin to
1.01V (constant-voltage mode).
Dimming of the LED array is accomplished by pulsing the
LED current using the PWM pin. When the PWM pin is
low, switching is disabled and the error amplifier is turned
off so that it does not drive the VC pin. Also, all internal
loads on the VC pin are disabled so that the charge state
of the VC pin will be saved on the external compensation
capacitor. This feature reduces transient recovery time.
When the PWM input again transitions high, the demand
current for the switch returns to the value just before
PWM last transitioned low. To further reduce transient
recovery time, an external PMOS is used to disconnect
the LED array current loop when PWM is low, stopping
CFILT from discharging.
APPLICATIONS INFORMATION
Dimming Control
There are two methods to control the current source for
dimming using the LT3517. The first method uses the
PWM pin to modulate the current source between zero
and full current to achieve a precisely programmed aver-
age current. To make this method of current control more
accurate, the switch demand current is stored on the VC
node during the quiescent phase. This feature minimizes
recovery time when the PWM signal goes high. To further
improve the recovery time, a disconnect switch is used in
the LED current path to prevent the output capacitor from
discharging in the PWM signal low phase. The minimum
PWM on or off time will depend on the choice of operating
frequency through RT input pin or SYNC pin. When using
the SYNC function, the SYNC and PWM signals must have
the aligned rising edges to achieve the optimized high PWM
dimming ratio. For best current accuracy, the minimum
PWM low or high time should be at least four switching
cycles (2μs for fSW = 2MHz). Maximum PWM period is
determined by the system and is unlikely to be longer than
12ms. The maximum PWM dimming ratio (PWMRATIO)can
be calculated from the maximum PWM period (tMAX) and
the minimum PWM pulse width (tMIN) as follows:
PWM
t
t
RATIO
MAX
MIN
=
(1)
Example:
tMAX = 10ms, tMIN = 2μs (fSW = 2MHz)
PWMRATIO = 10ms/2μs = 5000:1
The second method of dimming control uses the CTRL
pin to linearly adjust the current sense threshold during
the PWM high state. When the CTRL pin voltage is less


Similar Part No. - 3517FE

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3517 ALLEGRO-3517 Datasheet
305Kb / 13P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
December 31, 2005
logo
Lumberg
3517 LUMBERG-3517 Datasheet
277Kb / 3P
   RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
3517 LUMBERG-3517 Datasheet
883Kb / 4P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
3517-1 LUMBERG-3517-1 Datasheet
277Kb / 3P
   RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
3517-1 LUMBERG-3517-1 Datasheet
447Kb / 4P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
More results

Similar Description - 3517FE

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LT3517HUF LINEAR_DIMENSIONS-LT3517HUF Datasheet
404Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
logo
Linear Technology
LT3517 LINER-LT3517_12 Datasheet
294Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
LT3517 LINER-LT3517_15 Datasheet
404Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
LT3518 LINER-LT3518_15 Datasheet
250Kb / 20P
   Full-Featured LED Driver with 2.3A Switch Current
LT3518 LINER-LT3518 Datasheet
272Kb / 20P
   Full-Featured LED Driver with 2.3A Switch Current
logo
Linear Integrated Syste...
LT3518HFE LINEAR-LT3518HFE Datasheet
250Kb / 20P
   Full-Featured LED Driver with 2.3A Switch Current
logo
Intersil Corporation
ISL1902 INTERSIL-ISL1902 Datasheet
872Kb / 25P
   Full-Featured, Dimmable AC Mains LED Driver with PFC
logo
Renesas Technology Corp
ISL1902 RENESAS-ISL1902 Datasheet
1Mb / 25P
   Full-Featured, Dimmable AC Mains LED Driver with PFC
logo
Maxic Technology Corpor...
MT7202 MAXIC-MT7202 Datasheet
169Kb / 1P
   1.5A LED driver with internal switch
logo
Tontek Design Technolog...
TTP933 TONTEK-TTP933 Datasheet
1Mb / 25P
   1.5A LED Driver with internal switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com