Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3506 Datasheet(PDF) 7 Page - Linear Technology

Part # 3506
Description  Dual Monolithic 1.6A Step-Down Switching Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3506 Datasheet(HTML) 7 Page - Linear Technology

Back Button 3506 Datasheet HTML 3Page - Linear Technology 3506 Datasheet HTML 4Page - Linear Technology 3506 Datasheet HTML 5Page - Linear Technology 3506 Datasheet HTML 6Page - Linear Technology 3506 Datasheet HTML 7Page - Linear Technology 3506 Datasheet HTML 8Page - Linear Technology 3506 Datasheet HTML 9Page - Linear Technology 3506 Datasheet HTML 10Page - Linear Technology 3506 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LT3506/LT3506A

3506afb
OPERATIO
The LT3506 is a dual, constant frequency, current mode
buck regulator with internal 2A power switches. The two
regulators share common circuitry including voltage
reference and oscillator. In addition, the analog blocks
on both regulators share the VIN1 supply voltage, but are
otherwise independent. This section describes the opera-
tion of the LT3506.
If the RUN/SS (run/soft-start) pins are both tied to ground,
the LT3506 is shut down and draws 30μA from VIN1.
Internal 2μA current sources charge external soft-start
capacitors,generatingvoltagerampsatthesepins.Ifeither
RUN/SS pin exceeds 0.6V, the internal bias circuits turn
on, including the internal regulator, 800mV reference and
575kHz master oscillator. In this state, the LT3506 draws
1.8mA from VIN1, whether one or both RUN/SS pins are
high. Neither switching regulator will begin to operate
until its RUN/SS pin reaches ~0.8V. The master oscillator
generates two clock signals of opposite phase.
Thetwoswitchersarecurrentmode,step-downregulators.
This means that instead of directly modulating the duty
cycle of the power switch, the feedback loop controls the
peak current in the switch during each cycle. This cur-
rent mode control improves loop dynamics and provides
cycle-by-cycle current limit.
The Block Diagram in Figure 2 shows only one of the two
switching regulators. A pulse from the slave oscillator
sets the RS flip-flop and turns on the internal NPN bipolar
powerswitch.Currentintheswitchandtheexternalinduc-
tor begins to increase. When this current exceeds a level
determined by the voltage at VC, current comparator C1
resets the flip-flop, turning off the switch. The current in
the inductor flows through the external Schottky diode,
and begins to decrease. The cycle begins again at the next
pulse from the oscillator. In this way the voltage on the VC
pin controls the current through the inductor to the output.
The internal error amplifier regulates the output voltage
by continually adjusting the VC pin voltage.
The threshold for switching on the VC pin is 0.75V, and an
active clamp of 1.9V limits the output current. The VC pin
is also clamped to the RUN/SS pin voltage. As the internal
current source charges the external soft-start capacitor,
the current limit increases slowly. Each switcher contains
an independent oscillator. This slave oscillator is normally
synchronized to the master oscillator. However, during
start-up, short-circuit or overload conditions, the FB pin
voltage will be near zero and an internal comparator gates
the master oscillator clock signal. This allows the slave
oscillator to run the regulator at a lower frequency. This
frequency foldback behavior helps to limit switch current
and power dissipation under fault conditions.
The switch driver operates from either the input or from
the BOOST pin. An external capacitor and diode are used
to generate a voltage at the BOOST pin that is higher than
the input supply. This allows the driver to fully saturate
the internal bipolar NPN power switch for efficient opera-
tion.
A power good comparator trips when the FB pin is at 90%
of its regulated value. The PG output is an open collector
transistor that is off when the output is in regulation, al-
lowing an external resistor to pull the PG pin high. Power
good is valid when the LT3506 is enabled (either RUN/SS
pin is high) and VIN is greater than ~3.4V.
(Refer to the Block Diagram)


Similar Part No. - 3506

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
3506 VMI-3506 Datasheet
184Kb / 2P
   200 V - 1,000 V Three Phase Bridge 40.0 A - 60.0 A Forward Current 70 ns - 3000 ns Recovery Time
logo
ebm-papst
3506 EBMPAPST-3506 Datasheet
423Kb / 1P
   TUBEAXIAL
3506 EBMPAPST-3506 Datasheet
290Kb / 4P
   AC axial compact fan
logo
List of Unclassifed Man...
35060 ETC2-35060 Datasheet
1Mb / 23P
   The Standard for Tools and Workbench Accessories
35060 ETC2-35060 Datasheet
1Mb / 23P
   The Standard for Tools and Workbench Accessories
More results

Similar Description - 3506

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3506A LINER-LT3506A_15 Datasheet
221Kb / 24P
   Dual Monolithic 1.6A Step-Down Switching Regulator
LT3506 LINER-LT3506_15 Datasheet
221Kb / 24P
   Dual Monolithic 1.6A Step-Down Switching Regulator
LT3508 LINER-LT3508_15 Datasheet
320Kb / 26P
   Dual Monolithic 1.4A Step-Down Switching Regulator
LT3508 LINER-LT3508 Datasheet
316Kb / 24P
   Dual Monolithic 1.4A Step-Down Switching Regulator
LT3501 LINER-LT3501_15 Datasheet
445Kb / 30P
   Monolithic Dual Tracking 3A Step-Down Switching Regulator
LT3510 LINER-LT3510_15 Datasheet
355Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching Regulator
LT3692A LINER-LT3692A_15 Datasheet
729Kb / 42P
   Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT3501 LINER-LT3501 Datasheet
446Kb / 28P
   Monolithic Dual Tracking 3A Step-Down Switching Regulator
LT3692A LINER-LT3692A Datasheet
729Kb / 42P
   Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT1940 LINER-LT1940_15 Datasheet
286Kb / 20P
   Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com