Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3570EUF-TRPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LT3570EUF-TRPBF
Description  1.5A Buck Converter, 1.5A Boost Converter and LDO Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3570EUF-TRPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3570EUF-TRPBF Datasheet HTML 7Page - Linear Technology LT3570EUF-TRPBF Datasheet HTML 8Page - Linear Technology LT3570EUF-TRPBF Datasheet HTML 9Page - Linear Technology LT3570EUF-TRPBF Datasheet HTML 10Page - Linear Technology LT3570EUF-TRPBF Datasheet HTML 11Page - Linear Technology LT3570EUF-TRPBF Datasheet HTML 12Page - Linear Technology LT3570EUF-TRPBF Datasheet HTML 13Page - Linear Technology LT3570EUF-TRPBF Datasheet HTML 14Page - Linear Technology LT3570EUF-TRPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LT3570
11
3570fa
to 1.2A at DC2 = 0.8. The maximum output current is a
function of the chosen inductor value:
IOUT2(MAX) =ILIM2
ΔIL2
2
= 1.5 • 1– 0.25 •DC2
()– Δ
IL2
2
Choosing an inductor value so that the ripple current is
small will allow a maximum output current near the switch
current limit.
One approach to choosing the inductor is to start with the
simple rule given above, look at the available inductors
and choose one to meet cost or space goals. Then use
these equations to check that the LT3570 will be able to
deliver the required output current. Note again that these
equations assume that the inductor current is continu-
ous. Discontinuous operation occurs when IOUT2 is less
than
ΔIL2/2.
Boost Inductor Selection
For most applications the inductor will fall in the range
of 2.2μH to 22μH. Lower values are chosen to reduce
physical size of the inductor. Higher values allow more
output current because they reduce peak current seen by
the power switch, which has a 1.5A current limit. Higher
values also reduce input ripple voltage and reduce core
loss. The following procedure is suggested as a way of
choosing a more optimum inductor.
Assume that the average inductor current for a boost
converter is equal to the load current times VOUT1/VIN1
and decide whether or not the inductor must withstand
continuous overload conditions. If average inductor cur-
rent at maximum load current is 0.5A, for instance, a 0.5A
inductor may not survive a continuous 1.5A overload
condition. Also be aware that boost converters are not
short-circuit protected, and that under short conditions,
inductor current is limited only by the available current
of the input supply
Calculate peak inductor current at full load current to en-
sure that the inductor will not saturate. Peak current can
be significantly higher than output current, especially with
smaller inductors and lighter loads, so don’t omit this step.
Powdered iron cores are forgiving because they saturate
softly, whereas ferrite cores saturate abruptly. Other
core materials fall somewhere in between. The following
formula assumes continuous mode operation but it errs
only slightly on the high side for discontinuous mode, so
it can be used for all conditions.
IPEAK1 =
IOUT1 •VOUT1
VIN1
+
VIN1 VOUT1 –VIN1
()
2• f •L • VOUT1
Make sure that IPEAK1 is less than the switch current ILIM1.
ILIM1 is at least 1.5A at low duty cycles and decreases
linearly to 1.2A at DC1 = 0.8. The maximum switch current
limit can be calculated by the following formula:
ILIM1 = 1.5 • (1 – 0.25 • DC1)
where DC1 is the duty cycle and is defined as:
DC1
= 1–
VIN1
VOUT1
Remember also that inductance can drop significantly with
DC current and manufacturing tolerance. Consideration
should also be given to the DC resistance of the inductor
as this contributes directly to the efficiency losses in the
overall converter. Table 1 lists several inductor vendors
and types that are suitable.
Buck Output Capacitor Selection
For 5V and 3.3V outputs, a 10μF, 6.3V ceramic capacitor
(X5R or X7R) at the output results in very low output volt-
age ripple and good transient response. For lower voltages,
10μF is adequate for ripple requirements but increasing
COUT will improve transient performance. Other types and
values will also work; the following discusses tradeoffs in
output ripple and transient performance.
The output capacitor filters the inductor current to generate
an output with low voltage ripple. It also stores energy in
order to satisfy transient loads and stabilize the LT3570’s
control loop. Because the LT3570 operates at a high
frequency, minimal output capacitance is necessary. In
addition, the control loop operates well with or without
the presence of output capacitor series resistance (ESR).
Ceramic capacitors, which achieve very low output ripple
APPLICATIONS INFORMATION


Similar Part No. - LT3570EUF-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3570 LINER-LT3570_15 Datasheet
293Kb / 20P
   1.5A Buck Converter, 1.5A Boost Converter and LDO Controller
More results

Similar Description - LT3570EUF-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3570 LINER-LT3570_15 Datasheet
293Kb / 20P
   1.5A Buck Converter, 1.5A Boost Converter and LDO Controller
logo
SHENZHEN FUMAN ELECTRON...
FM3406MS FUMAN-FM3406MS Datasheet
477Kb / 8P
   1.5A Buck Converter IC
logo
Linear Technology
LTC3111EDHD LINER-LTC3111EDHD Datasheet
532Kb / 6P
   15V, 1.5A Synchronous Buck-Boost DC/DC Converter
logo
Diodes Incorporated
ZXLD1374 DIODES-ZXLD1374 Datasheet
733Kb / 35P
   60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST LED DRIVER CONVERTER
DS35032 Rev. 1 - 2
logo
Linear Technology
LTC3111 LINER-LTC3111_15 Datasheet
508Kb / 32P
   15V, 1.5A Synchronous Buck-Boost DC/DC Converter
LTC3111 LINER-LTC3111 Datasheet
508Kb / 32P
   15V, 1.5A Synchronous Buck-Boost DC/DC Converter
logo
Skyworks Solutions Inc.
AAT2786 SKYWORKS-AAT2786 Datasheet
3Mb / 27P
   1.5A Step-Down Converter and 150mA LDO
logo
Advanced Analogic Techn...
AAT2786 ANALOGICTECH-AAT2786 Datasheet
3Mb / 27P
   1.5A Step-Down Converter and 150mA LDO
logo
ACE Technology Co., LTD...
ACE7215C ACE-ACE7215C Datasheet
1,013Kb / 10P
   1.5A 1.5MHz Synchronous Buck Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8027 BELLING-BL8027 Datasheet
722Kb / 5P
   1.5A 1.5MHz Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com