Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3573EMSE-PBF Datasheet(PDF) 1 Page - Linear Technology

Part # LT3573EMSE-PBF
Description  Isolated Flyback Converter Without an Opto-Coupler
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3573EMSE-PBF Datasheet(HTML) 1 Page - Linear Technology

  LT3573EMSE-PBF Datasheet HTML 1Page - Linear Technology LT3573EMSE-PBF Datasheet HTML 2Page - Linear Technology LT3573EMSE-PBF Datasheet HTML 3Page - Linear Technology LT3573EMSE-PBF Datasheet HTML 4Page - Linear Technology LT3573EMSE-PBF Datasheet HTML 5Page - Linear Technology LT3573EMSE-PBF Datasheet HTML 6Page - Linear Technology LT3573EMSE-PBF Datasheet HTML 7Page - Linear Technology LT3573EMSE-PBF Datasheet HTML 8Page - Linear Technology LT3573EMSE-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LT3573
1
3573f
FEATURES
APPLICATIONS
DESCRIPTION
Isolated Flyback Converter
Without an Opto-Coupler
The LT®3573 is a monolithic switching regulator specifi-
cally designed for the isolated flyback topology. No third
winding or optoisolator is required for regulation. The
part senses the isolated output voltage directly from the
primary side flyback waveform. A 1.25A, 60V NPN power
switch is integrated along with all control logic into a 16-
lead MSOP package.
The LT3573 operates with input supply voltages from
3V to 40V, and can deliver output power up to 7W with
no external power devices.The LT3573 utilizes boundary
mode operation to provide a small magnetic solution with
improved load regulation.
5V Isolated Flyback Converter
n 3V to 40V Input Voltage Range
n 1.25A, 60V Integrated NPN Power Switch
n Boundary Mode Operation
n No Transformer Third Winding or
Optoisolator Required for Regulation
n Improved Primary-Side Winding Feedback
Load Regulation
n VOUT Set with Two External Resistors
n BIAS Pin for Internal Bias Supply and Power
NPN Driver
n Programmable Soft-Start
n Programmable Power Switch Current Limit
n Thermally Enhanced 16-Lead MSOP
n Industrial, Automotive, Medical
n Low Power PoE
LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners. Patents pending.
Load Regulation
SHDN/UVLO
TC
RILIM
SS
RFB
RREF
SW
VC
GND
TEST BIAS
LT3573
3573 TA01
28.7k
10k
20k
VIN
12V TO 24V
VOUT
+
5V, 0.7A
VOUT
VIN
3:1
357k
51.1k
10μF
2.6μH
24μH
47μF
10nF
1nF
4.7μF
6.04k
2k
80.6k
B340A
1N4148
0.22μF
IOUT (mA)
0
1
2
0
–1
400
800
200
600
1000 1200 1400
–2
–3
3
3573 TA01b
VIN = 12V
VIN = 24V
TYPICAL APPLICATION


Similar Part No. - LT3573EMSE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3573EMSEPBF LINER-LT3573EMSEPBF Datasheet
1Mb / 26P
   Isolated Flyback Converter without an Opto-Coupler
LT3573EMSETRPBF LINER-LT3573EMSETRPBF Datasheet
1Mb / 26P
   Isolated Flyback Converter without an Opto-Coupler
More results

Similar Description - LT3573EMSE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3574 LINER-LT3574_15 Datasheet
294Kb / 24P
   Isolated Flyback Converter Without an Opto-Coupler
LT3573 LINER-LT3573_09 Datasheet
1Mb / 26P
   Isolated Flyback Converter without an Opto-Coupler
LT3574 LINER-LT3574 Datasheet
290Kb / 24P
   Isolated Flyback Converter Without an Opto-Coupler
LT3573 LINER-LT3573_15 Datasheet
281Kb / 26P
   Isolated Flyback Converter without an Opto-Coupler
LT3575 LINER-LT3575_15 Datasheet
251Kb / 24P
   Isolated Flyback Converter without an Opto-Coupler
LT3798 LINER-LT3798 Datasheet
257Kb / 20P
   Isolated No Opto-Coupler Flyback Controller
LT8302 LINER-LT8302 Datasheet
556Kb / 6P
   Micropower No-Opto Isolated Flyback Converter
logo
Linear Integrated Syste...
LT8303ES5 LINEAR-LT8303ES5 Datasheet
32Kb / 1P
   MICROPOWER NO-OPTO ISOLATED FLYBACK CONVERTER
logo
Analog Devices
LT3001 AD-LT3001 Datasheet
565Kb / 10P
   36V 4W No-Opto Isolated Flyback Converter
LT3002 AD-LT3002 Datasheet
799Kb / 12P
   36V 10W No-Opto Isolated Flyback Converter
08/19 Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com