Electronic Components Datasheet Search |
|
A1415AA-1TQ208C Datasheet(PDF) 6 Page - Actel Corporation |
|
A1415AA-1TQ208C Datasheet(HTML) 6 Page - Actel Corporation |
6 / 68 page 1-180 Hermetic Device Resources Pin Description CLKA Clock A (Input) Clock input for clock distribution networks. The Clock input is buffered prior to clocking the logic modules. This pin can also be used as an I/O. CLKB Clock B (Input) Clock input for clock distribution networks. The Clock input is buffered prior to clocking the logic modules. This pin can also be used as an I/O. GND Ground LOW supply voltage. HCLK Dedicated (Hard-wired) Array Clock (Input) Clock input for sequential modules. This input is directly wired to each S-Module and offers clock speeds independent of the number of S-Modules being driven. This pin can also be used as an I/O. I/O Input/Output (Input, Output) The I/O pin functions as an input, output, three-state, or bidirectional buffer. Input and output levels are compatible with standard TTL and CMOS specifications. Unused I/O pins are tristated by the Designer Series software. IOCLK Dedicated (Hard-wired) I/O Clock (Input) Clock input for I/O modules. This input is directly wired to each I/O module and offers clock speeds independent of the number of I/O modules being driven. This pin can also be used as an I/O. IOPCL Dedicated (Hard-wired) I/O Preset/Clear (Input) Input for I/O preset or clear. This global input is directly wired to the preset and clear inputs of all I/O registers. This pin functions as an I/O when no I/O preset or clear macros are used. MODE Mode (Input) The MODE pin controls the use of diagnostic pins (DCLK, PRA, PRB, SDI). When the MODE pin is HIGH, the special functions are active. When the MODE pin is LOW, the pins function as I/Os. To provide Actionprobe capability, the MODE pin should be terminated to GND through a 10K resistor so that the MODE pin can be pulled high when required. NC No Connection This pin is not connected to circuitry within the device. PRA Probe A (Output) The Probe A pin is used to output data from any user-defined design node within the device. This independent diagnostic pin can be used in conjunction with the Probe B pin to allow real-time diagnostic output of any signal path within the device. The Probe A pin can be used as a user-defined I/O when debugging has been completed. The pin’s probe capabilities can be permanently disabled to protect programmed design confidentiality. PRA is accessible when the MODE pin is HIGH. This pin functions as an I/O when the MODE pin is LOW. PRB Probe B (Output) The Probe B pin is used to output data from any user-defined design node within the device. This independent diagnostic pin can be used in conjunction with the Probe A pin to allow real-time diagnostic output of any signal path within the device. The Probe B pin can be used as a user-defined I/O when debugging has been completed. The pin’s probe capabilities can be permanently disabled to protect programmed design confidentiality. PRB is accessible when the MODE pin is HIGH. This pin functions as an I/O when the MODE pin is LOW. SDI Serial Data Input (Input) Serial data input for diagnostic probe and device programming. SDI is active when the MODE pin is HIGH. This pin functions as an I/O when the MODE pin is LOW. DCLK Diagnostic Clock (Input) Clock input for diagnostic probe and device programming. DCLK is active when the MODE pin is HIGH. This pin functions as an I/O when the MODE pin is LOW. VCC 5 V Supply Voltage HIGH supply voltage. Device Series Logic Modules User I/Os CPGA CQFP Gates 100-pin 133-pin 175-pin 207-pin 257-pin 132-pin 196-pin 256-pin A1415 200 1500 80 — — — — — — — A1425 310 2500 — 100 — — — 100 — — A1440 564 4000 — — 140 — — — — — A1460 848 6000 — — — 168 — — 168 — A14100 1377 10000 — — — — 228 — — 228 |
Similar Part No. - A1415AA-1TQ208C |
|
Similar Description - A1415AA-1TQ208C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |