Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3580IMS8E-PBF Datasheet(PDF) 8 Page - Linear Technology

Part # LT3580IMS8E-PBF
Description  Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3580IMS8E-PBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3580IMS8E-PBF Datasheet HTML 4Page - Linear Technology LT3580IMS8E-PBF Datasheet HTML 5Page - Linear Technology LT3580IMS8E-PBF Datasheet HTML 6Page - Linear Technology LT3580IMS8E-PBF Datasheet HTML 7Page - Linear Technology LT3580IMS8E-PBF Datasheet HTML 8Page - Linear Technology LT3580IMS8E-PBF Datasheet HTML 9Page - Linear Technology LT3580IMS8E-PBF Datasheet HTML 10Page - Linear Technology LT3580IMS8E-PBF Datasheet HTML 11Page - Linear Technology LT3580IMS8E-PBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LT3580
8
3580fc
Start-Up Operation
Several functions are provided to enable a very clean
start-up for the LT3580.
• First, the SHDN pin voltage is monitored by an internal
voltage reference to give a precise turn-on voltage level.
An external resistor (or resistor divider) can be connected
from the input power supply to the SHDN pin to provide
a user-programmable undervoltage lockout function.
• Second, the soft-start circuitry provides for a gradual
ramp-up of the switch current. When the part is brought
out of shutdown, the external SS capacitor is first
discharged (providing protection against SHDN pin
glitches and slow ramping), then an integrated 275k
resistor pulls the SS pin up to ~2.2V. By connecting an
external capacitor to the SS pin, the voltage ramp rate
on the pin can be set. Typical values for the soft-start
capacitor range from 100nF to 1μF.
• Finally, the frequency foldback circuit reduces the switch-
ing frequency when the FB pin is in a nominal range of
350mV to 900mV. This feature reduces the minimum
duty cycle that the part can achieve thus allowing better
control of the switch current during start-up. When the
FB voltage is pulled outside of this range, the switching
frequency returns to normal.
Current Limit and Thermal Shutdown Operation
The LT3580 has a current limit circuit not shown in the
Block Diagram. The switch current is consistently moni-
tored and not allowed to exceed the maximum switch
current at a given duty cycle (see the Electrical Charac-
teristics table). If the switch current reaches this value,
the SR latch (SR1) is reset regardless of the state of the
comparator (A1/A2). Also not shown in the Block Diagram
is the thermal shutdown circuit. If the temperature of the
part exceeds approximately 165°C, the SR2 latch is set
regardless of the state of the comparator (A1/A2). A full
soft-start cycle will then be initiated. The current limit and
thermal shutdown circuits protect the power switch as well
as the external components connected to the LT3580.
OPERATION


Similar Part No. - LT3580IMS8E-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3580IMS8E LINER-LT3580IMS8E Datasheet
274Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
More results

Similar Description - LT3580IMS8E-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3580IDD LINER-LT3580IDD Datasheet
274Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT3580 LINER-LT3580_15 Datasheet
300Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT8570 LINER-LT8570_15 Datasheet
663Kb / 34P
   Boost/SEPIC/Inverting DC/DC Converter with 65V Switch, Soft-Start and Synchronization
LT8570-1 LINER-LT8570-1_15 Datasheet
663Kb / 34P
   Boost/SEPIC/Inverting DC/DC Converter with 65V Switch, Soft-Start and Synchronization
LT8580 LINER-LT8580 Datasheet
448Kb / 32P
   Boost/SEPIC/Inverting DC/DC Converter with 1A, 65V Switch, Soft-Start and Synchronization
LT8580 LINER-LT8580_15 Datasheet
438Kb / 32P
   Boost/SEPIC/Inverting DC/DC Converter with 1A, 65V Switch, Soft-Start and Synchronization
LT1946 LINER-LT1946_15 Datasheet
544Kb / 12P
   1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT1946A LINER-LT1946A Datasheet
312Kb / 12P
   2.7MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT3489 LINER-LT3489 Datasheet
219Kb / 12P
   2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
LT3489 LINER-LT3489_15 Datasheet
225Kb / 12P
   2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com