Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

194E-CA00 Datasheet(PDF) 3 Page - Allen-Bradley

Part # 194E-CA00
Description  Bulletin 194E
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

194E-CA00 Datasheet(HTML) 3 Page - Allen-Bradley

  194E-CA00 Datasheet HTML 1Page - Allen-Bradley 194E-CA00 Datasheet HTML 2Page - Allen-Bradley 194E-CA00 Datasheet HTML 3Page - Allen-Bradley 194E-CA00 Datasheet HTML 4Page - Allen-Bradley 194E-CA00 Datasheet HTML 5Page - Allen-Bradley 194E-CA00 Datasheet HTML 6Page - Allen-Bradley 194E-CA00 Datasheet HTML 7Page - Allen-Bradley 194E-CA00 Datasheet HTML 8Page - Allen-Bradley 194E-CA00 Datasheet HTML 9Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
10-4
IEC Load Switches
Bulletin 194E
25 Amps to 100 Amps
Product Selection
OFF-ON Base/Front-Mounted 3- and 6-Pole Switches (continued) (Switch Body listed on page 10-3)
Accessories — Page 10-11
Specifications — Page 10-17
Approximate Dimensions — Page 10-19
Actuators with Screw Fixing
(Includes Legend Plate and
Control Knob)
Rating
Colour
Legend Plate Size
Use with
Catalogue
Number
Legend
Marking
Catalogue Number
IP65
Black/Gray
48 mm x 48 mm
(1-57/64in x 1-57/64in)
194E-25…63A
0-1
194L-HE4A-175
OFF-ON
194L-HE4A-175I
64 mm x 64 mm
(2-33/64in x 2-33/64in)
194E-25…100A
0-1
194L-HE6A-175
OFF-ON
194L-HE6A-175I
88 mm x 88 mm
(3-15/32in x 3-15/32in)
194E-40…100A
0-1
194L-HE8A-175
OFF-ON
194L-HE8A-175I
IP65
Red/Yellow
48 mm x 48 mm
(1-57/64in x 1-57/64in)
194E-25…63A
0-1
194L-HE4I-175
OFF-ON
194L-HE4I-175I
64 mm x 64 mm
(2-33/64in x 2-33/64in)
194E-25…100A
0-1
194L-HE6I-175
OFF-ON
194L-HE6I-175I
88 mm x 88 mm
(3-15/32in x 3-15/32in)
194E-40…100A
0-1
194L-HE8I-175
OFF-ON
194L-HE8I-175I
IP65
Black/Gray
48 mm x 48 mm
(1-57/64in x 1-57/64in)
194E-25…63A
0-1
194L-HE4E-175
OFF-ON
194L-HE4E-175I
64 mm x 64 mm
(2-33/64in x 2-33/64in)
194E-25…100A
0-1
194L-HE6E-175
OFF-ON
194L-HE6E-175I
IP65
Red/Yellow
48 mm x 48 mm
(1-57/64in x 1-57/64in)
194E-25…63A
0-1
194L-HE4L-175
OFF-ON
194L-HE4L-175I
64 mm x 64 mm
(2-33/64in x 2-33/64in)
194E-25…100A
0-1
194L-HE6L-175
OFF-ON
194L-HE6L-175I
IP65
Type 3/3R/12
Black/Gray
67 mm x 67 mm
(2-41/64in x 2-41/64in)
194E-25…100A
0-1
OFF-ON
194L-HE6G-175
88 mm x 88 mm
(3-15/32in x 3-15/32in)
194E-40…100A
0-1
OFF-ON
194L-HE8G-175
IP65
Type 3/3R/12
Red/Yellow
67 mm x 67 mm
(2-41/64in x 2-41/64in)
194E-25…100A
0-1
OFF-ON
194L-HE6N-175
90 mm x 90 mm
(3-35/64in x 3-35/64in)
194E-40…100A
0-1
OFF-ON
194L-HE8N-175
IP65
Black/Gray
48 mm x 62 mm
(1-57/64in x 2-7/16in)
194E-25…63A
0-1
194L-HE4S-175
OFF-ON
194L-HE4S-175I
64 mm x 78 mm
(2-33/64in x 3-5/64in)
194E-25…100A
0-1
194L-HE6S-175
OFF-ON
194L-HE6S-175I
Type A
Type I
Type E
with Locking for One Padlock
(Padlock Not Included)
Type L
with Locking for One Padlock
(Padlock Not Included)
Type G
Type N
Type S


Similar Part No. - 194E-CA00

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
194E-A125-1753 ALLEN-BRADLEY-194E-A125-1753 Datasheet
196Kb / 12P
   Bulletin 194E
194E-A125-1754 ALLEN-BRADLEY-194E-A125-1754 Datasheet
196Kb / 12P
   Bulletin 194E
194E-A160-1753 ALLEN-BRADLEY-194E-A160-1753 Datasheet
196Kb / 12P
   Bulletin 194E
194E-A160-1754 ALLEN-BRADLEY-194E-A160-1754 Datasheet
196Kb / 12P
   Bulletin 194E
194E-A250-1753 ALLEN-BRADLEY-194E-A250-1753 Datasheet
196Kb / 12P
   Bulletin 194E
More results

Similar Description - 194E-CA00

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
194E-A125-1753 ALLEN-BRADLEY-194E-A125-1753 Datasheet
196Kb / 12P
   Bulletin 194E
194L-A4-000 ALLEN-BRADLEY-194L-A4-000 Datasheet
28Kb / 1P
   Bulletin 194E
logo
United Chemi-Con, Inc.
APSE6R3ELL471 CHEMI-CON-APSE6R3ELL471 Datasheet
47Kb / 2P
   Engineering Bulletin
logo
Motorola, Inc
EB622 MOTOROLA-EB622 Datasheet
132Kb / 4P
   Engineering Bulletin
logo
M/A-COM Technology Solu...
28330-PBD-001-A MA-COM-28330-PBD-001-A_15 Datasheet
23Kb / 1P
   product bulletin
28953-PBD-001-A MA-COM-28953-PBD-001-A_15 Datasheet
29Kb / 2P
   product bulletin
28500-PBD-001-B MA-COM-28500-PBD-001-B_15 Datasheet
47Kb / 2P
   Product Bulletin
logo
United Chemi-Con, Inc.
APSE4R0ELL561 CHEMI-CON-APSE4R0ELL561 Datasheet
47Kb / 2P
   Engineering Bulletin
logo
Nippon Precision Circui...
LZASERIES NPC-LZASERIES Datasheet
57Kb / 2P
   Engineering Bulletin
logo
API Technologies Corp
MR25566 APITECH-MR25566 Datasheet
80Kb / 1P
   SPECIFICATION BULLETIN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com