Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTDCJ Datasheet(PDF) 3 Page - Linear Technology

Part # LTDCJ
Description  Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTDCJ Datasheet(HTML) 3 Page - Linear Technology

  LTDCJ Datasheet HTML 1Page - Linear Technology LTDCJ Datasheet HTML 2Page - Linear Technology LTDCJ Datasheet HTML 3Page - Linear Technology LTDCJ Datasheet HTML 4Page - Linear Technology LTDCJ Datasheet HTML 5Page - Linear Technology LTDCJ Datasheet HTML 6Page - Linear Technology LTDCJ Datasheet HTML 7Page - Linear Technology LTDCJ Datasheet HTML 8Page - Linear Technology LTDCJ Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LT3580
3
3580fc
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3580E is guaranteed to meet performance specifications
from 0°C to 125°C junction temperature. Specifications over the –40°C
to 125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LT3580I is guaranteed over the full –40°C to 125°C operating junction
temperature range.
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 5V, VSHDN = VIN unless otherwise noted. (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Voltage Range
l
2.5
32
V
Positive Feedback Voltage
l
1.195
1.215
1.230
V
Negative Feedback Voltage
l
05
12
mV
Positive FB Pin Bias Current
VFB = Positive Feedback Voltage, Current Into Pin
l
81
83.3
85
μA
Negative FB Pin Bias Current
VFB = Negative Feedback Voltage, Current Out of Pin
l
81
83.3
85.5
μA
Error Amplifier Transconductance
230
μmhos
Error Amplifier Voltage Gain
70
V/V
Quiescent Current
VSHDN = 2.5V, Not Switching
1
1.5
mA
Quiescent Current in Shutdown
VSHDN = 0V
0
1
μA
Reference Line Regulation
2.5V ≤ VIN ≤ 32V
0.01
0.05
%/V
Switching Frequency, fOSC
RT = 45.3k
RT = 464k
l
l
1.8
180
2
200
2.2
220
MHz
kHz
Switching Frequency in Foldback
Compared to Normal fOSC
1/4
Ratio
Switching Frequency Set Range
SYNCing or Free Running
l
200
2500
kHz
SYNC High Level for Synchronization
l
1.3
V
SYNC Low Level for Synchronization
l
0.4
V
SYNC Clock Pulse Duty Cycle
VSYNC = 0V to 2V
35
65
%
Recommended Minimum SYNC Ratio fSYNC/fOSC
3/4
Minimum Off-Time
60
nS
Minimum On-Time
100
nS
Switch Current Limit
Minimum Duty Cycle (Note 3)
Maximum Duty Cycle (Notes 3, 4)
l
l
2.2
1.6
2.5
1.9
2.8
2.6
A
A
Switch VCESAT
ISW = 1.5A
300
mV
Switch Leakage Current
VSW = 5V
0.01
1
μA
Soft-Start Charging Current
VSS = 0.5V
l
468
μA
SHDN Minimum Input
Voltage High
Active Mode, SHDN Rising
Active Mode, SHDN Falling
l
l
1.27
1.24
1.32
1.29
1.38
1.33
V
V
SHDN Input Voltage Low
Shutdown Mode
l
0.3
V
SHDN Pin Bias Current
VSHDN = 3V
VSHDN = 1.3V
VSHDN = 0V
9.7
40
11.6
0
60
13.4
0.1
μA
μA
μA
Note 3: Current limit guaranteed by design and/or correlation to static test.
Note 4: Current limit measured at equivalent switching frequency of
2.5MHz.
Note 5: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is
active. Continuous operation above the specified maximum operating
junction temperature may impair device reliability.


Similar Part No. - LTDCJ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTDCR LINER-LTDCR Datasheet
309Kb / 24P
   500mA Wide Input Voltage Range Step-Down LED Driver with 10:1 Dimming
More results

Similar Description - LTDCJ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3580IDD LINER-LT3580IDD Datasheet
274Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT3580 LINER-LT3580_15 Datasheet
300Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT8570 LINER-LT8570_15 Datasheet
663Kb / 34P
   Boost/SEPIC/Inverting DC/DC Converter with 65V Switch, Soft-Start and Synchronization
LT8570-1 LINER-LT8570-1_15 Datasheet
663Kb / 34P
   Boost/SEPIC/Inverting DC/DC Converter with 65V Switch, Soft-Start and Synchronization
LT8580 LINER-LT8580 Datasheet
448Kb / 32P
   Boost/SEPIC/Inverting DC/DC Converter with 1A, 65V Switch, Soft-Start and Synchronization
LT8580 LINER-LT8580_15 Datasheet
438Kb / 32P
   Boost/SEPIC/Inverting DC/DC Converter with 1A, 65V Switch, Soft-Start and Synchronization
LT1946 LINER-LT1946_15 Datasheet
544Kb / 12P
   1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT1946A LINER-LT1946A Datasheet
312Kb / 12P
   2.7MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT3489 LINER-LT3489 Datasheet
219Kb / 12P
   2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
LT3489 LINER-LT3489_15 Datasheet
225Kb / 12P
   2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com