Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

194E-KA20 Datasheet(PDF) 5 Page - Allen-Bradley

Part # 194E-KA20
Description  Bulletin 194E
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

194E-KA20 Datasheet(HTML) 5 Page - Allen-Bradley

  194E-KA20 Datasheet HTML 1Page - Allen-Bradley 194E-KA20 Datasheet HTML 2Page - Allen-Bradley 194E-KA20 Datasheet HTML 3Page - Allen-Bradley 194E-KA20 Datasheet HTML 4Page - Allen-Bradley 194E-KA20 Datasheet HTML 5Page - Allen-Bradley 194E-KA20 Datasheet HTML 6Page - Allen-Bradley 194E-KA20 Datasheet HTML 7Page - Allen-Bradley 194E-KA20 Datasheet HTML 8Page - Allen-Bradley 194E-KA20 Datasheet HTML 9Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
10-6
IEC Load Switches
Bulletin 194E
25 Amps to 100 Amps
Product Selection
OFF-ON Front-Mounted 3- and 6-Pole Switches (continued) (Switch Body listed on page 10-3)
194L/194E Disk Actuators with Central Fixing (Type G, N) — Size 6
194L/194E Central Fixing Actuators (Type B, D)
3-Position Front-Mounted Change over Switch (Includes Shaft)
Accessories — Page 10-11
Specifications — Page 10-17
Approximate Dimensions — Page 10-19
Rating
Colour
Legend Plate Size
Use with
Catalogue
Number
Legend
Marking
Catalogue Number
IP65
Type 3/3R/12
Black/
Gray
67 mm x 67 mm
(2-33/64in x 2-33/64in)
194L-E25…100
0-1
OFF-ON
194L-HC6G-175
Red/
Yellow
0-1
OFF-ON
194L-HC6N-175
Description
Pkg.
Qty.
Catalogue Number
Central-Mounting Actuators (IP65)
Handle Style: Knob Lever with Latch
(Use with Catalogue Number 194E-E25-100-1753)
1
194L-HCB-001
Key Removal Position (Includes Latch) — Central Fixing
Use with Catalogue Number 194L-E25-100-1753
1
194L-HCDC-001
Key Removal Position (Includes Latch) — Central Fixing
Use with Catalogue Number 194L-E25-100-1753
194L-HCDD-001
Key Removal Position (Includes Latch) — Central Fixing
Use with Catalogue Number 194L-E25-100-1753
194L-HCDG-001
Key Removal Position (Includes Latch) — Central Fixing
Use with Catalogue Number 194L-E25-100-1753
194L-HCDH-001
Switch Body
(Includes Shaft)
Function
Switching
Angle
Contact Target Configuration
X=Contact Closed
O=Contact Open
Maximum
Load Rating
(A)
AC23A
Rated
Power
[kW] at
690V AC
50 Hz.
HP @
480V AC
60 Hz,
3
Catalogue Number
No. of
Circuits
Handle Position
102
1X
O
O
25
11
10
194E-A25-3753
2X
O
O
32
15
15
194E-A32-3753
3X
O
O
40
18.5
20
194E-A40-3753
4O
O
X
63
22
25
194E-A63-3753
5O
O
X
80
37
50
194E-A80-3753
6O
O
X
100
45
50
194E-A100-3753
Type G, N
Type B
Type D
90
0
2
1
O


Similar Part No. - 194E-KA20

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
194E-A125-1753 ALLEN-BRADLEY-194E-A125-1753 Datasheet
196Kb / 12P
   Bulletin 194E
194E-A125-1754 ALLEN-BRADLEY-194E-A125-1754 Datasheet
196Kb / 12P
   Bulletin 194E
194E-A160-1753 ALLEN-BRADLEY-194E-A160-1753 Datasheet
196Kb / 12P
   Bulletin 194E
194E-A160-1754 ALLEN-BRADLEY-194E-A160-1754 Datasheet
196Kb / 12P
   Bulletin 194E
194E-A250-1753 ALLEN-BRADLEY-194E-A250-1753 Datasheet
196Kb / 12P
   Bulletin 194E
More results

Similar Description - 194E-KA20

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
194E-A125-1753 ALLEN-BRADLEY-194E-A125-1753 Datasheet
196Kb / 12P
   Bulletin 194E
194L-A4-000 ALLEN-BRADLEY-194L-A4-000 Datasheet
28Kb / 1P
   Bulletin 194E
logo
United Chemi-Con, Inc.
APSE6R3ELL471 CHEMI-CON-APSE6R3ELL471 Datasheet
47Kb / 2P
   Engineering Bulletin
logo
Motorola, Inc
EB622 MOTOROLA-EB622 Datasheet
132Kb / 4P
   Engineering Bulletin
logo
M/A-COM Technology Solu...
28330-PBD-001-A MA-COM-28330-PBD-001-A_15 Datasheet
23Kb / 1P
   product bulletin
28953-PBD-001-A MA-COM-28953-PBD-001-A_15 Datasheet
29Kb / 2P
   product bulletin
28500-PBD-001-B MA-COM-28500-PBD-001-B_15 Datasheet
47Kb / 2P
   Product Bulletin
logo
United Chemi-Con, Inc.
APSE4R0ELL561 CHEMI-CON-APSE4R0ELL561 Datasheet
47Kb / 2P
   Engineering Bulletin
logo
Nippon Precision Circui...
LZASERIES NPC-LZASERIES Datasheet
57Kb / 2P
   Engineering Bulletin
logo
API Technologies Corp
MR25566 APITECH-MR25566 Datasheet
80Kb / 1P
   SPECIFICATION BULLETIN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com