Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1225A-2VQ176M Datasheet(PDF) 5 Page - Actel Corporation

Part # A1225A-2VQ176M
Description  ACT2 Family FPGAs
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A1225A-2VQ176M Datasheet(HTML) 5 Page - Actel Corporation

  A1225A-2VQ176M Datasheet HTML 1Page - Actel Corporation A1225A-2VQ176M Datasheet HTML 2Page - Actel Corporation A1225A-2VQ176M Datasheet HTML 3Page - Actel Corporation A1225A-2VQ176M Datasheet HTML 4Page - Actel Corporation A1225A-2VQ176M Datasheet HTML 5Page - Actel Corporation A1225A-2VQ176M Datasheet HTML 6Page - Actel Corporation A1225A-2VQ176M Datasheet HTML 7Page - Actel Corporation A1225A-2VQ176M Datasheet HTML 8Page - Actel Corporation A1225A-2VQ176M Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
v4.0
5
ACT 2 Fam i l y FP G A s
P ack ag e Th er m a l Ch ar ac t e r i st i c s
The device junction to case thermal characteristic is
θjc,
and the junction to ambient air characteristic is
θja. The
thermal characteristics for
θja are shown with two different
air flow rates.
Maximum junction temperature is 150°C.
A sample calculation of the absolute maximum power
dissipation allowed for a PQFP 160-pin package at
commercial temperature is as follows:
P o w e r D i s s ip a t io n
P = [ICCstandby + ICCactive] * VCC + IOL * VOL * N +
IOH * (VCC – VOH) * M
Where:
ICC standby is the current flowing when no inputs or outputs
are changing.
ICC active is the current flowing due to CMOS switching.
IOL, IOH are TTL sink/source currents.
VOL, VOH are TTL level output voltages.
N equals the number of outputs driving TTL loads to VOL.
M equals the number of outputs driving TTL loads to VOH.
An accurate determination of N and M is problematical
because their values depend on the family type, design
details, and on the system I/O. The power can be divided
into two components: static and active.
S tat i c P o w e r Co m ponen t
Actel FPGAs have small static power components that
result in lower power dissipation than PALs or PLDs. By
integrating multiple PALs/PLDs into one FPGA, an even
greater reduction in board-level power dissipation can be
achieved.
The power due to standby current is typically a small
component of the overall power. Standby power is
calculated below for commercial, worst case conditions.
ICC
VCC
Power
2 mA
5.25V
10.5 mW
The static power dissipated by TTL loads depends on the
number of outputs driving high or low and the DC load
current. Again, this value is typically small. For instance, a
32-bit bus sinking 4 mA at 0.33 V will generate 42 mW with
all outputs driving low, and 140 mW with all outputs driving
high. The actual dissipation will average somewhere
between as I/Os switch states with time.
Ac ti v e P o wer Com p o nent
Power dissipation in CMOS devices is usually dominated by
the active (dynamic) power dissipation. This component is
frequency dependent, a function of the logic and the
external I/O. Active power dissipation results from charging
internal
chip
capacitances
of
the
interconnect,
unprogrammed antifuses, module inputs, and module
outputs, plus external capacitance due to PC board traces
Package Type
Pin Count
θjc
θja
Still Air
θja
300 ft/min
Units
Ceramic Pin Grid Array
100
132
176
5
5
8
35
30
23
17
15
12
°C/W
°C/W
°C/W
Ceramic Quad Flat Pack
172
8
25
15
°C/W
Plastic Quad Flat Pack1
100
144
160
13
15
15
48
40
38
40
32
30
°C/W
°C/W
°C/W
Plastic Leaded Chip Carrier2
84
12
37
28
°C/W
Very Thin Quad Flat Pack3
100
12
43
35
°C/W
Thin Quad Flat Pack4
176
15
32
25
°C/W
Notes:(Maximum Power in Still Air)
1.
Maximum Power Dissipation for PQFP packages are 1.9 Watts (100-pin), 2.3 Watts (144-pin), and 2.4 Watts (160-pin).
2.
Maximum Power Dissipation for PLCC packages is 2.7 Watts.
3.
Maximum Power Dissipation for VQFP packages is 2.3 Watts.
4.
Maximum Power Dissipation for TQFP packages is 3.1 Watts.
Max. junction temp. (°C) – Max. commercial temp.
θja (°C/W)
-----------------------------------------------------------------------------------------------------------------------------
150°C – 70°C
33°C/W
---------------------------------
2.4 W
==


Similar Part No. - A1225A-2VQ176M

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A1225A-2VQ176M MICROSEMI-A1225A-2VQ176M Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
More results

Similar Description - A1225A-2VQ176M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
   54SX Family FPGAs
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
   eX Family FPGAs
logo
List of Unclassifed Man...
EX128 ETC1-EX128 Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
AX500-PQ208I MICROSEMI-AX500-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
logo
Actel Corporation
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
   SX Family FPGAs
AX1000-1FGG896I ACTEL-AX1000-1FGG896I Datasheet
2Mb / 226P
   Axcelerator Family FPGAs
A54SX16-P2PQG208 ACTEL-A54SX16-P2PQG208 Datasheet
504Kb / 64P
   SX Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com