Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCPB Datasheet(PDF) 7 Page - Linear Technology

Part # LCPB
Description  48V Buck Mode LED Driver in SC70 and 2mm x 2mm DFN
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LCPB Datasheet(HTML) 7 Page - Linear Technology

Back Button LCPB Datasheet HTML 3Page - Linear Technology LCPB Datasheet HTML 4Page - Linear Technology LCPB Datasheet HTML 5Page - Linear Technology LCPB Datasheet HTML 6Page - Linear Technology LCPB Datasheet HTML 7Page - Linear Technology LCPB Datasheet HTML 8Page - Linear Technology LCPB Datasheet HTML 9Page - Linear Technology LCPB Datasheet HTML 10Page - Linear Technology LCPB Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LT3590
7
3590f
OPERATION
The LT3590 uses a constant-frequency, current mode
control scheme to provide excellent line and load regula-
tion. Operation can be best understood by referring to the
Block Diagram.
At power-up, the bandgap reference, the start-up bias, and
the regulator are turned on. If CTRL is pulled higher than
150mV, the switching converter sub-blocks including the
oscillator, the PWM comparator and the error amplifier
are also turned on. At the start of each oscillator cycle,
the power switch Q1 is turned on. Current flows through
the inductor and the switch to ground, ramping up as the
switch stays on. A voltage proportional to the switch cur-
rent is added to a stabilizing ramp and the resulting sum
is fed into the positive terminal of the PWM comparator.
When this voltage exceeds the level at the negative input of
the PWM comparator, the PWM logic turns off the power
switch. The level at the negative input of the PWM com-
parator is set by the error amplifier EAMP, and is simply
an amplified version of the difference between the VIN and
VLED voltage and the bandgap reference. In this manner,
the error amplifier sets the correct peak current level in
inductor L1 to keep the output in regulation. The CTRL
pin is used to adjust the reference voltage.
The LT3590 enters into shutdown when CTRL is pulled
lower than 100mV.
Input Voltage Range
The minimum input voltage required to generate a particular
output voltage in an LT3590 application is limited by either
its 4.5V limit or by its maximum duty cycle. The duty cycle
is the fraction of time that the internal switch is on and is
determined by the input and output voltages:
DC
VV
VV
V
LED
D
IN
SW
D
=
+
+
Where VD is the forward voltage drop of the catch diode
(~0.8V) and VSW is the voltage drop of the internal switch
at maximum load (~0.5V). Given DCMAX = 0.9, this leads
to minimum input voltage of:
V
VV
DC
VV
IN MIN
LED
D
MAX
SW
D
()
()
=
+
+−
The maximum input voltage is limited by the absolute
maximum VIN rating of 55V.
Pulse-Skipping
For LED strings with a low number of LEDs (1, 2, or 3),
the LT3590 can drive currents without pulse-skipping as
long as the voltage across the LED and sense resistor is
greater than roughly 15% of the input supply voltage. If
the LED voltage plus sense resistor is less than 15% of
the input supply, the device will begin skipping pulses.
This will result in some low frequency ripple, although
the LED current remains regulated on an average basis
down to zero.
Discontinuous Current Mode
The CTRL pin, in conjunction with the sense resistor,
can be used to program the LED current as discussed
under Applications Information. The LT3590 can drive a
10-LED string at 10mA LED current operating in continu-
ous conduction mode, using the recommended external
components shown in the front page application circuit
with the sense resistor equal to 10Ω. As current is further
reduced, the regulator enters discontinuous conduction
mode. The photo in Figure 2 details circuit operation driving
ten LEDs at 2mA load. During the discharge phase, the
inductor current reaches zero. After the inductor current
reaches zero, the SW pin exhibits ringing due to the LC
tank circuit formed by the inductor in combination with
the switch and the diode capacitance. This ringing is not
harmful; far less spectral energy is contained in the ringing
than in the switch transitions. The ringing can be damped
by application of a 3kΩ resistor across the inductor, al-
though this will degrade efficiency.
Figure 2. Switching Waveforms
400ns/DIV
VSW
20V/DIV
IL
10mA/DIV
3590 F02
VIN = 48V
ILED = 2mA
10 WHITE LEDs
L = 470μH (MURATA)


Similar Part No. - LCPB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LCP-04 ETC2-LCP-04 Datasheet
66Kb / 4P
   Disconnectable Crimp style connectors
logo
Delta Electronics, Inc.
LCP-1250A4FDR DELTA-LCP-1250A4FDR Datasheet
256Kb / 14P
   RoHS Compliant Multimode SFP Transceiver for GbE and Fiber Channel
LCP-1250A4FSRA DELTA-LCP-1250A4FSRA Datasheet
309Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Gigabit Ethernet and Fiber Channel
LCP-1250A4QSRA DELTA-LCP-1250A4QSRA Datasheet
309Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Gigabit Ethernet and Fiber Channel
LCP-1250B4FSRA DELTA-LCP-1250B4FSRA Datasheet
309Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Gigabit Ethernet and Fiber Channel
More results

Similar Description - LCPB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3491 LINER-LT3491 Datasheet
267Kb / 16P
   White LED Driver with Integrated Schottky in SC70 and 2mm 횞 2mm DFN
LT3590 LINER-LT3590_15 Datasheet
237Kb / 16P
   48V Buck Mode LED Driver in SC70
LT3498 LINER-LT3498 Datasheet
454Kb / 24P
   20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
logo
Sipex Corporation
SP7686 SIPEX-SP7686 Datasheet
1Mb / 16P
   Constant Current Flash Driver in DFN 2mm x 3mm
logo
Linear Technology
LT3048 LINER-LT3048_15 Datasheet
236Kb / 16P
   Low Noise Bias Generator in 2mm 2mm DFN
logo
Linear Integrated Syste...
LT3591EDDB LINEAR-LT3591EDDB Datasheet
274Kb / 16P
   White LED Driver with Integrated Schottky in 3mm 2mm DFN
logo
Texas Instruments
TPS61165 TI-TPS61165 Datasheet
503Kb / 21P
[Old version datasheet]   High Brightness White LED Driver in 2mm x 2mm QFN Package
TPS61165 TI-TPS61165_10 Datasheet
862Kb / 26P
[Old version datasheet]   High Brightness White LED Driver in 2mm x 2mm QFN and SOT-23 Packages
logo
Linear Technology
LT6660 LINER-LT6660_15 Datasheet
410Kb / 12P
   Tiny Micropower Precision Series References in 2mm 2mm DFN
logo
Texas Instruments
TPS61160DRVRG4 TI1-TPS61160DRVRG4 Datasheet
1Mb / 27P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com