Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3598 Datasheet(PDF) 9 Page - Linear Technology

Part # 3598
Description  6-String 30mA LED Driver with 1.5% Current Matching
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3598 Datasheet(HTML) 9 Page - Linear Technology

Back Button 3598 Datasheet HTML 5Page - Linear Technology 3598 Datasheet HTML 6Page - Linear Technology 3598 Datasheet HTML 7Page - Linear Technology 3598 Datasheet HTML 8Page - Linear Technology 3598 Datasheet HTML 9Page - Linear Technology 3598 Datasheet HTML 10Page - Linear Technology 3598 Datasheet HTML 11Page - Linear Technology 3598 Datasheet HTML 12Page - Linear Technology 3598 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LT3598
9
3598f
Inductor Selection
Table 1 lists several inductors that work well with the
LT3598, however, there are many other manufacturers and
devices that can be used. Consult each manufacturer for
detailed information on their entire range of parts. Ferrite
core inductors should be used to obtain the best efficiency.
Choose an inductor that can handle the necessary peak
current without saturating. Also, ensure that the inductor
has a low DCR (copper wire resistance) to minimize I2R
power losses. Values between 4.7μH and 22μH will suffice
for most applications.
Inductor manufacturers specify the maximum current
rating as the current where inductance falls by a given
percentage of its nominal value. An inductor can pass a
current greater than its rated value without damaging it.
Consult each manufacturer to determine how the maximum
inductor current is measured and how much more current
the inductor can reliably conduct.
Table 1. Recommended Inductors
PART
L
(μH)
MAX
DCR
(Ω)
CURRENT
RATING
(A)
VENDOR
B1015AS-100M
#817FY-4R7M
1123AS-4R7M
10
4.7
4.7
0.07
0.06
0.12
2.2
2.26
1.90
TOKO
www.toko.com
74454068
74454010
7447745100
6.8
10
10
0.055
0.065
0.12
2.2
2
1.7
Würth Electronics
www.we-online.com
CDH74NP-120L
CDH74NP-150L
CDRH6D38-100
12
15
10
0.065
0.083
0.038
2.45
2.10
2.00
Sumida
www.sumida.com
IHLP-2525BD-01
10
0.129
2.5
Vishay
www.vishay.com
SD25-4R7-R
4.7
0.056
1.83
Cooper
www.cooperet.com
LPS4018-472ML
4.7
0.200
1.8
Coilcraft
www.coilcraft.com
Capacitor Selection
Low ESR (equivalent series resistance) ceramic capaci-
tors should be used at the output to minimize the output
ripple voltage. Use only X5R or X7R dielectrics, as these
materials retain their capacitance over wider voltage and
APPLICATIONS INFORMATION
temperature ranges than other dielectrics. A 4.7μF to 10μF
output capacitor is sufficient for most high output current
designs. Table 2 lists some suggested manufacturers.
Consult the manufacturers for detailed information on
their entire selection of ceramic parts.
Table 2. Recommended Ceramic Capacitor Manufacturers
Taiyo Yuden
408-573-4150
www.t-yuden.com
AVX
843-448-9411
www.avxcorp.com
Murata
770-436-1300
www.murata.com
Kemet
408-986-0424
www.kemet.com
United Chemi-Con
847-696-2000
www.chemi-con.com
Diode Selection
Schottky diodes, with their low forward voltage drop and
fast switching speed, must be used for all LT3598 applica-
tions. Do not use P-N diodes. Table 3 lists several Schottky
diodes that work well. The diode’s average current rating
must exceed the application’s average output current.
The diode’s maximum reverse voltage must exceed the
application’s output voltage. A 2A diode is sufficient for
most designs. For PWM dimming applications, be aware
of the reverse leakage current of the diode. Lower leakage
current will drain the output capacitor less, allowing for
higher dimming range. The companies below offer Schottky
diodes with high voltage and current ratings.
Table 3. Suggested Diodes
PART
MAX
CURRENT
(A)
MAX REVERSE
VOLTAGE
(V)
MANUFACTURER
B250A
B240A
SBR140S3
SBM340, PDS340
2
2
1
3
50
40
40
40
Diodes, Inc.
www.diodes.com
HSM150G
HSM150J
1
1
50
50
Microsemi
www.microsemi.com
SS3H9
3
90
Vishay
www.vishay.com


Similar Part No. - 3598

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3598 ETC2-3598 Datasheet
1Mb / 16P
   Drywall Punch
logo
Heyco.
3598 HEYCO-3598 Datasheet
176Kb / 1P
   Standoff Cable Holders - Arrowhead Mount
More results

Similar Description - 3598

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3598 LINER-LT3598_1 Datasheet
401Kb / 24P
   6-String 30mA LED Driver with 1.5% Current Matching
LT3598 LINER-LT3598_15 Datasheet
407Kb / 24P
   6-String 30mA LED Driver
logo
Intersil Corporation
ISL97672_1011 INTERSIL-ISL97672_1011 Datasheet
531Kb / 17P
   6-Channel LED Driver Current Matching 짹0.7%
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
   6 String White LED Driver
logo
Monolithic Power System...
MP3386 MPS-MP3386 Datasheet
315Kb / 14P
   50V, 6 String White LED Driver
logo
SHANGHAI BELLING CO., L...
BL9590 BELLING-BL9590 Datasheet
1Mb / 23P
   Six-String White LED Driver with Active Current
logo
ATMEL Corporation
MSL1060AW ATMEL-MSL1060AW Datasheet
2Mb / 20P
   6-string PWM LED Driver with Digitally Compensated, 1.1MHz 48V Boost Regulator and 짹1.5% LED String Current Balance
logo
Richtek Technology Corp...
RT8532 RICHTEK-RT8532 Datasheet
252Kb / 14P
   6-String 43V White LED Driver with Boost Regulator
January 2014
logo
Power Analog Micoelectr...
PAM2846 PAM-PAM2846 Datasheet
956Kb / 14P
   Integrated 6 String LED Boost Type Driver
logo
Monolithic Power System...
EV3386DR-00A MPS-EV3386DR-00A Datasheet
214Kb / 4P
   6 string White LED Driver Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com