Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3653IDCB-TRPBF Datasheet(PDF) 1 Page - Linear Technology

Part # LT3653IDCB-TRPBF
Description  1.2A, HV Input Regulator with Output Current Limit for Battery Charger Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3653IDCB-TRPBF Datasheet(HTML) 1 Page - Linear Technology

  LT3653IDCB-TRPBF Datasheet HTML 1Page - Linear Technology LT3653IDCB-TRPBF Datasheet HTML 2Page - Linear Technology LT3653IDCB-TRPBF Datasheet HTML 3Page - Linear Technology LT3653IDCB-TRPBF Datasheet HTML 4Page - Linear Technology LT3653IDCB-TRPBF Datasheet HTML 5Page - Linear Technology LT3653IDCB-TRPBF Datasheet HTML 6Page - Linear Technology LT3653IDCB-TRPBF Datasheet HTML 7Page - Linear Technology LT3653IDCB-TRPBF Datasheet HTML 8Page - Linear Technology LT3653IDCB-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LT3653
1
3653f
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
1.2A, HV Input Regulator
with Output Current Limit for
Battery Charger Applications
The LT®3653 is a monolithic current mode PWM step-down
regulator with programmable output current limit. Typically,
it is used with battery charger power path controllers to
pre-regulate the output and optimize the battery charger
efficiency. Output current limit provides accurate control
over system power dissipation.
The wide operating input voltage range of 7.5V to 30V
suits the LT3653 to a variety of input sources, including
unregulated 12V wall adapters, 24V industrial supplies,
Firewire and automotive power. Input overvoltage protec-
tion allows the LT3653 to handle 60V input transients.
The LT3653 control pin, VC, is available for external battery
tracking control, Bat-Track. The LT3653 will block output
discharge during an open or shorted input.
The HVOK pin indicates that the internal bias supplies
are present and no faults have occurred (i.e., overtem-
perature and input overvoltage and undervoltage). The
LT3653 includes a 1.5MHz frequency oscillator, internal
compensation, and an internal boost diode to minimize the
number of external components. The LT3653 is available
in an 8-lead (2mm
× 3mm) package with exposed pads
for low thermal resistance.
High Voltage Single-Cell Battery Charger Application
n Wide Input Range:
– Operation from 7.5V to 30V
– Overvoltage Lockout Protects Circuit Through 60V
Transients
n Operates with LTC Bat-Track™ Li-Ion Battery
Chargers to Maximize Efficiency
n No Reverse Discharge Path from VOUT to VIN
n Programmable Output Current Limit
n Integrated BOOST Diode
n Thermal Protection
n Small Application Size
n Thermally Enhanced 2mm
× 3mm DFN Package
n Battery Powered Equipment
n Portable USB Devices – Cameras, MP3 Players,
PDAs
n Automotive Battery Regulation
n Multiple-Source Battery Chargers
Efficiency vs Load Current
VIN
ILIM
VIN
7.5V TO 30V
TRANSIENT
TO 60V
0.1μF
SINGLE-CELL
Li-Ion
1.2A
SYSTEM
LOAD
10μF
4.7μH
3653 TA01a
LT3653
LTC4098
OUT
BAT
GND
BOOST
SW
ISENSE
VOUT
HVOK
VC
WALL
VC
4.7μF
27.4k
+
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
Bat-Track is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners.
OUTPUT CURRENT(A)
0.1
100
90
70
50
80
60
40
0.7
3653 TA01a
1.1
1.3
0.9
0.5
0.3
VIN = 8V
VIN = 24V
VIN = 12V


Similar Part No. - LT3653IDCB-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3653 LINER-LT3653 Datasheet
148Kb / 12P
   1.2A, HV Input Regulator with Output Current Limit for Battery Charger Applications
LT3653 LINER-LT3653_15 Datasheet
148Kb / 12P
   1.2A, HV Input Regulator with Output Current Limit for Battery Charger Applications
More results

Similar Description - LT3653IDCB-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3653 LINER-LT3653_15 Datasheet
148Kb / 12P
   1.2A, HV Input Regulator with Output Current Limit for Battery Charger Applications
LT3663 LINER-LT3663_15 Datasheet
352Kb / 16P
   1.2A Step-Down Switching Regulator with Output Current Limit
logo
Richtek Technology Corp...
RT8032 RICHTEK-RT8032 Datasheet
174Kb / 11P
   1.2MHz/1.2A Buck Converter with Programmable Average Input Current Limit
logo
SiGe Semiconductor, Inc...
AATIAN92 SIGE-AATIAN92 Datasheet
351Kb / 7P
   Power Path with Input Current Limit and Capacitor Charger
logo
Linear Technology
LTC3125 LINER-LTC3125 Datasheet
297Kb / 16P
   1.2A Synchronous Step-Up DC/DC Converter with Input Current Limit
LTC3125 LINER-LTC3125_15 Datasheet
313Kb / 18P
   1.2A Synchronous Step-Up DC/DC Converter with Input Current Limit
logo
Advanced Power Electron...
APE8969 A-POWER-APE8969 Datasheet
259Kb / 7P
   1.2A HIGH OUTPUT CURRENT LDO REGULATOR
logo
Princeton Technology Co...
PT6913AB PTC-PT6913AB Datasheet
266Kb / 4P
   Current Regulator for HV LED
logo
Linear Technology
LT1511 LINER-LT1511 Datasheet
145Kb / 16P
   Constant-Current/ Constant-Voltage 3A Battery Charger with Input Current Limiting
LT1769 LINER-LT1769_15 Datasheet
242Kb / 16P
   Constant-Current/ Constant-Voltage 2A Battery Charger with Input Current Limiting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com