Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3592EMSE-TR Datasheet(PDF) 7 Page - Linear Technology

Part # LT3592EMSE-TR
Description  500mA Wide Input Voltage Range Step-Down LED Driver with 10:1 Dimming
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3592EMSE-TR Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3592EMSE-TR Datasheet HTML 3Page - Linear Technology LT3592EMSE-TR Datasheet HTML 4Page - Linear Technology LT3592EMSE-TR Datasheet HTML 5Page - Linear Technology LT3592EMSE-TR Datasheet HTML 6Page - Linear Technology LT3592EMSE-TR Datasheet HTML 7Page - Linear Technology LT3592EMSE-TR Datasheet HTML 8Page - Linear Technology LT3592EMSE-TR Datasheet HTML 9Page - Linear Technology LT3592EMSE-TR Datasheet HTML 10Page - Linear Technology LT3592EMSE-TR Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LT3592
7
3592fa
PIN FUNCTIONS
RT(Pin1):Programsthefrequencyoftheinternaloscillator.
Connect a resistor from RT to ground. Refer to Table 1 or
the Typical Performance Characteristics for resistor values
that result in desired oscillator frequencies.
BRIGHT (Pin 2): Used to program a 10:1 dimming ratio
for the LED current. Drive this pin above 1.4V to command
maximum intensity or below 0.3V to command minimum
intensity. This pin can be PWMed at 150Hz for brightness
control between the 1x and 10x current levels.
SHDN (Pin 3): Used to shutdown the switching regulator
and the internal bias circuits. This pin can be PWMed at
150Hz for brightness control.
VIN (Pin 4): Supplies current to the LT3592’s internal cir-
cuitry and to the internal power switches. Must be locally
bypassed. For automotive applications, a pi network with a
cap from VIN to GND, a series inductor connected between
VIN and the power source, and another cap from the far
end of the inductor to GND is recommended.
DA (Pin 5): Allows the external catch diode current to be
sensed to prevent current runaway, such as when VIN is
high and the duty cycle is very low. Connect this pin to
the anode of the external catch Schottky diode.
SW (Pin 6): The SW pin is the output of the internal power
switch. Connect this pin to the inductor and the cathode
of the switching diode.
BOOST (Pin 7): Provides a drive voltage, higher than the
input voltage to the internal bipolar NPN power switch.
BOOST will normally be tied to the SW pin through a 0.1μF
capacitor. An internal Schottky is provided for the boost
function and an external diode is not needed. An external
Schottky diode should be connected between BOOST and
CAP for single LED applications or whenever a higher
BOOST voltage is desired.
CAP (Pin 8): Output of the step-down converter and also
an input to the LED current sense amplifier. Connect the
filter capacitor, inductor, and the top of the external LED
current sense resistor to this pin.
OUT (Pin 9): Drives the LED or LEDs and is the other
input to the LED current sense amplifier. Connect this pin
to the anode of the top LED in the string, the bottom of
the external LED current sense resistor, and the top of the
VFB resistor divider.
VFB (Pin 10): The feedback node for the output voltage
control loop. Tie this node to a resistor divider between OUT
and GND to set the maximum output voltage of the step-
down converter according to the following formula:
V
OUT = 1.21•
R1
+R2
R2
where R1 connects between OUT and VFB and R2 connects
between VFB and GND.
GND, EXPOSED PAD (Pin 11): The underside exposed
pad metal of the package provides both electrical contact
to ground and good thermal contact to the printed circuit
board. The device must be soldered to the circuit board
for proper operation.


Similar Part No. - LT3592EMSE-TR

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT3592EMSE LINEAR-LT3592EMSE Datasheet
297Kb / 24P
   500mA Wide Input Voltage Range Step-Down LED Driver with 10:1 Dimming
More results

Similar Description - LT3592EMSE-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3592 LINER-LT3592_15 Datasheet
320Kb / 24P
   500mA Wide Input Voltage Range Step-Down LED Driver with 10:1 Dimming
logo
Linear Integrated Syste...
DC1205A LINEAR-DC1205A Datasheet
297Kb / 24P
   500mA Wide Input Voltage Range Step-Down LED Driver with 10:1 Dimming
logo
Monolithic Power System...
MP2489 MPS-MP2489 Datasheet
419Kb / 13P
   Step Down White LED Driver with Wide 6V.60V Input Voltage
MP24892 MPS-MP24892 Datasheet
213Kb / 9P
   Step Down White LED Driver with Wide 6V??5V Input Voltage
logo
Texas Instruments
TPS5410 TI1-TPS5410_17 Datasheet
1Mb / 30P
[Old version datasheet]   1-A, Wide Input Range, Step-Down Converter
logo
Renesas Technology Corp
ISL97634 RENESAS-ISL97634 Datasheet
875Kb / 12P
   White LED Driver with Wide PWM Dimming Range
logo
Intersil Corporation
ISL97634IRT14Z-T INTERSIL-ISL97634IRT14Z-T Datasheet
584Kb / 12P
   White LED Driver with Wide PWM Dimming Range
August 27, 2013
ISL97634 INTERSIL-ISL97634_08 Datasheet
460Kb / 10P
   White LED Driver with Wide PWM Dimming Range
ISL97634 INTERSIL-ISL97634 Datasheet
471Kb / 10P
   White LED Driver with Wide PWM Dimming Range
logo
Monolithic Power System...
MP24895 MPS-MP24895 Datasheet
305Kb / 13P
   Step-down White-LED Driver Wide 6-36V Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com