Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3682EDD-TRPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LT3682EDD-TRPBF
Description  1A Micropower Step-Down
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3682EDD-TRPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3682EDD-TRPBF Datasheet HTML 4Page - Linear Technology LT3682EDD-TRPBF Datasheet HTML 5Page - Linear Technology LT3682EDD-TRPBF Datasheet HTML 6Page - Linear Technology LT3682EDD-TRPBF Datasheet HTML 7Page - Linear Technology LT3682EDD-TRPBF Datasheet HTML 8Page - Linear Technology LT3682EDD-TRPBF Datasheet HTML 9Page - Linear Technology LT3682EDD-TRPBF Datasheet HTML 10Page - Linear Technology LT3682EDD-TRPBF Datasheet HTML 11Page - Linear Technology LT3682EDD-TRPBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LT3682
8
3682f
PIN FUNCTIONS
VC (Pin 1): The VC pin is the output of the internal error
amplifier. The voltage on this pin controls the peak switch
current. Tie an RC network from this pin to ground to
compensate the control loop.
FB (Pin 2): The LT3682 regulates the FB pin to 0.8V. Connect
the feedback resistor divider tap to this pin.
PG (Pin 3): The PG pin is the open collector output of an
internal comparator. PG remains low until the FB pin is
within 10% of the final regulation voltage. PG output is
valid when VIN is above the minimum input voltage and
RUN/SS is high.
GND (Pin 4): The GND pin is the ground of all the internal
circuitry. Tie directly to the local GND plane.
BD (Pin 5): This pin connects to the anode of the boost
Schottky diode. BD also supplies current to the LT3682’s
internal regulator.
BOOST (Pin 6): This pin is used to provide a drive volt-
age, higher than the input voltage, to the internal bipolar
NPN power switch. Connect a capacitor (typically 0.22μF)
between BOOST and SW.
DA (Pin 7): Connect the anode of the catch diode (D1
in Block Diagram) to this pin. Internal circuitry senses
the current through the catch diode providing frequency
foldback in extreme situations.
SW (Pin 8): The SW pin is the output of the internal power
switch. Connect this pin to the inductor, catch diode and
boost capacitor.
RUN/SS (Pin 9): The RUN/SS pin is used to put the LT3682
in shutdown mode. Tie to ground to shut down the LT3682.
Tie to 2.5V or more for normal operation. RUN/SS also
provides a soft-start function; see the Applications Infor-
mation section for more information.
RT (Pin 10): Oscillator Resistor Input. Connect a resistor
from this pin to ground to set the switching frequency.
SYNC (Pin 11): This is the external clock synchronization
input. Ground this pin for low ripple Burst Mode operation
at low output loads. Tie to 0.8V or more for pulse skipping
mode operation. Tie to a clock source for synchronization.
Clock edges should have rise and fall times faster than
1μs. Note that the maximum load current depends on
which mode is chosen. See the Applications Information
section for more information.
VIN (Pin 12): The VIN pin supplies current to the LT3682’s
internal regulator and to the internal power switch. This
pin must be locally bypassed.
ExposedPad(Pin13):PGND.Thisisthepowergroundused
by the catch diode (D1) when its anode is connected to the
DA pin. The exposed pad must be soldered to the PCB.


Similar Part No. - LT3682EDD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3682 LINER-LT3682 Datasheet
2Mb / 28P
   36V, 4A, 1.5MHz Synchronous Step-Down Switching Regulator
LT3682 LINER-LT3682 Datasheet
301Kb / 24P
   36V 500mA Step-Down Regulator and 200mA LDO
LT3682 LINER-LT3682 Datasheet
269Kb / 26P
   High Efficiency, 65V 500mA Synchronous
LT3682 LINER-LT3682 Datasheet
407Kb / 28P
   40V, 1A Synchronous Step-Down Converter 1A Guaranteed Output Current
LT3682 LINER-LT3682_15 Datasheet
264Kb / 24P
   1A Micropower Step-Down Switching Regulator
More results

Similar Description - LT3682EDD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3682 LINER-LT3682_15 Datasheet
264Kb / 24P
   1A Micropower Step-Down Switching Regulator
LT3695 LINER-LT3695_15 Datasheet
501Kb / 30P
   1A Fault Tolerant Micropower Step-Down Regulator
LT8631 LINER-LT8631 Datasheet
569Kb / 24P
   100V, 1A Synchronous Micropower Step-Down Regulator
LT3695 LINER-LT3695 Datasheet
304Kb / 28P
   1A Fault Tolerant Micropower Step-Down Regulator
logo
Richtek Technology Corp...
RT8048 RICHTEK-RT8048 Datasheet
162Kb / 11P
   3MHz 1A Step-Down Converter
logo
Intersil Corporation
EL7536 INTERSIL-EL7536 Datasheet
430Kb / 8P
   Monolithic 1A Step-Down Regulator
logo
Microsemi Corporation
LX13088A MICROSEMI-LX13088A Datasheet
412Kb / 12P
   Dual 1A Step-Down Converters
logo
Lowpower Semiconductor ...
LP3201 POWER-LP3201 Datasheet
425Kb / 10P
   1.5MHz, 1A Step-Down Converter
logo
STMicroelectronics
L4976 STMICROELECTRONICS-L4976 Datasheet
100Kb / 11P
   1A STEP DOWN SWITCHING REGULATOR
May 2000
logo
Microsemi Corporation
LX13088 MICROSEMI-LX13088 Datasheet
428Kb / 12P
   Dual 1A Step-Down Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com