Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3684IDD Datasheet(PDF) 4 Page - Linear Technology

Part # LT3684IDD
Description  36V, 2A, 2.8MHz Step-Down Switching Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3684IDD Datasheet(HTML) 4 Page - Linear Technology

  LT3684IDD Datasheet HTML 1Page - Linear Technology LT3684IDD Datasheet HTML 2Page - Linear Technology LT3684IDD Datasheet HTML 3Page - Linear Technology LT3684IDD Datasheet HTML 4Page - Linear Technology LT3684IDD Datasheet HTML 5Page - Linear Technology LT3684IDD Datasheet HTML 6Page - Linear Technology LT3684IDD Datasheet HTML 7Page - Linear Technology LT3684IDD Datasheet HTML 8Page - Linear Technology LT3684IDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LT3684
4
3684f
Efficiency (VOUT = 5.0V)
Efficiency (VOUT = 3.3V)
Maximum Load Current
Switch Voltage Drop
Boost Pin Current
Switch Current Limit
Maximum Load Current
Switch Current Limit
Efficiency
LOAD CURRENT (A)
0
80
90
100
1.6
3684 G01
70
60
50
0.2 0.4 0.6 0.8 1.0 1.2 1.4
1.8 2.0
VIN = 12V
VIN = 24V
L: NEC PLC-0745-4R7
f = 800kHz
LOAD CURRENT (A)
0
70
75
80
85
90
1.6
3684 G02
65
60
55
50
0.2 0.4 0.6 0.8 1.0 1.2 1.4
1.8 2.0
VIN = 12V
VIN = 7V
VIN = 24V
L: NEC PLC-0745-4R7
f = 800kHz
SWITCHING FREQUENCY (MHz)
0
85
1.5
3684 G03
70
60
0.5
1
2
55
50
90
80
75
65
2.5
3
VIN = 12V
VIN = 24V
VOUT = 3.3V
L = 10
µH
LOAD = 1A
INPUT VOLTAGE (V)
5
15
3684 G04
2.5
10
20
1.5
1.0
4.0
3.5
3.0
2.0
25
30
TYPICAL
MINIMUM
VOUT = 3.3V
TA = 25°C
L = 4.7
µH
f = 800kHz
INPUT VOLTAGE (V)
5
15
3684 G05
2.5
10
20
1.5
1.0
4.0
3.5
3.0
2.0
25
30
TYPICAL
MINIMUM
VOUT = 5V
TA = 25°C
L = 4.7
µH
f = 800kHz
DUTY CYCLE (%)
0
40
3684 G06
2.5
20
60
1.5
1.0
4.0
3.5
3.0
2.0
80
100
TEMPERATURE (
°C)
–50
2.0
2.5
3.0
125
3684 G07
1.5
1.0
0
0
–25
50
25
100
75
0.5
4.5
4.0
DUTY CYCLE = 10 %
DUTY CYCLE = 90 %
SWITCH CURRENT (mA)
0
400
500
700
1500
2500
3684 G08
300
200
500
1000
2000
3000 3500
100
0
600
SWITCH CURRENT (mA)
0
0
10
30
40
50
2000
90
3684 G09
20
1000
500
2500 3000
1500
3500
60
70
80
(TA = 25°C unless otherwise noted)
TYPICAL PERFORMANCE CHARACTERISTICS


Similar Part No. - LT3684IDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3684 LINER-LT3684_15 Datasheet
336Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator
More results

Similar Description - LT3684IDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3684 LINER-LT3684_15 Datasheet
336Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator
LT3481 LINER-LT3481_15 Datasheet
313Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator with 50A Quiescent Current
LT3681 LINER-LT3681_15 Datasheet
378Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator with Integrated Power Schottky Diode
LT3681 LINER-LT3681 Datasheet
372Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator with Integrated Power Schottky Diode
LT3481 LINER-LT3481 Datasheet
299Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator with 50關A Quiescent Current
LT1912 LINER-LT1912 Datasheet
310Kb / 24P
   36V, 2A, 500kHz Step-Down Switching Regulator
LT1912 LINER-LT1912_15 Datasheet
375Kb / 24P
   36V, 2A, 500kHz Step-Down Switching Regulator
LT3685 LINER-LT3685_15 Datasheet
281Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator
LT3685EMSE LINER-LT3685EMSE Datasheet
281Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator
LT3685 LINER-LT3685 Datasheet
812Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com