Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3685 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3685
Description  36V, 2A, 2.4MHz Step-Down Switching Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3685 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3685 Datasheet HTML 3Page - Linear Technology LT3685 Datasheet HTML 4Page - Linear Technology LT3685 Datasheet HTML 5Page - Linear Technology LT3685 Datasheet HTML 6Page - Linear Technology LT3685 Datasheet HTML 7Page - Linear Technology LT3685 Datasheet HTML 8Page - Linear Technology LT3685 Datasheet HTML 9Page - Linear Technology LT3685 Datasheet HTML 10Page - Linear Technology LT3685 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LT3505
7
3505fc
PIN FUNCTIONS
BOOST (Pin 1): The BOOST pin is used to provide a drive
voltage,higherthantheinputvoltage,totheinternalbipolar
NPN power switch.
SW (Pin 2): The SW pin is the output of the internal power
switch. Connect this pin to the inductor, catch diode and
boost capacitor.
VIN (Pin 3): The VIN pin supplies current to the LT3505’s
internal regulator and to the internal power switch. This
pin must be locally bypassed.
SHDN (Pin 4): The SHDN pin is used to put the LT3505 in
shutdown mode. Tie to ground to shut down the LT3505.
Tie to 2.3V or more for normal operation. If the shutdown
feature is not used, tie this pin to the VIN pin. SHDN also
provides a soft-start function; see the Applications Infor-
mation section.
GND (Pin 5): Tie the GND pin to a local ground plane
below the LT3505 and the circuit components. Return the
feedback divider to this pin.
RT (Pin 6): The RT pin is used to program the switching
frequency of the LT3505 by connecting a resistor from
this pin to ground. The Applications Information section of
the data sheet includes a table to determine the resistance
value based on the desired switching frequency. Minimize
capacitance at this pin.
FB(Pin7):TheLT3505regulatesitsfeedbackpinto780mV.
Connect the feedback resistor divider tap to this pin. Set
the output voltage by selecting R1 according to:
R
R
V
V
OUT
1
2
0 78
1
=


.
A good value for R2 is 10.0k.
VC (Pin 8): The VC pin is used to compensate the LT3505
control loop by tying an external RC network from this
pin to ground.
Exposed Pad (Pin 9): The Exposed Pad must be soldered
to the PCB and electrically connected to ground. Use a
large ground plane and thermal vias to optimize thermal
performance.


Similar Part No. - LT3685

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3685 LINER-LT3685 Datasheet
2Mb / 28P
   36V, 4A, 1.5MHz Synchronous Step-Down Switching Regulator
LT3685 LINER-LT3685 Datasheet
301Kb / 24P
   36V 500mA Step-Down Regulator and 200mA LDO
LT3685EMSE LINER-LT3685EMSE Datasheet
281Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator
LT3685 LINER-LT3685_15 Datasheet
281Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator
More results

Similar Description - LT3685

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3685 LINER-LT3685_15 Datasheet
281Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator
LT3685EMSE LINER-LT3685EMSE Datasheet
281Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator
LT3693 LINER-LT3693_15 Datasheet
313Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT3693 LINER-LT3693 Datasheet
310Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT3480 LINER-LT3480_15 Datasheet
384Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator with 70A Quiescent Current
LT3480 LINER-LT3480 Datasheet
298Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator with 70關A Quiescent Current
LT3684 LINER-LT3684_15 Datasheet
336Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator
LT1912 LINER-LT1912 Datasheet
310Kb / 24P
   36V, 2A, 500kHz Step-Down Switching Regulator
LT3684 LINER-LT3684 Datasheet
330Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator
LT1912 LINER-LT1912_15 Datasheet
375Kb / 24P
   36V, 2A, 500kHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com