Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1240A-2TQ176C Datasheet(PDF) 11 Page - Actel Corporation

Part # A1240A-2TQ176C
Description  ACT2 Family FPGAs
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A1240A-2TQ176C Datasheet(HTML) 11 Page - Actel Corporation

Back Button A1240A-2TQ176C Datasheet HTML 7Page - Actel Corporation A1240A-2TQ176C Datasheet HTML 8Page - Actel Corporation A1240A-2TQ176C Datasheet HTML 9Page - Actel Corporation A1240A-2TQ176C Datasheet HTML 10Page - Actel Corporation A1240A-2TQ176C Datasheet HTML 11Page - Actel Corporation A1240A-2TQ176C Datasheet HTML 12Page - Actel Corporation A1240A-2TQ176C Datasheet HTML 13Page - Actel Corporation A1240A-2TQ176C Datasheet HTML 14Page - Actel Corporation A1240A-2TQ176C Datasheet HTML 15Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
v4.0
11
ACT 2 Fam i l y FP G A s
T i m i ng D e ra tin g F a c to r (T e m pe ra tu re a n d V o ltag e )
T i m i n g De r a t i ng Fac t o r f o r Des i gn s a t T y p i cal T e m p e r at ur e ( T J = 25 °C) and
V o lta g e (5 .0 V )
T e m p e r at ur e a n d V o l t ag e De ra t i ng F a c t o r s
(n o r m a liz e d to W o rs t-C a s e C o m m e rc ia l, T J = 4.75 V, 70°C)
Juncti on Tempe rature an d Voltage D erating C urves
(normali zed to Worst-Cas e Commerci al, TJ = 4.75V, 70°C)
Industrial
Military
Min.
Max.
Min.
Max.
(Commercial Minimum/Maximum Specification) x
0.69
1.11
0.67
1.23
(Commercial Maximum Specification) x
0.85
–55
–40
0
257085
125
4.50
0.75
0.79
0.86
0.92
1.06
1.11
1.23
4.75
0.71
0.75
0.82
0.87
1.00
1.05
1.16
5.00
0.69
0.72
0.80
0.85
0.97
1.02
1.13
5.25
0.68
0.69
0.77
0.82
0.95
0.98
1.09
5.50
0.67
0.69
0.76
0.81
0.93
0.97
1.08
Note:
This derating factor applies to all routing and propagation delays.
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
4.50
4.75
5.00
5.25
5.50
Voltage (V)
125˚C
85˚C
70˚C
25˚C
0˚C
–40˚C
–55˚C


Similar Part No. - A1240A-2TQ176C

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A1240A-2TQ176C MICROSEMI-A1240A-2TQ176C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
More results

Similar Description - A1240A-2TQ176C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
   54SX Family FPGAs
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
   eX Family FPGAs
logo
List of Unclassifed Man...
EX128 ETC1-EX128 Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
AX500-PQ208I MICROSEMI-AX500-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
logo
Actel Corporation
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
   SX Family FPGAs
AX1000-1FGG896I ACTEL-AX1000-1FGG896I Datasheet
2Mb / 226P
   Axcelerator Family FPGAs
A54SX16-P2PQG208 ACTEL-A54SX16-P2PQG208 Datasheet
504Kb / 64P
   SX Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com