Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3742EUF-TRPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LT3742EUF-TRPBF
Description  Dual, 2-Phase Step-Down Switching Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3742EUF-TRPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3742EUF-TRPBF Datasheet HTML 7Page - Linear Technology LT3742EUF-TRPBF Datasheet HTML 8Page - Linear Technology LT3742EUF-TRPBF Datasheet HTML 9Page - Linear Technology LT3742EUF-TRPBF Datasheet HTML 10Page - Linear Technology LT3742EUF-TRPBF Datasheet HTML 11Page - Linear Technology LT3742EUF-TRPBF Datasheet HTML 12Page - Linear Technology LT3742EUF-TRPBF Datasheet HTML 13Page - Linear Technology LT3742EUF-TRPBF Datasheet HTML 14Page - Linear Technology LT3742EUF-TRPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LT3742
11
3742f
APPLICATIONS INFORMATION
characteristic to notice about this method is that if the
output of controller 1 goes out of regulation enough
to trip the power good comparator, controller 2 will be
disabled.
In Figure 2b, a slightly larger capacitor on RUN/SS2 delays
the turn-on of controller 2 with respect to controller 1. The
start-up waveforms for this method look very similar to
the one shown in Figure 6a, but here controller 2 is not
disabled if controller 1 goes out of regulation.
In Figure 2c, both RUN/SS pins share a single capacitor
and start up at the same time. By sharing the same soft-
start signal, this method provides ratiometric tracking of
the two outputs.
Undervoltage Lockout (UVLO)
An external resistor divider can be used to accurately
set the minimum input voltage at which the LT3742 will
operate. Figure 3 shows the basic UVLO operation. Once
the UVLO pin drops below 1.25V, an undervoltage lock-
out event is signaled, turning on a 3μA current source to
provide hysteresis.
During a UVLO event, both controllers and the gate drive
boost regulator are disabled. For the LT3742, all RUN/SS
pins are discharged to get ready for a new soft-start cycle.
For each controller that is enabled, it’s RUNSS pin will be
held to ~700mV until the input voltage rises above the
upper UVLO trip voltage. The UVLO function is only active
when one or more of the controllers are enabled using the
RUN/SS pin. The UVLO pin can not be used to directly
start the part. Do not leave the UVLO pin unconnected;
tie it to VIN if not used. A separate, less accurate, internal
undervoltage lockout will disable the LT3742 when VIN is
less than 3.5V.
The UVLO resistor values are chosen to give the desired
minimum operating voltage (VIN(MIN)) and the desired
amount of hysteresis (VHYST). The LT3742 will turn on
when the input voltage is above (VIN(MIN) + VHYST), and
once on, will turn off when VIN drops below VIN(MIN). Select
the value for RUV1 first, then select the value for RUV2.
R
V
A
RR
V
V
UV
HYST
UV
UV
IN MIN
1
21
27
125
125
=
μ
=
.
.
–.
()
V
V
Input Voltage Range
The minimum input voltage is determined by either the
LT3742’s minimum operating voltage of 4V, UVLO or by
the output voltages of a given application. The LT3742 can
operate at 100% duty cycle, so if the input voltage drops
close to or equal to one of the output voltages, the control-
ler will go into low dropout operation (100% duty cycle).
The duty cycle is the fraction of the time the N-channel
MOSFET is on every switch cycle, and is determined by
the input and output voltages:
DC
VV
VV
V
OUT
D
IN
DS
D
=
+
+
⎝⎜
⎠⎟
where VD is the forward drop of the catch diode (~0.4V)
and VDS is the typical MOSFET voltage drop (~0.1V).
Figure 3. Undervoltage Lockout
+
3
2
1.25V
RUV1
RUV2
VIN
VIN
UVLO
3
μA
3742 F03
UVLO


Similar Part No. - LT3742EUF-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3742 LINER-LT3742 Datasheet
312Kb / 26P
   Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start
LT3742 LINER-LT3742_1 Datasheet
312Kb / 26P
   Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start
LT3742 LINER-LT3742_15 Datasheet
317Kb / 26P
   Dual, 2-Phase Step-Down Switching Controller
More results

Similar Description - LT3742EUF-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3742 LINER-LT3742_15 Datasheet
317Kb / 26P
   Dual, 2-Phase Step-Down Switching Controller
LTC3850 LINER-LTC3850_15 Datasheet
595Kb / 38P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850-2 LINER-LTC3850-2 Datasheet
401Kb / 36P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850 LINER-LTC3850 Datasheet
522Kb / 36P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850EUFDTRPBF LINER-LTC3850EUFDTRPBF Datasheet
595Kb / 38P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850-2 LINER-LTC3850-2_15 Datasheet
413Kb / 36P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850-1 LINER-LTC3850-1_15 Datasheet
595Kb / 38P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
LT3742 LINER-LT3742_1 Datasheet
312Kb / 26P
   Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start
LTC3828 LINER-LTC3828 Datasheet
396Kb / 32P
   Dual 2-Phase Step-Down Controller with Tracking
LTC3828 LINER-LTC3828_15 Datasheet
384Kb / 32P
   Dual, 2-Phase Step-Down Controller with Tracking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com