Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3751EUFD-TR Datasheet(PDF) 6 Page - Linear Technology

Part # LT3751EUFD-TR
Description  Capacitor Charger Controller with Regulation
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3751EUFD-TR Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3751EUFD-TR Datasheet HTML 2Page - Linear Technology LT3751EUFD-TR Datasheet HTML 3Page - Linear Technology LT3751EUFD-TR Datasheet HTML 4Page - Linear Technology LT3751EUFD-TR Datasheet HTML 5Page - Linear Technology LT3751EUFD-TR Datasheet HTML 6Page - Linear Technology LT3751EUFD-TR Datasheet HTML 7Page - Linear Technology LT3751EUFD-TR Datasheet HTML 8Page - Linear Technology LT3751EUFD-TR Datasheet HTML 9Page - Linear Technology LT3751EUFD-TR Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LT3751
6
3751f
TYPICAL PERFORMANCE CHARACTERISTICS
Current Comparator Trip Voltage
(Charge Mode) vs Temperature
Current Comparator Minimum
Trip Voltage (Regulation Mode)
vs Temperature
FB Pin Regulation Mode
Threshold vs Temperature
FB Pin Regulation Mode
Hysteresis vs Temperature
FB Pin Overvoltage Mode
Threshold Voltage vs Temperature
FB Pin Overvoltage Mode
Hysteresis vs Temperature
–40
109.0
108.5
107.5
108.0
107.0
40
60
0
80
100
3751 G10
120
20
TEMPERATURE (°C)
–20
VCC = 5V
VCC = 12V
VCC = 24V
VTH = VCSP – VCSN
–40
13.0
12.4
12.6
12.8
12.2
12.0
11.4
11.6
11.2
11.8
11.0
40
60
0
80
100
3751 G11
120
20
TEMPERATURE (°C)
–20
VCC = 5V
VCC = 12V
VCC = 24V
VTH = VCSP – VCSN
FB = 1.3V
–40
1.168
1.164
1.160
1.156
1.152
40
60
0
80
100
3751 G12
120
20
TEMPERATURE (°C)
–20
VCC = 5V
VCC = 12V
VCC = 24V
–40
60
58
56
54
52
50
40
60
0
80
100
3751 G13
120
20
TEMPERATURE (°C)
–20
VCC = 5V
VCC = 12V
VCC = 24V
–40
1.356
1.354
1.352
1.350
1.348
1.346
1.344
40
60
0
80
100
3751 G14
120
20
TEMPERATURE (°C)
–20
VCC = 5V
VCC = 12V
VCC = 24V
–40
61.0
60.6
60.2
59.8
59.4
59.0
40
60
0
80
100
3751 G15
120
20
TEMPERATURE (°C)
–20
VCC = 5V
VCC = 12V
VCC = 24V
CLAMP Pin Threshold
vs Temperature
HVGATE Pin Clamp Voltage
vs Temperature
–40
1.9
1.8
1.7
1.6
1.5
1.4
40
080
3751 G16
120
TEMPERATURE (°C)
VCC = 12V
VCC = 24V
–40
11.0
10.9
10.8
10.7
10.5
10.6
10.4
40
60
0
80
100
3751 G17
120
20
TEMPERATURE (°C)
–20
VCC = 24V
CLAMP = 0V


Similar Part No. - LT3751EUFD-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3751 LINER-LT3751 Datasheet
233Kb / 16P
   2-Cell Supercapacitor Charger
logo
Analog Devices
LT3751 AD-LT3751 Datasheet
898Kb / 18P
   20V 1A Buck DC/DC with Integrated SCAP Charger and Backup Regulator
LT3751 AD-LT3751 Datasheet
1Mb / 16P
   Capacitor Charger Controller
logo
Linear Technology
LT3751 LINER-LT3751_15 Datasheet
527Kb / 34P
   High Voltage Capacitor Charger Controller with Regulation
More results

Similar Description - LT3751EUFD-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3751 LINER-LT3751_15 Datasheet
527Kb / 34P
   High Voltage Capacitor Charger Controller with Regulation
LT3750 LINER-LT3750 Datasheet
223Kb / 16P
   Capacitor Charger Controller
logo
Analog Devices
LT3750A AD-LT3750A Datasheet
1Mb / 16P
   Capacitor Charger Controller
logo
Linear Technology
LT3750 LINER-LT3750_15 Datasheet
228Kb / 16P
   Capacitor Charger Controller
logo
Anpec Electronics Corop...
APL3202 ANPEC-APL3202 Datasheet
275Kb / 18P
   Li Battery Charger with Thermal Regulation
logo
STMicroelectronics
STBC21 STMICROELECTRONICS-STBC21 Datasheet
1Mb / 54P
   LI battery charger with thermal regulation
logo
Anpec Electronics Corop...
APL3201 ANPEC-APL3201 Datasheet
255Kb / 16P
   Li Battery Charger with Thermal Regulation
logo
FOSLINK SEMICONDUCTOR C...
FSP4054 FOSLINK-FSP4054 Datasheet
445Kb / 15P
   Standalone Linear Li-ion Battery Charger with Thermal Regulation
logo
SHOUDING Shouding Semic...
SD8003 SHOUDING-SD8003 Datasheet
1Mb / 7P
   Standalone Linear Li-Lon Battery Charger with Thermal Regulation
logo
Shenzhen Huazhimei Semi...
HM4057C HMSEMI-HM4057C Datasheet
577Kb / 10P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com