Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EX64-PCS100A Datasheet(PDF) 2 Page - Actel Corporation

Part # EX64-PCS100A
Description  eX Automotive Family FPGAs
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

EX64-PCS100A Datasheet(HTML) 2 Page - Actel Corporation

  EX64-PCS100A Datasheet HTML 1Page - Actel Corporation EX64-PCS100A Datasheet HTML 2Page - Actel Corporation EX64-PCS100A Datasheet HTML 3Page - Actel Corporation EX64-PCS100A Datasheet HTML 4Page - Actel Corporation EX64-PCS100A Datasheet HTML 5Page - Actel Corporation EX64-PCS100A Datasheet HTML 6Page - Actel Corporation EX64-PCS100A Datasheet HTML 7Page - Actel Corporation EX64-PCS100A Datasheet HTML 8Page - Actel Corporation EX64-PCS100A Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
eX Automotive Family FPGAs
ii
v3.2
Ordering Information
Plastic Device Resources
Speed Grade and Temperature Grade Matrix
Contact your local Actel representative for device availability.
Note: Automotive grade parts (A grade) devices are tested at room temperature to specifications that have been guard banded based on
characterization across the recommended operating conditions. A-grade parts are not tested at extended temperatures. If testing to
ensure guaranteed operation at extended temperatures is required, please contact your local Actel Sales office to discuss testing
options available.
eX128
TQ
Part Number
Package Type
TQ = Thin Quad Flat Pack (1.4mm pitch)
CS = Chip-Scale Package (0.8mm pitch)
100
A
Package Lead Count
Speed Grade
Application (Ambient Temperature Range)
A = Automotive (-40˚C to 125˚C)
64 Dedicated Flip-Flops (3,000 System Gates)
eX64
=
eX128
128 Dedicated Flip-Flops (6,000 System Gates)
=
eX256
256 Dedicated Flip-Flops (12,000 System Gates)
=
G
Lead-Free Packaging
Blank = Standard Packaging
G = RoHS Compliant Packaging
I = Industrial (-40˚C to 85˚C)
Blank = Commercial (0˚C to 70˚C)
Standard Speed
Blank=
P
Approximately 30% Faster than Standard
=
F
Approximately 40% Slower than Standard
=
Device
User I/Os (Including Clock Buffers)
64-Pin TQFP
100-Pin TQFP
49-Pin CSP
128-Pin CSP
180-Pin CSP
eX64
41
56
36
84
eX128
467036
100
eX256
81
100
132
Note: Package Definitions: TQFP = Thin Quad Flat Pack, CSP = Chip Scale Package
Std.
A
Note: Refer to the eX Family FPGAs datasheet for more details on commercial-
and industrial-grade offerings.


Similar Part No. - EX64-PCS100A

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
EX64-PCS100A ACTEL-EX64-PCS100A Datasheet
433Kb / 49P
   eX Family FPGAs
More results

Similar Description - EX64-PCS100A

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
   eX Family FPGAs
logo
List of Unclassifed Man...
EX128 ETC1-EX128 Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Actel Corporation
A3P1000-1FGG144T ACTEL-A3P1000-1FGG144T Datasheet
4Mb / 136P
   Automotive ProASIC3 Flash Family FPGAs
A54SX16A-PQG208A ACTEL-A54SX16A-PQG208A Datasheet
515Kb / 68P
   SX-A Automotive Family FPGAs
APA1000-FG896A ACTEL-APA1000-FG896A Datasheet
85Kb / 10P
   Automotive-Grade ProASIC Flash Family FPGAs
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
   54SX Family FPGAs
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
AX500-PQ208I MICROSEMI-AX500-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
logo
Actel Corporation
A1280A-1PG176C ACTEL-A1280A-1PG176C Datasheet
605Kb / 38P
   ACT2 Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com