Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COREFIR-EV Datasheet(PDF) 8 Page - Actel Corporation

Part # COREFIR-EV
Description  CoreFIR Finite Impulse Response (FIR) Filter Generator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

COREFIR-EV Datasheet(HTML) 8 Page - Actel Corporation

Back Button COREFIR-EV Datasheet HTML 4Page - Actel Corporation COREFIR-EV Datasheet HTML 5Page - Actel Corporation COREFIR-EV Datasheet HTML 6Page - Actel Corporation COREFIR-EV Datasheet HTML 7Page - Actel Corporation COREFIR-EV Datasheet HTML 8Page - Actel Corporation COREFIR-EV Datasheet HTML 9Page - Actel Corporation COREFIR-EV Datasheet HTML 10Page - Actel Corporation COREFIR-EV Datasheet HTML 11Page - Actel Corporation COREFIR-EV Datasheet HTML 12Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
CoreFIR
8
v3.0
Number of Bits of Output (nbits_out)
The
FIR
Generator
supports
only
full
precision
computation. Thus, the number of bits of output is
determined by the number of input’s and coefficients’
bits for the device family as specified in Table 4 on
page 7. The number of bits of output are specified by EQ 7:
nbits_out = nbits_in + nbits_coef + ceil(log2(ntaps)) - 1
EQ 7
where ceil is the ceiling function of a floating point data.
Asymmetric FIR and Symmetric FIR
The FIR generator supports an asymmetric FIR filter only.
Symmetric FIR filters will be supported in future releases.
Embedded RAM as LUTs (coef_fixed)
The FIR Generator utilizes a switch that determines
whether to implement DA LUTs by embedded RAM
blocks or by synthesized ROM using FPGA cells. The LUTs
are implemented by synthesized ROM using FPGA cells
when coef_fixed is equal to 1. The LUTs are implemented
by embedded RAM blocks available for Axcelerator,
ProASICPLUS, and ProASIC3 devices when coef_fixed is
equal to 0. This setting may be set to 1 for a filter design
with fixed coefficients for an FPGA device with
embedded RAM such as AX, RTAX-S, APA, and PA3, since
the overhead of the DA LUT Generator overrides the
benefits of using an embedded RAM block as a LUT. The
coef_fixed configuration parameter is valid only when
the configuration parameter fpga_family is set to ax,
apa, or pa3. Refer to Table 4 on page 7 and "Appendix I:
Sample Configuration File" on page 12 for details.
Signed/Unsigned Inputs and Coefficients
(data_signed)
The
FIR
Generator
supports
signed
or
unsigned
operations. The generator supports two cases: both
input and coefficient are unsigned, or both input and
coefficient
are
signed.
It
supports
an
unsigned
implementation when the configuration parameter
data_signed is equal to 0, and a signed implementation
when the configuration parameter data_signed is equal
to 1. Refer to Table 4 on page 7 and "Appendix I: Sample
Configuration File" on page 12 for details.
System Clock Frequency (sys_clk_frq)
The FIR Generator reads in the system clock frequency via
configuration parameter sys_clk_frq. The generated
testbench assigns this frequency to its clock generation.
The generated design runs at this frequency inside the
test bench. The configuration parameter should be
specified with the unit of MHz. Refer to Table 4 on
page 7 and "Appendix I: Sample Configuration File" on
page 12 for details.
Sample Ratio (sample_ratio)
The FIR Generator supports a configuration parameter,
sample_ratio, which specifies the sampling rate against
the system clock frequency. It defines that the data
sampling rate is equal to sys_clk_frq/sample_ratio. This
parameter provides guidance to implement a folding
architecture to reduce the size of the design. The
configuration parameter sample_ratio can only be a
positive integer greater than 1. Refer to Table 4 on
page 7 and "Appendix I: Sample Configuration File" on
page 12 for details.
Module Name (module_name)
The FIR Generator supports a configuration parameter,
module_name, that specifies the name of the generated
module.
The
generated
testbench
has
the
name
<module_name>_tb. Refer to Table 4 on page 7 and
"Appendix I: Sample Configuration File" on page 12 for
details.
FPGA Family (fpga_family)
The FIR Generator supports a configuration parameter,
fpga_family, that specifies the targeted Actel FPGA
device family. The options are ax, apa, pa3, and sxa. The
option for RTAX-S is ax. The option for RTSX-S is sxa.
Refer to Table 4 on page 7 and "Appendix I: Sample
Configuration File" on page 12 for details.
Architecture Variations
The DA algorithm for FIR provides an excellent solution,
but also introduces many variations on the design
architecture due to limitations of the FPGA resource.
FIR Filter with Large Number of
Taps
As illustrated in section "FIR Filter Using Distributed
Arithmetic Algorithm" on page 3, the number of words
of the DA LUT is 2ntaps, which is exponentially increased
with ntaps. A LUT splitting method, as defined in
"Storage and Large Number of Taps" on page 5,
effectively reduces the memory usage. The CoreFIR
Generator utilizes this method to reduce the memory
usage. It usually splits the coefficients into eight or nine
taps for each LUT when embedded RAM blocks are
available.


Similar Part No. - COREFIR-EV

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
CORE1553BRT MICROSEMI-CORE1553BRT Datasheet
1Mb / 65P
   HB0093 Handbook Core1553BRT v4.2
logo
Actel Corporation
CORE429-AN ACTEL-CORE429-AN Datasheet
258Kb / 22P
   ARINC 429 Bus Interface
CORE429-AR ACTEL-CORE429-AR Datasheet
258Kb / 22P
   ARINC 429 Bus Interface
CORE429-EV ACTEL-CORE429-EV Datasheet
258Kb / 22P
   ARINC 429 Bus Interface
CORE429-SN ACTEL-CORE429-SN Datasheet
258Kb / 22P
   ARINC 429 Bus Interface
More results

Similar Description - COREFIR-EV

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
PDSP16256 MITEL-PDSP16256 Datasheet
423Kb / 28P
   Programmable FIR Filter
logo
Renesas Technology Corp
HSP43168 RENESAS-HSP43168 Datasheet
851Kb / 25P
   Dual FIR Filter
July 27, 2009
logo
Intersil Corporation
HSP43168 INTERSIL-HSP43168 Datasheet
915Kb / 25P
   Dual FIR Filter
logo
Zarlink Semiconductor I...
PDSP16256 ZARLINK-PDSP16256 Datasheet
205Kb / 25P
   Programmable FIR Filter
logo
Intersil Corporation
HSP43168 INTERSIL-HSP43168_07 Datasheet
929Kb / 25P
   Dual FIR Filter
logo
Mitel Networks Corporat...
PDSP16256 MITEL-PDSP16256_98 Datasheet
268Kb / 24P
   Programmable FIR Filter
logo
Intersil Corporation
HSP43168883 INTERSIL-HSP43168883 Datasheet
180Kb / 10P
   Dual FIR Filter
logo
Zarlink Semiconductor I...
VP16256 ZARLINK-VP16256 Datasheet
459Kb / 19P
   Programmable FIR FIlter
logo
Mitel Networks Corporat...
VP16256 MITEL-VP16256 Datasheet
228Kb / 20P
   Programmable FIR Filter
logo
ATMEL Corporation
AT76C002 ATMEL-AT76C002 Datasheet
38Kb / 4P
   Programmable FIR Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com