Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3755IMSE-PBF Datasheet(PDF) 4 Page - Linear Technology

Part # LT3755IMSE-PBF
Description  40VIN, 75VOUT LED Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3755IMSE-PBF Datasheet(HTML) 4 Page - Linear Technology

  LT3755IMSE-PBF Datasheet HTML 1Page - Linear Technology LT3755IMSE-PBF Datasheet HTML 2Page - Linear Technology LT3755IMSE-PBF Datasheet HTML 3Page - Linear Technology LT3755IMSE-PBF Datasheet HTML 4Page - Linear Technology LT3755IMSE-PBF Datasheet HTML 5Page - Linear Technology LT3755IMSE-PBF Datasheet HTML 6Page - Linear Technology LT3755IMSE-PBF Datasheet HTML 7Page - Linear Technology LT3755IMSE-PBF Datasheet HTML 8Page - Linear Technology LT3755IMSE-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LT3755/LT3755-1
4
37551fa
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating temp-
erature range, otherwise specifications are at TA = 25°C. VIN = 24V, SHDN/UVLO = 24V, CTRL = 2V, PWM = 5V, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Linear Regulator
INTVCC Regulation Voltage
7
7.15
7.3
V
Dropout (VIN – INTVCC)IINTVCC = –10mA, VIN = 7V
350
mV
INTVCC Undervoltage Lockout
3.9
4.1
4.3
V
INTVCC Current Limit
29
34
40
mA
INTVCC Current in Shutdown
SHDN/UVLO = 0V, INTVCC = 7V
8
12
μA
Logic Inputs/Outputs
PWM Input High Voltage
1.5
V
PWM Input Low Voltage
0.4
V
PWM Pin Resistance to GND
45
60
PWMOUT Output Low (VOL)
050
mV
PWMOUT Output High (VOH)
INTVCC
– 50mV
V
SHDN/UVLO Threshold Voltage Falling
l
1.185
1.220
1.245
V
SHDN/UVLO Rising Hysteresis
20
mV
SHDN/UVLO Input Low Voltage
IVIN Drops Below 1μA
0.4
V
SHDN/UVLO Pin Bias Current Low
SHDN/UVLO = 1.15V
1.7
2.05
2.5
μA
SHDN/UVLO Pin Bias Current High
SHDN/UVLO = 1.30V
10
100
nA
OPENLED Output Low (VOL)IOPENLED = 0.5mA (LT3755 Only)
200
mV
SYNC Pin Resistance to GND
LT3755-1 Only
30
SYNC Input High
LT3755-1 Only
1.5
V
SYNC Input Low
LT3755-1 Only
0.4
V
Gate Driver
tr GATE Driver Output Rise Time
CL = 3300pF
35
ns
tf GATE Driver Output Fall Time
CL = 3300pF
35
ns
GATE Output Low (VOL)
0.05
V
GATE Output High (VOH)
INTVCC
– 50mV
V
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3755E and LT3755E-1 are guaranteed to meet performance
specifications from 0°C to 125°C junction temperature. Specifications over
the –40°C to 125°C operating junction temperature range are assured by
design, characterization and correlation with statistical process controls. The
LT3755I and LT3755I-1 are guaranteed to meet performance specifications
over the –40°C to 125°C operating junction temperature range.


Similar Part No. - LT3755IMSE-PBF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT3755IMSE-1#PBF AD-LT3755IMSE-1#PBF Datasheet
504Kb / 28P
   40VIN, 75VOUT LED Controllers
LT3755IMSE-1#WPBF AD-LT3755IMSE-1#WPBF Datasheet
504Kb / 28P
   40VIN, 75VOUT LED Controllers
LT3755IMSE-2#PBF AD-LT3755IMSE-2#PBF Datasheet
504Kb / 28P
   40VIN, 75VOUT LED Controllers
LT3755IMSE-2#WPBF AD-LT3755IMSE-2#WPBF Datasheet
504Kb / 28P
   40VIN, 75VOUT LED Controllers
logo
Linear Dimensions Semic...
LT3755IMSE-2-PBF LINEAR_DIMENSIONS-LT3755IMSE-2-PBF Datasheet
355Kb / 26P
   40VIN, 75VOUT LED Controllers
More results

Similar Description - LT3755IMSE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3755-1 LINER-LT3755-1_15 Datasheet
355Kb / 26P
   40VIN, 75VOUT LED Controllers
logo
Linear Dimensions Semic...
LT3755IMSE-2-PBF LINEAR_DIMENSIONS-LT3755IMSE-2-PBF Datasheet
355Kb / 26P
   40VIN, 75VOUT LED Controllers
logo
Linear Technology
LT3755-2 LINER-LT3755-2_15 Datasheet
355Kb / 26P
   40VIN, 75VOUT LED Controllers
LT3755 LINER-LT3755_15 Datasheet
355Kb / 26P
   40VIN, 75VOUT LED Controllers
logo
Analog Devices
LT3755 AD-LT3755 Datasheet
504Kb / 28P
   40VIN, 75VOUT LED Controllers
logo
Shenzhen Huazhimei Semi...
HM1465 HMSEMI-HM1465 Datasheet
681Kb / 11P
   40Vin 4 Outputs Buck Controller
HM1461 HMSEMI-HM1461 Datasheet
574Kb / 9P
   40Vin 2 Outputs Buck Controller
logo
Linear Technology
LT3954 LINER-LT3954 Datasheet
252Kb / 8P
   40VIN 40VOUT LED Driver
logo
Shenzhen Huazhimei Semi...
HM1462 HMSEMI-HM1462 Datasheet
614Kb / 8P
   40Vin 2 Outputs COT Buck Controller
logo
Linear Technology
LT3954 LINER-LT3954_15 Datasheet
327Kb / 26P
   40VIN LED Converter with Internal PWM Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com