Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COREFIR-AR Datasheet(PDF) 3 Page - Actel Corporation

Part # COREFIR-AR
Description  CoreFIR Finite Impulse Response (FIR) Filter Generator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

COREFIR-AR Datasheet(HTML) 3 Page - Actel Corporation

  COREFIR-AR Datasheet HTML 1Page - Actel Corporation COREFIR-AR Datasheet HTML 2Page - Actel Corporation COREFIR-AR Datasheet HTML 3Page - Actel Corporation COREFIR-AR Datasheet HTML 4Page - Actel Corporation COREFIR-AR Datasheet HTML 5Page - Actel Corporation COREFIR-AR Datasheet HTML 6Page - Actel Corporation COREFIR-AR Datasheet HTML 7Page - Actel Corporation COREFIR-AR Datasheet HTML 8Page - Actel Corporation COREFIR-AR Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CoreFIR
v3.0
3
FIR Filter Using Distributed Arithmetic Algorithm
Distributed Arithmetic Algorithm Overview
FIR filters are used in applications that require exact linear phase response. Typical applications for a FIR filter include:
image processing, digital audio, digital communication, and biomedical signal processing. A FIR filter is defined in EQ 1:
EQ 1
where:
c[n] = h[ntaps - n -1]
and h is the impulse response. The term ntaps is short for number of taps.
In summary, the direct computation for one point of FIR requires:
ntaps multiplications + (ntaps-1) additions.
Distributed Arithmetic (DA) is a well-known method for eliminating resources in multiply-and-accumulate structures
(MACs) implementing digital signal processing (DSP) functions. DA trades memory for combinatory elements, resulting
in an efficient implementation in FPGAs. Another feature of DA is its easy serialization of the input, which further
reduces the cost of operation when FIR data rate is low compared to the system clock, a common scenario in FIR
applications.
The input of a FIR can be expressed in the composition of its bits, as shown in EQ 2:
EQ 2
where x[n][b] is the bth bit of x[n] and nbits_in is the number of bits of input. The resulting output of the FIR filter is
shown in EQ 3:
EQ 3
Changing the summation order gives the results shown in EQ 4:
EQ 4
Table 2 • Test Configurations
Configuration
nbits_input
nbits_coef
ntaps
fpga_family
coef_fixed
18
16
8
All
1
216
16
16
All
1
312
15
32
All
1
412
15
32
AX, RTAX-S, APA
0
516
15
64
All
1
6
16
16
128
AX, RTAX-S, APA
0
y[n]
c[n]
x[n]
×
0
ntaps
1
=
xn
[]
x[n][b]2
b
×
0
nbits_in
1
=
y[n]
c[n]
0
ntaps
1
x[n]
c[n]
x[n][b]2
b
0
nbits_in
1
0
ntaps
1
==
y[n]2
b
c[n] x[n][b]2
b
T(X[b])
0
nbits_in
1
=
0
ntaps
1
0
nbits_in
1
=


Similar Part No. - COREFIR-AR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
CORE1553BRT MICROSEMI-CORE1553BRT Datasheet
1Mb / 65P
   HB0093 Handbook Core1553BRT v4.2
logo
Actel Corporation
CORE429-AN ACTEL-CORE429-AN Datasheet
258Kb / 22P
   ARINC 429 Bus Interface
CORE429-AR ACTEL-CORE429-AR Datasheet
258Kb / 22P
   ARINC 429 Bus Interface
CORE429-EV ACTEL-CORE429-EV Datasheet
258Kb / 22P
   ARINC 429 Bus Interface
CORE429-SN ACTEL-CORE429-SN Datasheet
258Kb / 22P
   ARINC 429 Bus Interface
More results

Similar Description - COREFIR-AR

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
PDSP16256 MITEL-PDSP16256 Datasheet
423Kb / 28P
   Programmable FIR Filter
logo
Renesas Technology Corp
HSP43168 RENESAS-HSP43168 Datasheet
851Kb / 25P
   Dual FIR Filter
July 27, 2009
logo
Intersil Corporation
HSP43168 INTERSIL-HSP43168 Datasheet
915Kb / 25P
   Dual FIR Filter
logo
Zarlink Semiconductor I...
PDSP16256 ZARLINK-PDSP16256 Datasheet
205Kb / 25P
   Programmable FIR Filter
logo
Intersil Corporation
HSP43168 INTERSIL-HSP43168_07 Datasheet
929Kb / 25P
   Dual FIR Filter
logo
Mitel Networks Corporat...
PDSP16256 MITEL-PDSP16256_98 Datasheet
268Kb / 24P
   Programmable FIR Filter
logo
Intersil Corporation
HSP43168883 INTERSIL-HSP43168883 Datasheet
180Kb / 10P
   Dual FIR Filter
logo
Zarlink Semiconductor I...
VP16256 ZARLINK-VP16256 Datasheet
459Kb / 19P
   Programmable FIR FIlter
logo
Mitel Networks Corporat...
VP16256 MITEL-VP16256 Datasheet
228Kb / 20P
   Programmable FIR Filter
logo
ATMEL Corporation
AT76C002 ATMEL-AT76C002 Datasheet
38Kb / 4P
   Programmable FIR Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com