Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3782 Datasheet(PDF) 11 Page - Linear Technology

Part # LT3782
Description  2-Phase Step-UP DC/DC Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3782 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3782 Datasheet HTML 7Page - Linear Technology LT3782 Datasheet HTML 8Page - Linear Technology LT3782 Datasheet HTML 9Page - Linear Technology LT3782 Datasheet HTML 10Page - Linear Technology LT3782 Datasheet HTML 11Page - Linear Technology LT3782 Datasheet HTML 12Page - Linear Technology LT3782 Datasheet HTML 13Page - Linear Technology LT3782 Datasheet HTML 14Page - Linear Technology LT3782 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LT3782
11
3782ff
The Peak and Average Input Currents
The control circuit in the LT3782 measures the input current
by using a sense resistor in each MOSFET source, so the
output current needs to be reflected back to the input in
order to dimension the power MOSFET properly. Based
on the fact that, ideally, the output power is equal to the
input power, the maximum average input current is:
I
IN(MAX) =
I
O(MAX)
1– D
MAX
The peak current is:
I
IN(PEAK) = 1.2 •
I
O(MAX)
1– D
MAX
The maximum duty cycle, DMAX, should be calculated at
minimum VIN.
Power Inductor Selection
In a boost circuit, a power inductor should be designed
to carry the maximum input DC current. The inductance
should be small enough to generate enough ripple current
to provide adequate signal to noise ratio to the LT3782.
An empirical starting of the inductor ripple current (per
phase) is about 40% of maximum DC current, which is
half of the input DC current in a 2-phase circuit:
ΔI
L ≅ 40% •
I
OUT(MAX) •VOUT
2V
IN
=20% •
I
OUT(MAX) •VOUT
V
IN
where VIN, VOUT and IOUT are the DC input voltage, output
voltage and output current, respectively.
And the inductance is estimated to be:
L
=
V
IN •D
f
s • ΔIL
where fs is the switching frequency per phase.
The saturation current level of inductor is estimated to
be:
I
SAT
ΔI
L
2
+
I
IN
2
≅70% •
I
OUT(MAX) •VOUT
V
IN(MIN)
Sense Resistor Selection
During the switch on-time, the control circuit limits the
maximum voltage drop across the sense resistor to about
60mV. The peak inductor current is therefore limited to
60mV/R. The relationship between the maximum load
current, duty cycle and the sense resistor RSENSE is:
R
≤ V
SENSE(MAX)
1– D
MAX
1.2 •
I
O(MAX)
2
Power MOSFET Selection
Important parameters for the power MOSFET include the
drain-to-source breakdown voltage (BVDSS), the threshold
voltage (VGS(TH)), the on-resistance (RDS(ON)) versus gate-
to-source voltage, the gate-to-source and gate-to-drain
charges (QGS and QGD, respectively), the maximum drain
current (ID(MAX)) and the MOSFET’s thermal resistances
(RTH(JC) and RTH(JA)).
APPLICATIONS INFORMATION


Similar Part No. - LT3782

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3782 LINER-LT3782 Datasheet
477Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LT3782 LINER-LT3782 Datasheet
233Kb / 20P
   2-Phase Step-UP DC/DC Controller
LT3782 LINER-LT3782 Datasheet
764Kb / 32P
   Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
LT3782A LINER-LT3782A Datasheet
238Kb / 20P
   2-Phase Step-Up DC/DC Controller
LT3782AEFE LINER-LT3782AEFE Datasheet
238Kb / 20P
   2-Phase Step-Up DC/DC Controller
More results

Similar Description - LT3782

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3782 LINER-LT3782_15 Datasheet
233Kb / 20P
   2-Phase Step-UP DC/DC Controller
LT3782A LINER-LT3782A Datasheet
238Kb / 20P
   2-Phase Step-Up DC/DC Controller
LT3782A LINER-LT3782A_15 Datasheet
275Kb / 20P
   2-Phase Step-Up DC/DC Controller
logo
RICOH electronics devic...
R1211N002A RICOH-R1211N002A_06 Datasheet
512Kb / 40P
   STEP-UP DC/DC CONTROLLER
R1211X RICOH-R1211X Datasheet
375Kb / 33P
   Step-up DC/DC Controller
logo
Analog Intergrations Co...
AIC1630 AIC-AIC1630 Datasheet
374Kb / 11P
   2-Cell, Step-Up DC/DC Converter Controller
logo
E-CMOS Corporation
EC9215 E-CMOS-EC9215 Datasheet
1Mb / 15P
   Step-up DC/DC Controller
logo
Silicon Standard Corp.
SS6630 SSC-SS6630 Datasheet
616Kb / 13P
   Step-Up DC/DC Controller
logo
FOSLINK SEMICONDUCTOR C...
FSP3601 FOSLINK-FSP3601 Datasheet
336Kb / 14P
   STEP-UP DC/DC CONTROLLER
logo
TECHCODE SEMICONDUCTOR,...
TD8215 TECHCODE-TD8215 Datasheet
1Mb / 16P
   Step-up DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com