Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3756EMSE-TRPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LT3756EMSE-TRPBF
Description  100VIN, 100VOUT LED Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3756EMSE-TRPBF Datasheet(HTML) 3 Page - Linear Technology

  LT3756EMSE-TRPBF Datasheet HTML 1Page - Linear Technology LT3756EMSE-TRPBF Datasheet HTML 2Page - Linear Technology LT3756EMSE-TRPBF Datasheet HTML 3Page - Linear Technology LT3756EMSE-TRPBF Datasheet HTML 4Page - Linear Technology LT3756EMSE-TRPBF Datasheet HTML 5Page - Linear Technology LT3756EMSE-TRPBF Datasheet HTML 6Page - Linear Technology LT3756EMSE-TRPBF Datasheet HTML 7Page - Linear Technology LT3756EMSE-TRPBF Datasheet HTML 8Page - Linear Technology LT3756EMSE-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LT3756/LT3756-1
3
37561f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating temp-
erature range, otherwise specifications are at TA = 25°C. VIN = 24V, SHDN/UVLO = 24V, CTRL = 2V, PWM = 5V, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Minimum Operating Voltage
VIN Tied to INTVCC
6V
VIN Shutdown IQ
SHDN/UVLO = 0V, PWM = 0V
SHDN/UVLO = 1.15V, PWM = 0V
0.1
1
5
μA
μA
VIN Operating IQ (Not Switching)
VC = 0V, RT = 100k to GND
1.4
1.7
mA
VREF Voltage
100μA ≤ IVREF ≤ 0μA
l
1.965
2.00
2.045
V
VREF Line Regulation
6V ≤ VIN ≤ 100V
0.006
%/V
SENSE Current Limit Threshold
98
108
118
mV
SENSE Input Bias Current
Current Out of Pin
40
μA
SS Pull-Up Current
Current Out of Pin
8
10.5
13
μA
Error Amplifier
LED Current Sense Threshold (VISP – VISN)
FB = 0V, VISP = 48V
l
96
100
103
mV
LED Current Sense Threshold at CTRL = 0V (VISP – VISN) CTRL = 0V, FB = 0V, VISP = 48V
–13
–10
–8
mV
CTRL Threshold Linear Programming Range
0
1.1
V
CTRL Input Bias Current
Current Out of Pin
50
100
nA
LED Current Sense Amplifier Input Common Mode
Range (VISP)
2.9
100
V
ISP/ISN Short-Circuit Threshold (VISP – VISN)VISN = 0V
115
150
200
mV
ISP/ISN Short-Circuit Fault Sensing Common Mode
Range (VISN)
03
V
ISP/ISN Input Bias Current
PWM = 5V (Active), VISP = 48V
PWM = 0V (Standby), VISP = 48V
50
0
0.1
μA
μA
LED Current Sense Amplifier gm
VISP – VISN = 100mV
120
μS
VC Output Impedance
1V < VVC < 2V
15000
VC Standby Input Bias Current
PWM = 0V
–20
20
nA
FB Regulation Voltage (VFB)
VISP = VISN
l
1.220
1.232
1.250
1.250
1.270
1.265
V
V
FB Amplifier gm
FB = VFB, VISP = VISN
480
μS
FB Pin Input Bias Current
Current Out of Pin
40
100
nA
FB Open LED Threshold
OPENLED Falling (LT3756 Only)
VFB
60mV
VFB
50mV
VFB
40mV
V
FB Overvoltage Threshold
PWMOUT Falling
VFB +
50mV
VFB +
60mV
VFB +
70mV
V
VC Current Mode Gain –
ΔVVC/ΔVSENSE
4V/V
Oscillator
Switching Frequency
RT = 100k
RT = 10k
l
90
925
105
1000
125
1050
kHz
kHz
Minimum Off-Time
170
ns
Linear Regulator
INTVCC Regulation Voltage
7
7.15
7.3
V
Dropout (VIN – INTVCC)IINTVCC = –10mA, VIN = 7V
1
V
INTVCC Undervoltage Lockout
3.9
4.1
4.3
V
INTVCC Current Limit
14
18
23
mA
INTVCC Current in Shutdown
SHDN/UVLO = 0V, INTVCC = 7V
8
12
μA


Similar Part No. - LT3756EMSE-TRPBF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT3756EMSE-1#PBF AD-LT3756EMSE-1#PBF Datasheet
399Kb / 26P
   100VIN, 100VOUT LED Controller
LT3756EMSE-1#WPBF AD-LT3756EMSE-1#WPBF Datasheet
399Kb / 26P
   100VIN, 100VOUT LED Controller
LT3756EMSE-2#PBF AD-LT3756EMSE-2#PBF Datasheet
399Kb / 26P
   100VIN, 100VOUT LED Controller
LT3756EMSE-2#WPBF AD-LT3756EMSE-2#WPBF Datasheet
399Kb / 26P
   100VIN, 100VOUT LED Controller
More results

Similar Description - LT3756EMSE-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3756-1 LINER-LT3756-1_15 Datasheet
317Kb / 24P
   100VIN, 100VOUT LED Controller
LT3756-2 LINER-LT3756-2_15 Datasheet
317Kb / 24P
   100VIN, 100VOUT LED Controller
LT3756 LINER-LT3756_15 Datasheet
317Kb / 24P
   100VIN, 100VOUT LED Controller
logo
Analog Devices
LT3756 AD-LT3756 Datasheet
399Kb / 26P
   100VIN, 100VOUT LED Controller
logo
Linear Technology
LT8310 LINER-LT8310_15 Datasheet
425Kb / 36P
   100VIN Forward Converter Controller
logo
Analog Devices
LT8393 AD-LT8393 Datasheet
2Mb / 32P
   60VIN, 100VOUT Synchronous 4-Switch Buck-Boost LED Driver Controller with Low EMI
LT8300 AD-LT8300 Datasheet
1Mb / 24P
   100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
logo
Linear Technology
LT8303 LINER-LT8303 Datasheet
1Mb / 24P
   100VIN Micropower Isolated Flyback Converter with 150V/450mA Switch
logo
ELM Technology Corporat...
ELM916DA ELM-TECH-ELM916DA Datasheet
602Kb / 6P
   450V LED controller
logo
Linear Technology
LTC3205 LINER-LTC3205_15 Datasheet
257Kb / 16P
   Multidisplay LED Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com