Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3782EFE-TRPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LT3782EFE-TRPBF
Description  2-Phase Step-UP DC/DC Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3782EFE-TRPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3782EFE-TRPBF Datasheet HTML 3Page - Linear Technology LT3782EFE-TRPBF Datasheet HTML 4Page - Linear Technology LT3782EFE-TRPBF Datasheet HTML 5Page - Linear Technology LT3782EFE-TRPBF Datasheet HTML 6Page - Linear Technology LT3782EFE-TRPBF Datasheet HTML 7Page - Linear Technology LT3782EFE-TRPBF Datasheet HTML 8Page - Linear Technology LT3782EFE-TRPBF Datasheet HTML 9Page - Linear Technology LT3782EFE-TRPBF Datasheet HTML 10Page - Linear Technology LT3782EFE-TRPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LT3782
7
3782ff
GBIAS2
R2
50k
A18
ONE SHOT
A19
A2
60mV
CH1
CL1
PWM1
A3
R3
3782 BD
C2
2nF
CIN
20μF
RFREQ
RS1
M1
R8
R6
COUT
100μF
VOUT
VIN
+
C3
2μF
RS2
VCC
RUN
SYNC
DELAY
DELAY
DELAY
SLOPE
RSET
DCL
RSET
GND
C1
2000pF
R5
2k
C7
10nF
GBIAS2
GBIAS
GBIAS1
BGATE1
BGATE1
BGATE1
SGATE1
BGATE2
VEE1
VEE2
VREF
SENSE1+
SENSE1
SENSE2+
SENSE2
FB
M2
GBIAS1
R7
10Ω
C4
2nF
R9
10Ω
RF2
RF1
R1
50k
L1
15μ
D1
D2
L2
15μ
+
+
6
5
17
27
10
7
VC
15
SS
14
11
4
SGATE1
SGATE2
1
2
22
21
28
23
8
9
24
20
13
12
19
16
REGULATOR
SLOPE
COMP
OSC
LOGIC
Q
CK
Q
D
CH1
SET
R
S
7V
+
+
0.5V
+
+
2.44V
+
+
2.5V
+
VCC – 2.5V
A6
A11
A12
A5
A7
A8
LOW POWER
SHUTDOWN
VGBIAS = VCC – 1V AND CLAMPED AT 11V
NOTE:
PACKAGE BOTTOM METAL PLATE (PIN 29)
IS FUSED TO CHIP DIE AGND
A20
A1
A4
A17
A15
A13
C5
20pF
+
ONE SHOT
BLANKING
A14
A9
+
+
SLOPE COMP
60mV
A10
R4
BLANKING
+
+
+
CH2
R
S
SLOPE COMP
4V
BGATE2
+
2.5V
+
+
+
GM
D6
D7
D4
I1
10μA
CH2
CL2
PWM2
A16
SET
BLOCK DIAGRAM


Similar Part No. - LT3782EFE-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3782 LINER-LT3782 Datasheet
477Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LT3782 LINER-LT3782 Datasheet
233Kb / 20P
   2-Phase Step-UP DC/DC Controller
LT3782 LINER-LT3782 Datasheet
764Kb / 32P
   Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
LT3782A LINER-LT3782A Datasheet
238Kb / 20P
   2-Phase Step-Up DC/DC Controller
LT3782AEFE LINER-LT3782AEFE Datasheet
238Kb / 20P
   2-Phase Step-Up DC/DC Controller
More results

Similar Description - LT3782EFE-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3782 LINER-LT3782_15 Datasheet
233Kb / 20P
   2-Phase Step-UP DC/DC Controller
LT3782A LINER-LT3782A Datasheet
238Kb / 20P
   2-Phase Step-Up DC/DC Controller
LT3782A LINER-LT3782A_15 Datasheet
275Kb / 20P
   2-Phase Step-Up DC/DC Controller
logo
RICOH electronics devic...
R1211N002A RICOH-R1211N002A_06 Datasheet
512Kb / 40P
   STEP-UP DC/DC CONTROLLER
R1211X RICOH-R1211X Datasheet
375Kb / 33P
   Step-up DC/DC Controller
logo
Analog Intergrations Co...
AIC1630 AIC-AIC1630 Datasheet
374Kb / 11P
   2-Cell, Step-Up DC/DC Converter Controller
logo
E-CMOS Corporation
EC9215 E-CMOS-EC9215 Datasheet
1Mb / 15P
   Step-up DC/DC Controller
logo
Silicon Standard Corp.
SS6630 SSC-SS6630 Datasheet
616Kb / 13P
   Step-Up DC/DC Controller
logo
FOSLINK SEMICONDUCTOR C...
FSP3601 FOSLINK-FSP3601 Datasheet
336Kb / 14P
   STEP-UP DC/DC CONTROLLER
logo
TECHCODE SEMICONDUCTOR,...
TD8215 TECHCODE-TD8215 Datasheet
1Mb / 16P
   Step-up DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com