Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EX64-FTQ100A Datasheet(PDF) 5 Page - Actel Corporation

Part # EX64-FTQ100A
Description  eX Family FPGAs
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

EX64-FTQ100A Datasheet(HTML) 5 Page - Actel Corporation

  EX64-FTQ100A Datasheet HTML 1Page - Actel Corporation EX64-FTQ100A Datasheet HTML 2Page - Actel Corporation EX64-FTQ100A Datasheet HTML 3Page - Actel Corporation EX64-FTQ100A Datasheet HTML 4Page - Actel Corporation EX64-FTQ100A Datasheet HTML 5Page - Actel Corporation EX64-FTQ100A Datasheet HTML 6Page - Actel Corporation EX64-FTQ100A Datasheet HTML 7Page - Actel Corporation EX64-FTQ100A Datasheet HTML 8Page - Actel Corporation EX64-FTQ100A Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
eX Family FPGAs
v4.3
1-1
eX Family FPGAs
General Description
The eX family of FPGAs is a low-cost solution for low-
power, high-performance designs. The inherent low
power attributes of the antifuse technology, coupled
with an additional low static power mode, make these
devices ideal for power-sensitive applications. Fabricated
with an advanced 0.22
µm CMOS antifuse technology,
these devices achieve high performance with no power
penalty
.
eX Family Architecture
Actel's eX family is implemented on a high-voltage twin-
well CMOS process using 0.22µm design rules. The eX
family architecture uses a “sea-of-modules” structure
where the entire floor of the device is covered with a
grid of logic modules with virtually no chip area lost to
interconnect
elements
or
routing.
Interconnection
among these logic modules is achieved using Actel’s
patented
metal-to-metal
programmable
antifuse
interconnect elements. The antifuse interconnect is
made up of a combination of amorphous silicon and
dielectric material with barrier metals and has an "on"
state resistance of 25
Ω with a capacitance of 1.0fF for
low-signal impedance. The antifuses are normally open
circuit and, when programmed, form a permanent low-
impedance connection. Actel’s eX family provides two
types of logic modules, the register cell (R-cell) and the
combinatorial cell (C-cell).
The R-cell contains a flip-flop featuring asynchronous
clear, asynchronous preset, and clock enable (using the
S0 and S1 lines) control signals (Figure 1-1). The R-cell
registers feature programmable clock polarity selectable
on a register-by-register basis. This provides additional
flexibility
while
allowing
mapping
of
synthesized
functions into the eX FPGA. The clock source for the R-
cell can be chosen from either the hard-wired clock or
the routed clock.
The C-cell implements a range of combinatorial functions
up to five inputs (Figure 1-2 on page 1-2). Inclusion of
the DB input and its associated inverter function enables
the implementation of more than 4,000 combinatorial
functions in the eX architecture in a single module.
Two C-cells can be combined together to create a flip-
flop to imitate an R-cell via the use of the CC macro. This
is particularly useful when implementing non-timing-
critical paths and when the design engineer is running
out of R-cells. More information about the CC macro can
be found in Actel’s Maximizing Logic Utilization in eX, SX
and SX-A FPGA Devices Using CC Macros application
note.
Figure 1-1 • R-Cell
DirectConnect
Input
CLKA,
CLKB,
Internal Logic
HCLK
CKS
CKP
CLR
PSET
Y
DQ
Routed
Data Input
S0
S1


Similar Part No. - EX64-FTQ100A

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
EX64-FTQ100A ACTEL-EX64-FTQ100A Datasheet
404Kb / 44P
   eX Automotive Family FPGAs
More results

Similar Description - EX64-FTQ100A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EX128 ETC1-EX128 Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Actel Corporation
EX128-TQG100A ACTEL-EX128-TQG100A Datasheet
404Kb / 44P
   eX Automotive Family FPGAs
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
   54SX Family FPGAs
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
AX500-PQ208I MICROSEMI-AX500-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
logo
Actel Corporation
A1280A-1PG176C ACTEL-A1280A-1PG176C Datasheet
605Kb / 38P
   ACT2 Family FPGAs
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
   SX Family FPGAs
AX1000-1FGG896I ACTEL-AX1000-1FGG896I Datasheet
2Mb / 226P
   Axcelerator Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com