Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3756EUD-TRPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LT3756EUD-TRPBF
Description  100VIN, 100VOUT LED Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3756EUD-TRPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3756EUD-TRPBF Datasheet HTML 6Page - Linear Technology LT3756EUD-TRPBF Datasheet HTML 7Page - Linear Technology LT3756EUD-TRPBF Datasheet HTML 8Page - Linear Technology LT3756EUD-TRPBF Datasheet HTML 9Page - Linear Technology LT3756EUD-TRPBF Datasheet HTML 10Page - Linear Technology LT3756EUD-TRPBF Datasheet HTML 11Page - Linear Technology LT3756EUD-TRPBF Datasheet HTML 12Page - Linear Technology LT3756EUD-TRPBF Datasheet HTML 13Page - Linear Technology LT3756EUD-TRPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LT3756/LT3756-1
10
37561f
APPLICATIONS INFORMATION
INTVCC Regulator Bypassing and Operation
The INTVCC pin requires a capacitor for stable operation
and to store the charge for the large GATE switching cur-
rents. Choose a 10V rated low ESR, X7R or X5R ceramic
capacitor for best performance. The value of the capacitor
is determined primarily by the stability of the regulator
rather than the gate charge, QG, of the switching NMOS—a
4.7μF capacitor will be adequate for many applications.
Place the capacitor close to the IC to minimize the trace
length to the INTVCC pin and also to the IC ground.
An internal current limit on the INTVCC output protects
the LT3756 from excessive on-chip power dissipation.
The minimum value of this current should be considered
when choosing the switching NMOS and the operating
frequency.
IINTVCC can be calculated from the following equation:
IINTVCC = QG • fOSC
Careful choice of a lower QG FET will allow higher switch-
ing frequencies, leading to smaller magnetics. The INTVCC
pin has its own undervoltage disable (UVLO) set to 4.3V
(typical) to protect the external FETs from excessive power
dissipation caused by not being fully enhanced. If the
INTVCC pin drops below the UVLO threshold, the GATE
and PWMOUT pins will be forced to 0V and the soft-start
pin will be reset.
If the input voltage, VIN, will not exceed 7V, then the
INTVCC pin should be connected to the input supply. Be
aware that a small current (typically less than 10μA) will
load the INTVCC in shutdown. If VIN is normally above, but
occasionally drops below the INTVCC regulation voltage,
then the minimum operating VIN will be close to 6V. This
value is determined by the dropout voltage of the linear
regulator and the 4.5V (4.3V typical) INTVCC undervoltage
lockout threshold mentioned above.
SHDN/UVLO
LT3756
VIN
R2
3756 F01
R1
Figure 1
Programming the Turn-On and Turn-Off Thresholds
with the SHDN/UVLO Pin
The falling UVLO value can be accurately set by the resis-
tor divider. A small 2μA pull-down current is active when
SHDN/UVLO is below the 1.24V threshold. The purpose
of this current is to allow the user to program the rising
hysteresis. The following equations should be used to
determine the values of the resistors:
V
RR
R
IN FALLING
,
.•
=
+
124
12
2
VμA R
IN RISING HYST
,
= 21
LED Current Programming
The LED current is programmed by placing an appropriate
value current sense resistor between the ISP and ISN pins.
Typically, sensing of the current should be done at the top
of the LED string. If this option is not available, then the
current may be sensed at the bottom of the string, but take
caution that the minimum ISN value does not fall below
3V, which is the lower limit of the LED current regulation
function. The CTRL pin should be tied to a voltage higher
than 1.1V to get the full-scale 100mV (typical) threshold
across the sense resistor. The CTRL pin can also be used
to dim the LED current to zero, although relative accuracy
decreases with the decreasing voltage sense threshold.
When the CTRL pin voltage is less than 1.1V, the LED
current is:
I
VmV
R
LED
CTRL
LED
=
− 100
10


Similar Part No. - LT3756EUD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT3756EUD-1#PBF AD-LT3756EUD-1#PBF Datasheet
399Kb / 26P
   100VIN, 100VOUT LED Controller
LT3756EUD-2#PBF AD-LT3756EUD-2#PBF Datasheet
399Kb / 26P
   100VIN, 100VOUT LED Controller
More results

Similar Description - LT3756EUD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3756-1 LINER-LT3756-1_15 Datasheet
317Kb / 24P
   100VIN, 100VOUT LED Controller
LT3756-2 LINER-LT3756-2_15 Datasheet
317Kb / 24P
   100VIN, 100VOUT LED Controller
LT3756 LINER-LT3756_15 Datasheet
317Kb / 24P
   100VIN, 100VOUT LED Controller
logo
Analog Devices
LT3756 AD-LT3756 Datasheet
399Kb / 26P
   100VIN, 100VOUT LED Controller
logo
Linear Technology
LT8310 LINER-LT8310_15 Datasheet
425Kb / 36P
   100VIN Forward Converter Controller
logo
Analog Devices
LT8393 AD-LT8393 Datasheet
2Mb / 32P
   60VIN, 100VOUT Synchronous 4-Switch Buck-Boost LED Driver Controller with Low EMI
LT8300 AD-LT8300 Datasheet
1Mb / 24P
   100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
logo
Linear Technology
LT8303 LINER-LT8303 Datasheet
1Mb / 24P
   100VIN Micropower Isolated Flyback Converter with 150V/450mA Switch
logo
ELM Technology Corporat...
ELM916DA ELM-TECH-ELM916DA Datasheet
602Kb / 6P
   450V LED controller
logo
Linear Technology
LTC3205 LINER-LTC3205_15 Datasheet
257Kb / 16P
   Multidisplay LED Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com