Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3782AEFE-PBF Datasheet(PDF) 4 Page - Linear Technology

Part # LT3782AEFE-PBF
Description  2-Phase Step-Up DC/DC Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3782AEFE-PBF Datasheet(HTML) 4 Page - Linear Technology

  LT3782AEFE-PBF Datasheet HTML 1Page - Linear Technology LT3782AEFE-PBF Datasheet HTML 2Page - Linear Technology LT3782AEFE-PBF Datasheet HTML 3Page - Linear Technology LT3782AEFE-PBF Datasheet HTML 4Page - Linear Technology LT3782AEFE-PBF Datasheet HTML 5Page - Linear Technology LT3782AEFE-PBF Datasheet HTML 6Page - Linear Technology LT3782AEFE-PBF Datasheet HTML 7Page - Linear Technology LT3782AEFE-PBF Datasheet HTML 8Page - Linear Technology LT3782AEFE-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LT3782A
4
3782af
VCC (V)
6
20
18
16
12
14
10
8
6
4
2
0
22
3782A G02
10
8
121620
26
14
18
30
24
28
VCC (V)
6
30
3782A G03
12
18
24
27
9
15
21
3
2
1
0
–1
–2
–3
–4
–5
12
10
8
6
4
2
0
–2
–4
ΔFREQUENCY
ΔVREF
IGBIAS (mA)
0
10.5
100
3782A G01
10.0
10.6
10.1
10.7
10.2
10.8
10.3
10.9
10.4
50
11.0
The
denotes the specifications which apply over the full operating junction
temperature range, otherwise specifications are at TA = 25°C. VCC = 13V, RSET = 80k, no load on any outputs, unless otherwise noted.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3782AE is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 125°C operating
junction temperature range are assured by design, characterization and
correlation with statistical process controls. The LT3782AI is guaranteed
to meet performance specifications over the full –40°C to 125°C operating
junction temperature range.
Note 3: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
VGBIAS vs IGBIAS
ICC vs VCC
ΔVREF vs VCC, ΔFrequency vs VCC
(RSET = 80k)
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Gate Driver
VGBIAS
IGBIAS < 70mA
l
10.2
11
11.7
V
BGATE1, BGATE2 High Voltage
13V ≤ VCC ≤ 24V, IBGATE = –100mA
VCC = 8V, IBGATE = –100mA
l
l
7.8
3.8
9.2
5
10.5
V
V
BGATE1, BGATE2 Source Current (Peak)
Capacitive Load >22μF
Capacitive Load >50μF
3
4
A
A
BGATE1, BGATE2 Low Voltage
8V ≤ VCC ≤ 24V, IBGATE = 100mA
l
0.5
0.7
V
BGATE1, BGATE2 Sink Current (Peak)
Capacitive Load >22μF
Capacitive Load >50μF
3
4
A
A
SGATE1, SGATE2 High Voltage
8V ≤ VCC ≤ 24V, ISGATE = –20mA
l
4.5
5.5
6.7
V
SGATE1, SGATE2 Low Voltage
8V ≤ VCC ≤ 24V, ISGATE = 20mA
0.5
0.7
V
SGATE1, SGATE2 Peak Current
500pF Load
100
mA
Delay of BGATE High
DELAY Pin and RSET Pin Shorted
VDELAY = 1V
VDELAY = 0.5V
VDELAY = 0.25V
100
150
250
500
ns
ns
ns
ns
Delay Pin Input Current
VDELAY = 0.25V
l
–0.1
–0.3
μA
TA = 25°C unless otherwise noted.
TYPICAL PERFORMANCE CHARACTERISTICS


Similar Part No. - LT3782AEFE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3782A LINER-LT3782A_15 Datasheet
275Kb / 20P
   2-Phase Step-Up DC/DC Controller
More results

Similar Description - LT3782AEFE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3782 LINER-LT3782_15 Datasheet
233Kb / 20P
   2-Phase Step-UP DC/DC Controller
LT3782A LINER-LT3782A_15 Datasheet
275Kb / 20P
   2-Phase Step-Up DC/DC Controller
LT3782 LINER-LT3782 Datasheet
229Kb / 20P
   2-Phase Step-UP DC/DC Controller
logo
RICOH electronics devic...
R1211N002A RICOH-R1211N002A_06 Datasheet
512Kb / 40P
   STEP-UP DC/DC CONTROLLER
R1211X RICOH-R1211X Datasheet
375Kb / 33P
   Step-up DC/DC Controller
logo
Analog Intergrations Co...
AIC1630 AIC-AIC1630 Datasheet
374Kb / 11P
   2-Cell, Step-Up DC/DC Converter Controller
logo
E-CMOS Corporation
EC9215 E-CMOS-EC9215 Datasheet
1Mb / 15P
   Step-up DC/DC Controller
logo
Silicon Standard Corp.
SS6630 SSC-SS6630 Datasheet
616Kb / 13P
   Step-Up DC/DC Controller
logo
FOSLINK SEMICONDUCTOR C...
FSP3601 FOSLINK-FSP3601 Datasheet
336Kb / 14P
   STEP-UP DC/DC CONTROLLER
logo
TECHCODE SEMICONDUCTOR,...
TD8215 TECHCODE-TD8215 Datasheet
1Mb / 16P
   Step-up DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com