Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EX128-FTQ100 Datasheet(PDF) 1 Page - Actel Corporation

Part # EX128-FTQ100
Description  eX Automotive Family FPGAs
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

EX128-FTQ100 Datasheet(HTML) 1 Page - Actel Corporation

  EX128-FTQ100 Datasheet HTML 1Page - Actel Corporation EX128-FTQ100 Datasheet HTML 2Page - Actel Corporation EX128-FTQ100 Datasheet HTML 3Page - Actel Corporation EX128-FTQ100 Datasheet HTML 4Page - Actel Corporation EX128-FTQ100 Datasheet HTML 5Page - Actel Corporation EX128-FTQ100 Datasheet HTML 6Page - Actel Corporation EX128-FTQ100 Datasheet HTML 7Page - Actel Corporation EX128-FTQ100 Datasheet HTML 8Page - Actel Corporation EX128-FTQ100 Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
June 2006
i
© 2006 Actel Corporation
eX Automotive Family FPGAs
Specifications
3,000 to 12,000 Available System Gates
Maximum 512 Flip-Flops (Using CC Macros)
0.22
µm CMOS Process Technology
Up to 132 User-Programmable I/O Pins
Features
250 MHz Internal Performance, Low-Power Antifuse
FPGA
Advanced Small-Footprint Packages
Pin-to-Pin Compatibility with eX Commercial- and
Industrial-Grade Devices
Hot-Swap Compliant I/Os
Single-Chip Solution
•Nonvolatile
Live on Power-Up
No Power-Up/Down Sequence Required for Supply
Voltages
Configurable Weak Resistor Pull-Up or Pull-Down
for Tristated Outputs during Power-Up
Individual Output Slew-Rate Control
2.5 V and 3.3 V I/Os
Software Design Support with Actel Designer and
Libero® Integrated Design Environment (IDE)
Tools
Up to 100% Resource Utilization with 100% Pin
Locking
Deterministic Timing
Unique In-System Diagnostic and Verification
Capability with Silicon Explorer II
Boundary Scan Testing in Compliance with IEEE
Standard 1149.1 (JTAG)
FuseLock™
Secure
Programming
Technology
Prevents Reverse Engineering and Design Theft
Product Profile
e
u
Device
eX64
eX128
eX256
Capacity
System Gates
Typical Gates
3,000
2,000
6,000
4,000
12,000
8,000
Register Cells
Dedicated Flip-Flops
Maximum Flip-Flops
64
128
128
256
256
512
Combinatorial Cells
128
256
512
Maximum User I/Os
84
100
132
Global Clocks
Hardwired
Routed
1
2
1
2
1
2
Speed Grades*
Std.
Std.
Std.
Temperature Grades*
AA
A
Package (by pin count)
TQFP
CSP
64, 100
49, 128
64, 100
49, 128
100
128, 180
Note: * The eX family is also offered in commercial and industrial temperature grades with –F, –P, and Std. speed grades. Refer to the eX
Family FPGAs datasheet for more details.
v3.2


Similar Part No. - EX128-FTQ100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EX128-FTQ100 ETC1-EX128-FTQ100 Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Actel Corporation
EX128-FTQ100 ACTEL-EX128-FTQ100 Datasheet
433Kb / 49P
   eX Family FPGAs
EX128-FTQ100A ACTEL-EX128-FTQ100A Datasheet
433Kb / 49P
   eX Family FPGAs
logo
List of Unclassifed Man...
EX128-FTQ100I ETC1-EX128-FTQ100I Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Actel Corporation
EX128-FTQ100I ACTEL-EX128-FTQ100I Datasheet
433Kb / 49P
   eX Family FPGAs
More results

Similar Description - EX128-FTQ100

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
   eX Family FPGAs
logo
List of Unclassifed Man...
EX128 ETC1-EX128 Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Actel Corporation
A3P1000-1FGG144T ACTEL-A3P1000-1FGG144T Datasheet
4Mb / 136P
   Automotive ProASIC3 Flash Family FPGAs
A54SX16A-PQG208A ACTEL-A54SX16A-PQG208A Datasheet
515Kb / 68P
   SX-A Automotive Family FPGAs
APA1000-FG896A ACTEL-APA1000-FG896A Datasheet
85Kb / 10P
   Automotive-Grade ProASIC Flash Family FPGAs
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
   54SX Family FPGAs
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
AX500-PQ208I MICROSEMI-AX500-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
logo
Actel Corporation
A1280A-1PG176C ACTEL-A1280A-1PG176C Datasheet
605Kb / 38P
   ACT2 Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com