Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3800IFE-TRPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LT3800IFE-TRPBF
Description  High-Voltage Synchronous Current Mode Step-Down Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3800IFE-TRPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3800IFE-TRPBF Datasheet HTML 5Page - Linear Technology LT3800IFE-TRPBF Datasheet HTML 6Page - Linear Technology LT3800IFE-TRPBF Datasheet HTML 7Page - Linear Technology LT3800IFE-TRPBF Datasheet HTML 8Page - Linear Technology LT3800IFE-TRPBF Datasheet HTML 9Page - Linear Technology LT3800IFE-TRPBF Datasheet HTML 10Page - Linear Technology LT3800IFE-TRPBF Datasheet HTML 11Page - Linear Technology LT3800IFE-TRPBF Datasheet HTML 12Page - Linear Technology LT3800IFE-TRPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LT3800
9
3800fb
The onboard VCC regulator will provide gate drive power for
start-up under all conditions with total MOSFET gate charge
loads up to 180nC. The regulator can operate the LT3800
continuously, provided the VINvoltageand/orMOSFETgate
charge currents do not create excessive power dissipation
in the IC. Safe operating conditions for continuous regu-
lator use are shown in Figure 1. In applications where these
conditions are exceeded, VCC must be derived from an
external source after start-up.
APPLICATIO S I FOR ATIO
Charge Pump Doubler
TOTAL FET GATE CHARGE (nC)
0
10
20
30
40
50
60
70
50
100
150
200
3800 F01
SAFE
OPERATING
CONDITIONS
Figure 1. VCC Regulator Continuous Operating Conditions
VOUT
1
µF
B0520
B0520
1
µF
Si1555DL
LT3800
VCC
BG
VOUT
1
µF
B0520
B0520
1
µF
1
µF
Si1555DL
Si1555DL
LT3800
VCC
BG
B0520
3800 AI01
TG
VOUT
3800 AI04
VCC
SW
BG
N
LT3800
Inductor Auxiliary Winding
Charge Pump Tripler
In LT3800 converter applications with output voltages in
the 9V to 20V range, back-feeding VCC and VBOOST from
the converter output is trivial, accomplished by connect-
ing diodes from the output to these supply pins. Deriving
these supplies from output voltages greater than 20V will
require additional regulation to reduce the feedback volt-
age. Outputs lower than 9V will require step-up techniques
to increase the feedback voltage to something greater than
the 8V VCC regulated output. Low power boost switchers
are sometimes used to provide the step-up function, but
a simple charge-pump can perform this function in many
instances.


Similar Part No. - LT3800IFE-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3800 LINER-LT3800 Datasheet
312Kb / 26P
   Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start
LT3800 LINER-LT3800 Datasheet
205Kb / 24P
   High Voltage, Current Mode Switching Regulator Controller with Programmable Operating Frequency
LT3800 LINER-LT3800_15 Datasheet
264Kb / 24P
   High-Voltage Synchronous Current Mode Step-Down Controller
More results

Similar Description - LT3800IFE-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3800 LINER-LT3800_15 Datasheet
264Kb / 24P
   High-Voltage Synchronous Current Mode Step-Down Controller
RH3845MK LINER-RH3845MK_15 Datasheet
103Kb / 6P
   High Voltage Synchronous Step-Down Controller
LT3845 LINER-LT3845_1 Datasheet
254Kb / 26P
   High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
LT3845 LINER-LT3845 Datasheet
229Kb / 24P
   High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
LT3845A LINER-LT3845A_15 Datasheet
293Kb / 26P
   High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
LT3845 LINER-LT3845_15 Datasheet
259Kb / 26P
   High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
logo
Monolithic Power System...
MP9928 MPS-MP9928 Datasheet
1Mb / 25P
   4V-60V Input, Current Mode, Synchronous Step-Down Controller
EV9928-F-00B MPS-EV9928-F-00B Datasheet
660Kb / 9P
   60V Current Mode, Synchronous Step-Down Controller Evaluation Board
MP2908A MPS-MP2908A Datasheet
1Mb / 22P
   4V-60V Input, Current Mode, Synchronous Step-Down Controller
EV9928-L-00C MPS-EV9928-L-00C Datasheet
758Kb / 9P
   60V Current Mode, Synchronous Step-Down Controller Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com