Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3800IFE-TRPBF Datasheet(PDF) 1 Page - Linear Technology

Part # LT3800IFE-TRPBF
Description  High-Voltage Synchronous Current Mode Step-Down Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3800IFE-TRPBF Datasheet(HTML) 1 Page - Linear Technology

  LT3800IFE-TRPBF Datasheet HTML 1Page - Linear Technology LT3800IFE-TRPBF Datasheet HTML 2Page - Linear Technology LT3800IFE-TRPBF Datasheet HTML 3Page - Linear Technology LT3800IFE-TRPBF Datasheet HTML 4Page - Linear Technology LT3800IFE-TRPBF Datasheet HTML 5Page - Linear Technology LT3800IFE-TRPBF Datasheet HTML 6Page - Linear Technology LT3800IFE-TRPBF Datasheet HTML 7Page - Linear Technology LT3800IFE-TRPBF Datasheet HTML 8Page - Linear Technology LT3800IFE-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LT3800
1
3800fb
TYPICAL APPLICATIO
APPLICATIO S
FEATURES
Wide 4V to 60V Input Voltage Range
Output Voltages up to 36V
Adaptive Nonoverlap Circuitry Prevents Switch
Shoot-Through
Reverse Inductor Current Inhibit for Discontinuous
Operation Improves Efficiency with Light Loads
Output Slew Rate Controlled Soft-Start with
Auto-Reset
100
µA No Load Quiescent Current
Low 10
µA Current Shutdown
1% Regulation Accuracy
200kHz Operating Frequency
Standard Gate N-Channel Power MOSFETs
Current Limit Unaffected by Duty Cycle
Reverse Overcurrent Protection
16-Lead Thermally Enhanced TSSOP Package
High-Voltage Synchronous
Current Mode Step-Down
Controller
The LT
®3800 is a 200kHz fixed frequency high voltage
synchronous current mode step-down switching regula-
tor controller. The IC drives standard gate N-channel power
MOSFETs and can operate with input voltages from 4V to
60V. An onboard regulator provides IC power directly from
VIN and provides for output-derived power to minimize VIN
quiescent current. MOSFET drivers employ an internal
dynamic bootstrap feature, maximizing gate-source “ON”
voltages during normal operation for improved operating
efficiencies. The LT3800 incorporates Burst Mode
® opera-
tion, which reduces no load quiescent current to under
100
µA. Light load efficiencies are also improved through
a reverse inductor current inhibit, allowing the controller
to support discontinuous operation. Both Burst Mode
operation and the reverse-current inhibit features can be
disabled if desired. The LT3800 incorporates a program-
mable soft-start that directly controls the voltage slew rate
of the converter output for reduced startup surge currents
and overshoot errors. The LT3800 is available in a 16-lead
thermally enhanced TSSOP package.
DESCRIPTIO
12V and 42V Automotive and Heavy Equipment
48V Telecom Power Supplies
Avionics and Industrial Control Systems
Distributed Power Converters
12V 75W DC/DC Converter with Reverse Current Inhibit and Input UVLO
Efficiency and Power Loss
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
Burst Mode is a registered trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Protected by U.S. Patents, including 5481178, 6611131, 6304066, 6498466, 6580258.
VIN
SHDN
CSS
BURST_EN
VFB
VC
SENSE
BOOST
TG
SW
VCC
BG
PGND
SENSE+
LT3800
SGND
1.5nF
200k
100pF
680pF
174k
1%
20k
1%
82.5k
1M
82.5k
0.015
BAS19
1N4148
1
µF
1
µF
1
µF
×3
56
µF
×2
+
10
µF
270
µF
+
Si7850DP
Si7370DP
B160
15
µH
VIN
20V TO 55V
VOUT
12V AT 75W
3800 TA01a
ILOAD (A)
100
95
90
3800 TA01b
70
75
85
80
6
5
4
0
1
3
2
10
0.1
1
VIN = 24V
LOSS (48V)
VIN = 48V
VIN = 60V
VIN = 36V


Similar Part No. - LT3800IFE-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3800 LINER-LT3800 Datasheet
312Kb / 26P
   Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start
LT3800 LINER-LT3800 Datasheet
205Kb / 24P
   High Voltage, Current Mode Switching Regulator Controller with Programmable Operating Frequency
LT3800 LINER-LT3800_15 Datasheet
264Kb / 24P
   High-Voltage Synchronous Current Mode Step-Down Controller
More results

Similar Description - LT3800IFE-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3800 LINER-LT3800_15 Datasheet
264Kb / 24P
   High-Voltage Synchronous Current Mode Step-Down Controller
RH3845MK LINER-RH3845MK_15 Datasheet
103Kb / 6P
   High Voltage Synchronous Step-Down Controller
LT3845 LINER-LT3845_1 Datasheet
254Kb / 26P
   High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
LT3845 LINER-LT3845 Datasheet
229Kb / 24P
   High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
LT3845A LINER-LT3845A_15 Datasheet
293Kb / 26P
   High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
LT3845 LINER-LT3845_15 Datasheet
259Kb / 26P
   High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
logo
Monolithic Power System...
MP9928 MPS-MP9928 Datasheet
1Mb / 25P
   4V-60V Input, Current Mode, Synchronous Step-Down Controller
EV9928-F-00B MPS-EV9928-F-00B Datasheet
660Kb / 9P
   60V Current Mode, Synchronous Step-Down Controller Evaluation Board
MP2908A MPS-MP2908A Datasheet
1Mb / 22P
   4V-60V Input, Current Mode, Synchronous Step-Down Controller
EV9928-L-00C MPS-EV9928-L-00C Datasheet
758Kb / 9P
   60V Current Mode, Synchronous Step-Down Controller Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com