Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3825EFE-TR Datasheet(PDF) 10 Page - Linear Technology

Part # LT3825EFE-TR
Description  Isolated No-Opto Synchronous Flyback Controller with Wide Input Supply Range
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3825EFE-TR Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3825EFE-TR Datasheet HTML 6Page - Linear Technology LT3825EFE-TR Datasheet HTML 7Page - Linear Technology LT3825EFE-TR Datasheet HTML 8Page - Linear Technology LT3825EFE-TR Datasheet HTML 9Page - Linear Technology LT3825EFE-TR Datasheet HTML 10Page - Linear Technology LT3825EFE-TR Datasheet HTML 11Page - Linear Technology LT3825EFE-TR Datasheet HTML 12Page - Linear Technology LT3825EFE-TR Datasheet HTML 13Page - Linear Technology LT3825EFE-TR Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LT3825
10
3525fa
OPERATION
The LT3825 is a current mode switcher controller IC de-
signed specifically for use in an isolated flyback topology
employing synchronous rectification. The LT3825 operation
is similar to traditional current mode switchers. The major
difference is that output voltage feedback is derived via
sensing the output voltage through the transformer. This
precludes the need of an optoisolator in isolated designs
greatly improving dynamic response and reliability. The
LT3825 has a unique feedback amplifier that samples a
transformer winding voltage during the flyback period and
uses that voltage to control output voltage.
The internal blocks are similar to many current mode
controllers. The differences lie in the flyback feedback
amplifier and load compensation circuitry. The logic block
also contains circuitry to control the special dynamic
requirements of flyback control.
For more information on the basics of current mode
switcher/controllers and isolated flyback converters see
Application Note 19.
Feedback Amplifier—Pseudo DC Theory
For the following discussion refer to the simplified Fly-
back Feedback Amplifier diagram. When the primary side
MOSFET switch MP turns off, its drain voltage rises above
the VIN rail. Flyback occurs when the primary MOSFET is
off and the synchronous secondary MOSFET is on. Dur-
ing flyback the voltage on nondriven transformer pins is
determined by the secondary voltage. The amplitude of this
flyback pulse as seen on the third winding is given as:
V
VI
ESR R
N
FLBK
OUT
SEC
DS ON
SF
=
++
()
()
RDS(ON) = on resistance of the synchronous MOSFET MS
ISEC = transformer secondary current
ESR = impedance of secondary circuit capacitor, winding
and traces
NSF=transformereffectivesecondary-to-feedbackwinding
turns ratio (i.e., NS/NFLBK)
The flyback voltage is scaled by an external resistive divider
R1/R2 and presented at the FB pin. The feedback amplifier
compares the voltage to the internal bandgap reference.
The feedback amp is actually a transconductance ampli-
fier whose output is connected to VC only during a period
in the flyback time. An external capacitor on the VC pin
integrates the net feedback amp current to provide the
control voltage to set the current mode trip point.
The regulation voltage at the FB pin is nearly equal to the
bandgap reference VFB because of the high gain in the
overall loop. The relationship between VFLBK and VFB is
expressed as:
V
RR
R
V
FLBK
FB
=
+
12
2
Combining this with the previous VFLBK expression yields
an expression for VOUT in terms of the internal reference,
programming resistors and secondary resistances:
VOUT =
R1+ R2
R2
•VFB •NSF –ISEC •ESR +RDS(ON)
()
The effect of nonzero secondary output impedance is dis-
cussed in further detail; see Load Compensation Theory.
The practical aspects of applying this equation for VOUT
are found in the Applications Information.
Feedback Amplifier Dynamic Theory
So far, this has been a pseudo-DC treatment of flyback
feedback amplifier operation. But the flyback signal is a
pulse, not a DC level. Provision must be made to enable
the flyback amplifier only when the flyback pulse is present.
This is accomplished by the “Enable” line in the diagram.
Timing signals are then required to enable and disable the
flyback amplifier. There are several timing signals which
are required for proper LT3825 operation. Please refer to
the Timing Diagram.
Minimum Output Switch On Time (tON(MIN))
The LT3825 affects output voltage regulation via flyback
pulse action. If the output switch is not turned on, there
is no flyback pulse and output voltage information is
not available. This causes irregular loop response and
start-up/latch-up problems. The solution is to require the
primary switch to be on for an absolute minimum time
per each oscillator cycle. If the output load is less than


Similar Part No. - LT3825EFE-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3825 LINER-LT3825 Datasheet
343Kb / 24P
   10A High Effi ciency DC/DC 關Module
LT3825 LINER-LT3825 Datasheet
574Kb / 26P
   Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LT3825 LINER-LT3825_15 Datasheet
386Kb / 32P
   Isolated No-Opto Synchronous Flyback Controller with Wide Input Supply Range
More results

Similar Description - LT3825EFE-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3825 LINER-LT3825_15 Datasheet
386Kb / 32P
   Isolated No-Opto Synchronous Flyback Controller with Wide Input Supply Range
LT3837 LINER-LT3837_15 Datasheet
321Kb / 28P
   Isolated No-Opto Synchronous Flyback Controller
LT3837 LINER-LT3837 Datasheet
250Kb / 28P
   Isolated No-Opto Synchronous Flyback Controller
LTC4278 LINER-LTC4278_12 Datasheet
504Kb / 42P
   Synchronous No-Opto Flyback Controller
LT3798 LINER-LT3798 Datasheet
257Kb / 20P
   Isolated No Opto-Coupler Flyback Controller
logo
Maxim Integrated Produc...
MAX17690 MAXIM-MAX17690_17 Datasheet
802Kb / 22P
   60V, No-Opto Isolated Flyback Controller
Rev 1; 12/16
logo
Linear Technology
LT3798 LINER-LT3798_15 Datasheet
418Kb / 20P
   Isolated No Opto-Coupler Flyback Controller with Active PFC
LTC4269-1 LINER-LTC4269-1 Datasheet
391Kb / 44P
   IEEE 802.3at PD with Synchronous No-Opto Flyback Controller
LTC4269-1 LINER-LTC4269-1_15 Datasheet
383Kb / 44P
   IEEE 802.3at PD with Synchronous No-Opto Flyback Controller
LTC4268-1 LINER-LTC4268-1_15 Datasheet
424Kb / 46P
   High Power PD With Synchronous No-Opto Flyback Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com