Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3782AIUFD Datasheet(PDF) 1 Page - Linear Technology

Part # LT3782AIUFD
Description  2-Phase Step-Up DC/DC Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3782AIUFD Datasheet(HTML) 1 Page - Linear Technology

  LT3782AIUFD Datasheet HTML 1Page - Linear Technology LT3782AIUFD Datasheet HTML 2Page - Linear Technology LT3782AIUFD Datasheet HTML 3Page - Linear Technology LT3782AIUFD Datasheet HTML 4Page - Linear Technology LT3782AIUFD Datasheet HTML 5Page - Linear Technology LT3782AIUFD Datasheet HTML 6Page - Linear Technology LT3782AIUFD Datasheet HTML 7Page - Linear Technology LT3782AIUFD Datasheet HTML 8Page - Linear Technology LT3782AIUFD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT3782A
1
3782af
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
2-Phase Step-Up
DC/DC Controller
The LT®3782A is a current mode 2-phase step-up DC/DC
converter controller. Its high switching frequency (up to
500kHz) and 2-phase operation reduce system filtering
capacitance and inductance requirements.
With 10V gate drive (VCC ≥13V) and 4A peak drive current,
the LT3782A can drive most industrial grade high power
MOSFETs with high efficiency. For synchronous applica-
tions, the LT3782A provides synchronous gate signals
with programmable falling edge delay to avoid cross
conduction when using external MOSFET drivers. Other
features include programmable undervoltage lockout,
soft-start, current limit, duty cycle clamp (50% or higher)
and slope compensation. The LT3782A is identical to the
LT3782 except that the LT3782A has a tighter current sense
mismatch tolerance.
The LT3782A is available in thermally enhanced 28-lead
TSSOP and 4mm × 5mm QFN packages.
n Industrial Equipment
n Telecom Infrastructure
n Interleaved Isolated Power Supply
n 2-Phase Operation Reduces Required Input and
Output Capacitance
n Programmable Switching Frequency:
150kHz to 500kHz
n 6V to 40V Input Range
n 10V Gate Drive with VCC ≥13V
n High Current Gate Drive (4A)
n Programmable Soft-Start and Current Limit
n Programmable Slope Compensation for
High Noise Immunity
n MOSFET Gate Signals with Programmable
Falling Edge Delay for External Synchronous
Drivers
n Programmable Undervoltage Lockout
n Programmable Duty Cycle Clamp (50% or Higher)
n Thermally Enhanced 28-Lead TSSOP and 4mm × 5mm
QFN Packages
50V 4A Boost Converter
3782A TA01
6.8nF
13k
0.1μF
10nF
10μF
×2
80k
59k
0.004Ω
1μF
274k
825k
220μF
VOUT
50V, 4A
VIN
10V TO 36V
+
2μF
20μH
20μH
0.004Ω
LT3782A
VCC
RUN
SLOPE
DELAY
DCL
RSET
SS
VC
GBIAS2
GBIAS
BGATE1
VEE1
BGATE2
VEE2
SENSE1+
SENSE1
SENSE2+
SENSE2
FB
GND
GBIAS1
10Ω
10nF
10Ω
475k
D1
D2
100pF
24.9k
10μF
×2
Efficiency and Power Loss
vs Load Current
IOUT (A)
0
4
3782A TA01b
18
15
12
9
6
3
0
1
2
3
5
VIN = 12V
VIN = 12V
VIN = 24V
VIN = 24V
EFFICIENCY
POWER LOSS
97
93
95
91
89
87
85
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Protected by U.S. Patents, including 6144194.


Similar Part No. - LT3782AIUFD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3782A LINER-LT3782A_15 Datasheet
275Kb / 20P
   2-Phase Step-Up DC/DC Controller
More results

Similar Description - LT3782AIUFD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3782 LINER-LT3782_15 Datasheet
233Kb / 20P
   2-Phase Step-UP DC/DC Controller
LT3782A LINER-LT3782A_15 Datasheet
275Kb / 20P
   2-Phase Step-Up DC/DC Controller
LT3782 LINER-LT3782 Datasheet
229Kb / 20P
   2-Phase Step-UP DC/DC Controller
logo
RICOH electronics devic...
R1211N002A RICOH-R1211N002A_06 Datasheet
512Kb / 40P
   STEP-UP DC/DC CONTROLLER
R1211X RICOH-R1211X Datasheet
375Kb / 33P
   Step-up DC/DC Controller
logo
Analog Intergrations Co...
AIC1630 AIC-AIC1630 Datasheet
374Kb / 11P
   2-Cell, Step-Up DC/DC Converter Controller
logo
E-CMOS Corporation
EC9215 E-CMOS-EC9215 Datasheet
1Mb / 15P
   Step-up DC/DC Controller
logo
Silicon Standard Corp.
SS6630 SSC-SS6630 Datasheet
616Kb / 13P
   Step-Up DC/DC Controller
logo
FOSLINK SEMICONDUCTOR C...
FSP3601 FOSLINK-FSP3601 Datasheet
336Kb / 14P
   STEP-UP DC/DC CONTROLLER
logo
TECHCODE SEMICONDUCTOR,...
TD8215 TECHCODE-TD8215 Datasheet
1Mb / 16P
   Step-up DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com