Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3972EDD-TRPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LT3972EDD-TRPBF
Description  33V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75關A Quiescent Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3972EDD-TRPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3972EDD-TRPBF Datasheet HTML 7Page - Linear Technology LT3972EDD-TRPBF Datasheet HTML 8Page - Linear Technology LT3972EDD-TRPBF Datasheet HTML 9Page - Linear Technology LT3972EDD-TRPBF Datasheet HTML 10Page - Linear Technology LT3972EDD-TRPBF Datasheet HTML 11Page - Linear Technology LT3972EDD-TRPBF Datasheet HTML 12Page - Linear Technology LT3972EDD-TRPBF Datasheet HTML 13Page - Linear Technology LT3972EDD-TRPBF Datasheet HTML 14Page - Linear Technology LT3972EDD-TRPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LT3972
11
3972f
Table 1. Inductor Vendors
VENDOR
URL
PART SERIES
TYPE
Murata
www.murata.com
LQH55D
Open
TDK
www.componenttdk.com
SLF10145
Shielded
Toko
www.toko.com
D75C
D75F
Shielded
Open
Sumida
www.sumida.com
CDRH74
CR75
CDRH8D43
Shielded
Open
Shielded
NEC
www.nec.com
MPLC073
MPBI0755
Shielded
Shielded
Of course, such a simple design guide will not always re-
sult in the optimum inductor for your application. A larger
value inductor provides a slightly higher maximum load
current and will reduce the output voltage ripple. If your
load is lower than 3.5A, then you can decrease the value
of the inductor and operate with higher ripple current. This
allows you to use a physically smaller inductor, or one
with a lower DCR resulting in higher efficiency. There are
several graphs in the Typical Performance Characteristics
section of this data sheet that show the maximum load
current as a function of input voltage and inductor value
for several popular output voltages. Low inductance may
result in discontinuous mode operation, which is okay
but further reduces maximum load current. For details of
maximum output current and discontinuous mode opera-
tion, see Linear Technology Application Note 44. Finally,
for duty cycles greater than 50% (VOUT/VIN > 0.5), there
is a minimum inductance required to avoid subharmonic
oscillations. See AN19.
Input Capacitor
Bypass the input of the LT3972 circuit with a ceramic
capacitor of X7R or X5R type. Y5V types have poor
performance over temperature and applied voltage, and
should not be used. A 10μF to 22μF ceramic capacitor is
adequate to bypass the LT3972 and will easily handle the
ripple current. Note that larger input capacitance is required
when a lower switching frequency is used. If the input
power source has high impedance, or there is significant
inductance due to long wires or cables, additional bulk
capacitance may be necessary. This can be provided with
a lower performance electrolytic capacitor.
Step-down regulators draw current from the input sup-
ply in pulses with very fast rise and fall times. The input
capacitor is required to reduce the resulting voltage
ripple at the LT3972 and to force this very high frequency
switching current into a tight local loop, minimizing EMI.
A 10μF capacitor is capable of this task, but only if it is
placed close to the LT3972 and the catch diode (see the
PCB Layout section). A second precaution regarding the
ceramic input capacitor concerns the maximum input
voltage rating of the LT3972. A ceramic input capacitor
combined with trace or cable inductance forms a high
quality (under damped) tank circuit. If the LT3972 circuit
is plugged into a live supply, the input voltage can ring to
twice its nominal value, possibly exceeding the LT3972’s
voltage rating. This situation is easily avoided (see the Hot
Plugging Safety section).
For space sensitive applications, a 4.7μF ceramic capaci-
tor can be used for local bypassing of the LT3972 input.
However, the lower input capacitance will result in in-
creased input current ripple and input voltage ripple, and
may couple noise into other circuitry. Also, the increased
voltage ripple will raise the minimum operating voltage
of the LT3972 to ~3.7V.
Output Capacitor and Output Ripple
The output capacitor has two essential functions. Along
with the inductor, it filters the square wave generated by the
LT3972 to produce the DC output. In this role it determines
the output ripple, and low impedance at the switching
frequency is important. The second function is to store
energy in order to satisfy transient loads and stabilize the
LT3972’s control loop. Ceramic capacitors have very low
equivalent series resistance (ESR) and provide the best
ripple performance. A good starting value is:
C
Vf
OUT
OUT SW
=
100
where fSW is in MHz, and COUT is the recommended
output capacitance in μF. Use X5R or X7R types. This
choice will provide low output ripple and good transient
response. Transient performance can be improved with
a higher value capacitor if the compensation network is
also adjusted to maintain the loop bandwidth. A lower
APPLICATIONS INFORMATION


Similar Part No. - LT3972EDD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3972 LINER-LT3972 Datasheet
2Mb / 28P
   36V, 4A, 1.5MHz Synchronous Step-Down Switching Regulator
LT3972 LINER-LT3972_15 Datasheet
343Kb / 24P
   33V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75A Quiescent Current
More results

Similar Description - LT3972EDD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3972 LINER-LT3972_15 Datasheet
343Kb / 24P
   33V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75A Quiescent Current
LT3680 LINER-LT3680 Datasheet
307Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75關A Quiescent Current
LT3680 LINER-LT3680_15 Datasheet
308Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75A Quiescent Current
LT3480 LINER-LT3480 Datasheet
298Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator with 70關A Quiescent Current
LT1913 LINER-LT1913 Datasheet
292Kb / 24P
   25V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT3693 LINER-LT3693 Datasheet
310Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT1913 LINER-LT1913_15 Datasheet
290Kb / 24P
   25V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT3693 LINER-LT3693_15 Datasheet
313Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT8610AC LINER-LT8610AC Datasheet
544Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
LT3480 LINER-LT3480_15 Datasheet
384Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator with 70A Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com