Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT4356-1 Datasheet(PDF) 5 Page - Linear Technology

Part # LT4356-1
Description  Overvoltage Protection Regulator and Inrush Limiter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4356-1 Datasheet(HTML) 5 Page - Linear Technology

  LT4356-1 Datasheet HTML 1Page - Linear Technology LT4356-1 Datasheet HTML 2Page - Linear Technology LT4356-1 Datasheet HTML 3Page - Linear Technology LT4356-1 Datasheet HTML 4Page - Linear Technology LT4356-1 Datasheet HTML 5Page - Linear Technology LT4356-1 Datasheet HTML 6Page - Linear Technology LT4356-1 Datasheet HTML 7Page - Linear Technology LT4356-1 Datasheet HTML 8Page - Linear Technology LT4356-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT4356-1
5
43561fd
TYPICAL PERFORMANCE CHARACTERISTICS
ΔVGATE vs IGATE
ΔVGATE vs Temperature
ΔVGATE vs VCC
Overvoltage TMR Current
vs (VCC – VOUT)
Overcurrent TMR Current
vs (VCC – VOUT)
Warning Period TMR Current
vs VCC
TMR Pull-Down Current
vs Temperature
Output Low Voltage vs Current
IGATE (μA)
0
0
4
2
6
8
10
4
8
12
16
43561 G09
12
14
2
6
10
14
VOUT = 12V
TEMPERATURE (°C)
–50
0
50
100
125
–25
25
75
0
4
2
6
8
10
4356 G10
12
14
IGATE = –1μA
VCC = 8V
VCC = 4V
VCC (V)
0
20406080
43561 G11
10
30
50
70
0
4
2
6
8
10
12
14
IGATE = –1μA
VOUT = VCC
TA = –40°C
TA = 25°C
TA = 0°C
VCC – VOUT (V)
0
0
8
16
24
32
20
40
60
80
43561 G12
40
48
10
30
50
70
OVERVOLTAGE CONDITION
VOUT = 5V
VTMR = 1V
VCC – VOUT (V)
0
0
40
80
120
160
20
40
60
80
43561 G13
200
280
240
10
30
50
70
OVERCURRENT CONDITION
VOUT = 0V
VTMR = 1V
VCC (V)
0
20406080
43561 G14
10
30
50
70
0
4
2
6
8
10
12
14
OVERVOLTAGE, EARLY
WARNING PERIOD
VFB = 1.5V
VTMR = 1.3V
TEMPERATURE (°C)
–50
0
0
50
100
125
43561 G15
3.0
2.5
2.0
1.5
1.0
0.5
–25
25
75
VTMR = 1V
CURRENT (mA)
0
0
1.0
2.0
3.0
0.5
1.5
2.5
3.5
2.0
3.0
43561 G16
4.0
1.0
0.5
2.5
1.5
AOUT
EN
FLT
Specifications are at VCC = 12V, TA = 25°C
unless otherwise noted.


Similar Part No. - LT4356-1

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT4356-1 LINEAR-LT4356-1 Datasheet
241Kb / 26P
   Surge Stopper
logo
Analog Devices
LT4356-1 AD-LT4356-1 Datasheet
476Kb / 26P
   Surge Stopper
logo
Linear Technology
LT4356-1 LINER-LT4356-1 Datasheet
289Kb / 24P
   Surge Stopper with Ideal Diode
LT4356-1 LINER-LT4356-1_15 Datasheet
241Kb / 26P
   Surge Stopper
More results

Similar Description - LT4356-1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6496EVKIT MAXIM-MAX6496EVKIT Datasheet
96Kb / 4P
   Selectable Overvoltage Mode and Overvoltage-Limiter Mode
Rev 0; 9/07
MAX6495EVKIT MAXIM-MAX6495EVKIT Datasheet
195Kb / 7P
   Selectable Overvoltage Mode and Overvoltage Limiter Mode
Rev 2; 12/06
logo
Freescale Semiconductor...
CL-21 FREESCALE-CL-21 Datasheet
112Kb / 4P
   NTC Inrush Current Limiter
logo
List of Unclassifed Man...
MHIC-48100A ETC1-MHIC-48100A Datasheet
197Kb / 1P
   Inrush Current Limiter HIC
logo
STMicroelectronics
STIL STMICROELECTRONICS-STIL Datasheet
155Kb / 11P
   AC INRUSH CURRENT LIMITER
logo
Freescale Semiconductor...
CL-60 FREESCALE-CL-60 Datasheet
112Kb / 4P
   NTC Inrush Current Limiter
logo
List of Unclassifed Man...
CL-11 ETC-CL-11 Datasheet
439Kb / 4P
   NTC Inrush Current Limiter
10/2022
logo
STMicroelectronics
STIL02-P5 STMICROELECTRONICS-STIL02-P5 Datasheet
60Kb / 7P
   AC inrush current limiter
STIL04-P5 STMICROELECTRONICS-STIL04-P5 Datasheet
61Kb / 7P
   AC inrush current limiter
logo
Amphenol Corporation
AAS-920-325D AMPHENOL-AAS-920-325D Datasheet
68Kb / 4P
   NTC Inrush Current Limiter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com