Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5503EFE-TRPBF Datasheet(PDF) 2 Page - Linear Technology

Part # LT5503EFE-TRPBF
Description  1.2GHz to 2.7GHz Direct IQ Modulator and Mixer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5503EFE-TRPBF Datasheet(HTML) 2 Page - Linear Technology

  LT5503EFE-TRPBF Datasheet HTML 1Page - Linear Technology LT5503EFE-TRPBF Datasheet HTML 2Page - Linear Technology LT5503EFE-TRPBF Datasheet HTML 3Page - Linear Technology LT5503EFE-TRPBF Datasheet HTML 4Page - Linear Technology LT5503EFE-TRPBF Datasheet HTML 5Page - Linear Technology LT5503EFE-TRPBF Datasheet HTML 6Page - Linear Technology LT5503EFE-TRPBF Datasheet HTML 7Page - Linear Technology LT5503EFE-TRPBF Datasheet HTML 8Page - Linear Technology LT5503EFE-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT5503
2
5503f
1
2
3
4
5
6
7
8
9
10
TOP VIEW
20
19
18
17
16
15
14
13
12
11
BQ
BQ+
GC1
MODIN
VCCMOD
VCCRF
LO1
VCCLO1
DMODE
MX+
BI
BI+
GC2
MODOUT
VCCVGA
VCCLO2
LO2
MODEN
MIXEN
MX
FE PACKAGE
20-LEAD PLASTIC TSSOP
21
Supply Voltage ...................................................... 5.5V
Control Voltages .......................... –0.3V to (VCC + 0.3V)
Baseband Voltages (BI+ to BIand BQ+ to BQ) ......
±2V
Baseband Common Mode Voltage .....1V to (VCC – 0.3V)
LO1 Input Power .................................................. 4dBm
LO2 Input Power .................................................. 4dBm
MODIN Input Power ............................................. 4dBm
Operating Temperature Range .................–40
°C to 85°C
Storage Temperature Range ..................–65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
TJMAX = 150°C, θJA = 38°C/W
EXPOSED PAD IS GND (PIN 21)
MUST BE SOLDERED TO PCB
ABSOLUTE
AXI U
RATI GS
(Note 1)
ORDER I FOR ATIO
PI CO FIGURATIO
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT5503EFE#PBF
LT5503EFE#TRPBF
5503
20-Lead Plastic TSSOP
–40
°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/


Similar Part No. - LT5503EFE-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5503EFE LINER-LT5503EFE Datasheet
210Kb / 20P
   1.2GHz to 2.7GHz Direct IQ Modulator and Mixer
More results

Similar Description - LT5503EFE-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5503 LINER-LT5503_15 Datasheet
227Kb / 20P
   1.2GHz to 2.7GHz Direct IQ Modulator and Mixer
LT5503 LINER-LT5503 Datasheet
210Kb / 20P
   1.2GHz to 2.7GHz Direct IQ Modulator and Mixer
logo
Teledyne Technologies I...
IQM2811 TELEDYNE-IQM2811 Datasheet
268Kb / 2P
   IQ MIXER MODULATOR/DEMODULATOR
IQM4221 TELEDYNE-IQM4221 Datasheet
272Kb / 2P
   1.9 TO 4.2 GHz IQ MIXER MODULATOR/DEMODULATOR
IQM11621 TELEDYNE-IQM11621 Datasheet
241Kb / 2P
   6.0 TO 10.8 GHz IQ MIXER MODULATOR/DEMODULATOR
logo
Qorvo, Inc
RFMD2080 QORVO-RFMD2080 Datasheet
3Mb / 19P
   45MHz TO 2700MHz IQ MODULATOR WITH 45MHz TO 2700MHz IQ MODULATOR WITH
logo
Infineon Technologies A...
PMB2208 INFINEON-PMB2208 Datasheet
766Kb / 27P
   Mixer and IF Vector Modulator
V1.2 August 1999
logo
Linear Technology
LT5578 LINER-LT5578 Datasheet
212Kb / 16P
   0.4GHz to 2.7GHz High Linearity Upconverting Mixer
LT5578 LINER-LT5578_15 Datasheet
217Kb / 16P
   0.4GHz to 2.7GHz High Linearity Upconverting Mixer
logo
Mini-Circuits
SMIQ-653H-D++ MINI-SMIQ-653H-D+ Datasheet
1Mb / 17P
   IQ Mixer
REV. OR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com